Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

501R29W104MF4E Datasheet(PDF) 6 Page - Johanson Technology Inc.

Part # 501R29W104MF4E
Description  ceramic capacitor solutions
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JOHANSON [Johanson Technology Inc.]
Direct Link  http://www.johansontechnology.com
Logo JOHANSON - Johanson Technology Inc.

501R29W104MF4E Datasheet(HTML) 6 Page - Johanson Technology Inc.

Back Button 501R29W104MF4E Datasheet HTML 2Page - Johanson Technology Inc. 501R29W104MF4E Datasheet HTML 3Page - Johanson Technology Inc. 501R29W104MF4E Datasheet HTML 4Page - Johanson Technology Inc. 501R29W104MF4E Datasheet HTML 5Page - Johanson Technology Inc. 501R29W104MF4E Datasheet HTML 6Page - Johanson Technology Inc. 501R29W104MF4E Datasheet HTML 7Page - Johanson Technology Inc. 501R29W104MF4E Datasheet HTML 8Page - Johanson Technology Inc. 501R29W104MF4E Datasheet HTML 9Page - Johanson Technology Inc. 501R29W104MF4E Datasheet HTML 10Page - Johanson Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
6
www.johanson dielectrics.com
CASE SIZE
CAPACITANCE SELECTION
JDI /EIA
Rated
Voltage
NPO Dielectric
X7R Dielectric
Inches
(mm)
Minimum
Maximum
Minimum
Maximum
R15/0805
L
W
T
E/B
.080 ±.010
.050 ±.010
.055 Max.
.020 ±.010
(2.03 ±.25)
(1.27 ±.25)
(1.40)
(0.51±.25)
250 VDC
-
-
1000 pF
0.022 µF
500 VDC
10 pF
680 pF
1000 pF
0.010 µF
630 VDC
10 pF
560 pF
1000 pF
6800 pF
1000 VDC
10 pF
390 pF
100 pF
4700 pF
R18/1206
L
W
T
E/B
.125 ±.010
.062 ±.010
.067 Max.
.020 ±.010
(3.17 ±.25)
(1.57 ±.25)
(1.70)
(0.51±.25)
250 VDC
-
-
1000 pF
0.068 µF
500 VDC
10 pF
1500 pF
1000 pF
0.047 µF
630 VDC
10 pF
1200 pF
1000 pF
0.027 µF
1000 VDC
10 pF
1000 pF
100 pF
0.018 µF
2000 VDC
10 pF
220 pF
100 pF
4700 pF
3000 VDC
10 pF
82 pF
100 pF
1000 pF
S41/1210
L
W
T
E/B
.125 ±.010
.095 ±.010
.080 Max.
.020 ±.010
(3.18 ±.25)
(2.41 ±.25)
(2.03)
(0.51±.25)
250 VDC
-
-
1000 pF
0.220 µF
500 VDC
10 pF
3900 pF
1000 pF
0.100 µF
630 VDC
10 pF
2700 pF
1000 pF
0.056 µF
1000 VDC
10 pF
1800 pF
100 pF
0.047 µF
2000 VDC
10 pF
560 pF
100 pF
3900 pF
3000 VDC
10 pF
220 pF
100 pF
2700 pF
R29/1808
L
W
T
E/B
.189 ±.010
.080 ±.010
.085 Max.
.020 ±.010
(4.80 ±.25)
(2.03 ±.25)
(2.16)
(0.51±.25)
500 VDC
10 pF
4700 pF
1000 pF
0.100 µF
630 VDC
10 pF
3300 pF
1000 pF
0.068 µF
1000 VDC
1.0 pF
2200 pF
100 pF
0.047 µF
2000 VDC
1.0 pF
820 pF
100 pF
8200 pF
3000 VDC
1.0 pF
470 pF
100 pF
3900 pF
4000 VDC
1.0 pF
180 pF
100 pF
2200 pF
5000 VDC
1.0 pF
75 pF
47 pF
1000 pF
6000 VDC
1.0 pF
75 pF
47 pF
100 pF
Available cap. values include these significant retma values and their multiples: 1.0 1.2 1.5 1.8 2.2 2.7 3.3 3.9 4.7 5.6 6.8 8.2
( 1.0 = 1.0, 10, 100, 1000, etc.)
Consult factory for non-retma values and sizes or voltages not shown.
HIGH VOLTAGE SURFACE MOUNT MLCCS 250 - 6,000 VDC
These high voltage capacitors feature a special internal
electrode design which reduces voltage concentrations by
distributing voltage gradients throughout the entire capacitor.
This unique design also affords increased capacitance values
in a given case size and voltage rating. The capacitors are
designed and manufactured to the general requirement of
EIA198 and are subjected to a 100% electrical testing making
them well suited for a wide variety of telecommunication,
commercial, and industrial applications.
APPLICATIONS
• Analog & Digital Modems
• LAN/WAN Interface
• Lighting Ballast Circuits
• Voltage Multipliers
• DC-DC Converters
• Back-lighting Inverters
NOW AVAILABLE with Polyterm® soft termination option for
demanding environments & processes. Visit our website for full details.


Similar Part No. - 501R29W104MF4E

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
501R29W104MV4E JOHANSON-501R29W104MV4E Datasheet
1Mb / 2P
   Ceramic Capacitor Solutions
More results

Similar Description - 501R29W104MF4E

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
102S48W104KV4E JOHANSON-102S48W104KV4E Datasheet
1Mb / 36P
   Ceramic Capacitor Solutions
102R18N220JV4E JOHANSON-102R18N220JV4E Datasheet
1Mb / 40P
   Ceramic Capacitor Solutions
6R3R15X476MV4E JOHANSON-6R3R15X476MV4E Datasheet
1Mb / 2P
   Ceramic Capacitor Solutions
logo
Vishay Siliconix
VJOMD-C0G VISHAY-VJOMD-C0G Datasheet
169Kb / 8P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions
Revision: 20-Aug-08
VJOMD-X7R VISHAY-VJOMD-X7R Datasheet
166Kb / 10P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Revision: 28-Oct-08
VJ1812Y472KBGAT4X VISHAY-VJ1812Y472KBGAT4X Datasheet
219Kb / 16P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Revision: 25-Mar-13
VJ2220Y224KBEAT4X VISHAY-VJ2220Y224KBEAT4X Datasheet
221Kb / 16P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Revision: 22-Jul-13
VJOMD VISHAY-VJOMD Datasheet
209Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Revision: 31-Jan-17
HVSERIES VISHAY-HVSERIES Datasheet
253Kb / 14P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for High Voltage Applications
01-Jan-2023
VJ-OMD VISHAY-VJ-OMD Datasheet
208Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Revision: 31-Jan-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com