Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMMC0XXA Datasheet(PDF) 39 Page - Advanced Micro Devices

Part # AMMC0XXA
Description  2, 4, or 8 Megabyte 5.0 Volt-only Flash Miniature Card
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMMC0XXA Datasheet(HTML) 39 Page - Advanced Micro Devices

Back Button AMMC0XXA Datasheet HTML 31Page - Advanced Micro Devices AMMC0XXA Datasheet HTML 32Page - Advanced Micro Devices AMMC0XXA Datasheet HTML 33Page - Advanced Micro Devices AMMC0XXA Datasheet HTML 34Page - Advanced Micro Devices AMMC0XXA Datasheet HTML 35Page - Advanced Micro Devices AMMC0XXA Datasheet HTML 36Page - Advanced Micro Devices AMMC0XXA Datasheet HTML 37Page - Advanced Micro Devices AMMC0XXA Datasheet HTML 38Page - Advanced Micro Devices AMMC0XXA Datasheet HTML 39Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 39 / 39 page
background image
AmMC0XXA
39
PREL I M I N AR Y
REVISION SUMMARY FOR AMMC0XXA
Global
Changed all Am29F016 references to Am29F017B.
Added -100 (100 ns) speed option and specifications.
Distinctive Characteristics
Revised low power consumption specifications. Added indus-
trial temperature range bullet. Deleted “Small Form Factor”
bullets. Revised text to indicate that the Miniature Card spec-
ification will be defined by PCMCIA.
General Description
Deleted references to the elastomeric connector.
Table 1, Miniature Card Definitions
Deleted references to the elastomeric connector.
Ordering Information
Added industrial temperature range. Added Valid Combina-
tions table. Deleted NP option from part number. Added WP
as part of required base part number.
Figure 2, Host/Card Address Connections
Clarified drawing by designating host bus and card bus.
Added A21 address pin. Redesignated NC connections.
Miniature Card Pad Assignments
BUSY#: Revised to indicate that the Miniature Card cannot
accept most operations when BUSY# is low. CD#: Deleted
last sentence.
Sector Group Protection
Added section.
Tables 5–9, Command Definitions
Revised for easier reference: removed “H” designators from
table (now indicated in notes), removed 4-cycle Reset/Read
command, separated Read and Reset commands, moved
RA, RW, RD, PA, PW, PD, X, SA definitions to legend. Moved
Erase Suspend and Erase Resume definitions from table to
notes.
Table 12, Memory Sector Addresses for 4 and 8
Mbyte Cards
Added Note 3 to include 8 Mbyte cards.
Embedded Erase Algorithm
Removed last paragraph.
Absolute Maximum Ratings
Revised storage and ambient temperature ratings.
Operating Ranges
Added industrial temperature range.
DC Characteristics
Revised ICC specifications. Added frequency specification to
Note 2.
AC Characteristics, Write (Erase/Program)
Operations
Deleted tELQV, tAVQV, tGLQV, tELQX, tEHOZ, tGLOX, tGHQZ,
tAXQX, tWHGL, tGLQNZ.
Table 19, AMD Compatibility Data
Added two tuples of data to list, covering addresses 100h–
10Bh. Changed address 46h data to 0Ah, corresponding to
an access time of 100 ns.
Revision D+1
Sector Erase Suspend
Removed the statement requiring the address of a sector not
being erased to obtain valid D6 status.
Trademarks
Copyright © 1998 Advanced Micro Devices, Inc. All rights reserved.
AMD, the AMD logo, and combinations thereof are trademarks of Advanced Micro Devices, Inc.
Product names used in this publication are for identification purposes only and may be trademarks of their respective companies.


Similar Part No. - AMMC0XXA

ManufacturerPart #DatasheetDescription
logo
Amphenol RF.
AMMC RF-AMMC Datasheet
87Kb / 2P
   Ultraminiature Product Series
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-2008 AVAGO-AMMC-2008 Datasheet
224Kb / 7P
   DC??0 GHz SPDT Switch
logo
Broadcom Corporation.
AMMC-2008 BOARDCOM-AMMC-2008 Datasheet
224Kb / 7P
   DC??0 GHz SPDT Switch
AMMC-2008-W10 BOARDCOM-AMMC-2008-W10 Datasheet
224Kb / 7P
   DC??0 GHz SPDT Switch
AMMC-2008-W50 BOARDCOM-AMMC-2008-W50 Datasheet
224Kb / 7P
   DC??0 GHz SPDT Switch
More results

Similar Description - AMMC0XXA

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AMMCL00XA AMD-AMMCL00XA Datasheet
172Kb / 36P
   2 or 4 Megabyte 3.0 Volt-only Flash Miniature Card
AMC0XXDFLKA AMD-AMC0XXDFLKA Datasheet
157Kb / 46P
   4, 8, 20, or 32 Megabyte 5.0 Volt-only Flash Memory PC Card
logo
ATMEL Corporation
AT45DCB008D ATMEL-AT45DCB008D_06 Datasheet
84Kb / 5P
   8-megabyte, 4-megabyte, and 2-megabyte 2.7-volt Only DataFlash Cards
AT45DCB008D ATMEL-AT45DCB008D_08 Datasheet
96Kb / 5P
   8-megabyte, 4-megabyte, and 2-megabyte 2.7-volt Only DataFlash Cards
logo
Advanced Micro Devices
AMC0XXCFLKA AMD-AMC0XXCFLKA Datasheet
273Kb / 42P
   1, 2, 4, or 10 Megabyte 5.0 V-only Flash Memory PC Card
logo
ATMEL Corporation
AT45DCB004 ATMEL-AT45DCB004 Datasheet
86Kb / 4P
   8-megabyte 4-megabyte, and 2-megabyte 2.7-volt Only DataFlash Cards
AT45DCB008 ATMEL-AT45DCB008_06 Datasheet
84Kb / 5P
   8-megabyte, 4-megabyte, and 2-megabyte 2.7-volt Only DataFlash Cards
logo
PMC-Sierra, Inc
PM29F002 PMC-PM29F002 Datasheet
148Kb / 21P
   2 Megabit (256K X 8) 5.0 Volt-only CMOS Flash Memory
PM29F004 PMC-PM29F004 Datasheet
82Kb / 21P
   4 Megabit (512K X 8) 5.0 Volt-Only CMOS Flash Memory
logo
ATMEL Corporation
AT5FC002 ATMEL-AT5FC002 Datasheet
715Kb / 15P
   2-Megabyte Flash Memory PCMCIA Card
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com