Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

501S48N104MF4E Datasheet(PDF) 10 Page - Johanson Technology Inc.

Part # 501S48N104MF4E
Description  ceramic capacitor solutions
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JOHANSON [Johanson Technology Inc.]
Direct Link  http://www.johansontechnology.com
Logo JOHANSON - Johanson Technology Inc.

501S48N104MF4E Datasheet(HTML) 10 Page - Johanson Technology Inc.

Back Button 501S48N104MF4E Datasheet HTML 6Page - Johanson Technology Inc. 501S48N104MF4E Datasheet HTML 7Page - Johanson Technology Inc. 501S48N104MF4E Datasheet HTML 8Page - Johanson Technology Inc. 501S48N104MF4E Datasheet HTML 9Page - Johanson Technology Inc. 501S48N104MF4E Datasheet HTML 10Page - Johanson Technology Inc. 501S48N104MF4E Datasheet HTML 11Page - Johanson Technology Inc. 501S48N104MF4E Datasheet HTML 12Page - Johanson Technology Inc. 501S48N104MF4E Datasheet HTML 13Page - Johanson Technology Inc. 501S48N104MF4E Datasheet HTML 14Page - Johanson Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
10
www.johanson dielectrics.com
X2Y® FILTER & DECOUPLING CAPACITORS
X2Y® filter capacitors employ a unique, patented low inductance design featuring two balanced capacitors
that are immune to temperature, voltage and aging performance differences.
These components offer superior decoupling and EMI filtering performance, virtually eliminate parasitics,
and can replace multiple capacitors and inductors saving board space and reducing assembly costs.
ADVANTAGES
• One device for EMI suppression or decoupling
• Replace up to 7 components with one X2Y
• Differential and common mode attenuation
• Matched capacitance line to ground, both lines
• Low inductance due to cancellation effect
APPLICATIONS
• Amplifier FIlter & Decoupling
• High Speed Data Filtering
• EMC I/O Filtering
• FPGA / ASIC / µ-P Decoupling
• DDR Memory Decoupling
X2Y® technology patents and registered trademark under license from X2Y ATTENUATORS, LLC
EMI Filtering
(1 Y-Cap.)
Power Bypass
(2 Y-Caps.)
SIZE
0402 (X07)
NPO
50
50
50
50
50
50
50
X7R
50
50
50
50
50
50
16
0603 (X14)
NPO
100 100 100 100 100
50
50
50
X7R
100 100 100 100 100 100 100 100
50
25
25
16
10
6.3
X5R
16
10
10
10
0805 (X15)
NPO
100 100 100 100 100 100 100
50
X7R
100 100 100 100 100 100 100 100
50
50
50
25
10
1206 (X18
NPO
VOLTAGE
RATINGS
6.3 = 6.3 VDC
10 = 10 VDC
16 = 16 VDC
25 = 25 VDC
50 = 50 VDC
100 = 100 VDC
500 = 500 VDC
100
X7R
100 100 100
100 100
16
16
10
1210 (X41)
X7R
500
100
100 100
25
16
1410 (X44)
X7R
500
100
1812 (X43)
X7R
500
100
Contact factory for part combinations not shown.
Filtering capacitance is specified as Line-to-Ground ( Terminal A or B to G)
Power Bypass capacitance is specified Power-to-Ground (A + B to G)
Rated voltage is from line to ground in Circuit 1, power to ground in Circuit 2 .
HOW TO ORDER X2Y® FILTER & DECOUPLING CAPACITORS
P/N written: 101X14W102MV4T
100
X14
W
102
M
V
4
T
VOLTAGE
SIZE
DIELECTRIC
CAPACITANCE
TOLERANCE
TERMINATION
MARKING
PACKING
6R3 = 6.3 V
100 = 10 V
160 = 16 V
250 = 25 V
500 = 50 V
101 = 100 V
501 = 500 V
X07=0402
X14=0603
X15=0805
X18=1206
X41=1210
X44=1410
X43=1812
N = NPO
W = X7R
X = X5R
1st two digits are
significant; third digit
denotes number of
zeros, R = decimal.
102 = 1000 pF
104 = 0.10 µF
5R6 = 5.6pF
M = ± 20%
* D = ± 0.50 pF
*Values < 10 pF only
V = NI Barrier with 100%
Tin Plating (Matte)
F = Polyterm
flexible termination
T = SnPb
4 = Unmarked
(Not available)
E =Embossed 7”
T
=Punched 7”
No code = bulk
Tape specs.
per EIA RS481


Similar Part No. - 501S48N104MF4E

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
501S42E9R1CV4E JOHANSON-501S42E9R1CV4E Datasheet
175Kb / 5P
   Q & ESR EXPLAINED A JOHANSON TECHNOLOGY PRIMER
501S43W473KV4E JOHANSON-501S43W473KV4E Datasheet
639Kb / 2P
   NEXT GENERATION High Voltage MLCCs 250 - 6,000 VDC
More results

Similar Description - 501S48N104MF4E

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
102S48W104KV4E JOHANSON-102S48W104KV4E Datasheet
1Mb / 36P
   Ceramic Capacitor Solutions
102R18N220JV4E JOHANSON-102R18N220JV4E Datasheet
1Mb / 40P
   Ceramic Capacitor Solutions
6R3R15X476MV4E JOHANSON-6R3R15X476MV4E Datasheet
1Mb / 2P
   Ceramic Capacitor Solutions
logo
Vishay Siliconix
VJOMD-C0G VISHAY-VJOMD-C0G Datasheet
169Kb / 8P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions
Revision: 20-Aug-08
VJOMD-X7R VISHAY-VJOMD-X7R Datasheet
166Kb / 10P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Revision: 28-Oct-08
VJ1812Y472KBGAT4X VISHAY-VJ1812Y472KBGAT4X Datasheet
219Kb / 16P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Revision: 25-Mar-13
VJ2220Y224KBEAT4X VISHAY-VJ2220Y224KBEAT4X Datasheet
221Kb / 16P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Revision: 22-Jul-13
VJOMD VISHAY-VJOMD Datasheet
209Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Revision: 31-Jan-17
HVSERIES VISHAY-HVSERIES Datasheet
253Kb / 14P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for High Voltage Applications
01-Jan-2023
VJ-OMD VISHAY-VJ-OMD Datasheet
208Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Revision: 31-Jan-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com