Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7243ANZ Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # AD7243ANZ
Description  STANDARD MICROCIRCUIT DRAWING
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AD7243ANZ Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button AD7243ANZ Datasheet HTML 4Page - List of Unclassifed Manufacturers AD7243ANZ Datasheet HTML 5Page - List of Unclassifed Manufacturers AD7243ANZ Datasheet HTML 6Page - List of Unclassifed Manufacturers AD7243ANZ Datasheet HTML 7Page - List of Unclassifed Manufacturers AD7243ANZ Datasheet HTML 8Page - List of Unclassifed Manufacturers AD7243ANZ Datasheet HTML 9Page - List of Unclassifed Manufacturers AD7243ANZ Datasheet HTML 10Page - List of Unclassifed Manufacturers AD7243ANZ Datasheet HTML 11Page - List of Unclassifed Manufacturers AD7243ANZ Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
STANDARD
MICROCIRCUIT DRAWING
SIZE
A
5962-93204
DEFENSE SUPPLY CENTER COLUMBUS
COLUMBUS, OHIO 43218-3990
REVISION LEVEL
B
SHEET
10
DSCC FORM 2234
APR 97
4.4.1 Group A inspection.
a.
Tests shall be as specified in table II herein.
b.
Subgroups 5, 6, 10, and 11 in table I, method 5005 of MIL-STD-883 shall be omitted.
c.
Subgroup 4 shall be measured only for initial qualification and after any process or design changes which may affect
the parameter. Sample size is 15 devices with no failures, and all inputs tested.
TABLE II. Electrical test requirements.
Test requirements
Subgroups
(in accordance with
MIL-STD-883,
method 5005, table I)
Subgroups
(in accordance with
MIL-PRF-38535, table III)
Device
class M
Device
class Q
Device
class V
Interim electrical
parameters (see 4.2)
1, 7
1, 7
1, 7
Final electrical
parameters (see 4.2)
1, 2, 3, 4, 7, 8, 9
1/
1, 2, 3, 4, 7, 8, 9 1/
1, 2, 3, 4, 7, 8, 9 1/
Group A test
requirements (see 4.4)
1, 2, 3, 4, 7, 8, 9
1, 2, 3, 4, 7, 8, 9
1, 2, 3, 4, 7, 8, 9
Group C end-point electrical
parameters (see 4.4)
1
1
1, 2, 3, 4, 7, 8, 9
Group D end-point electrical
parameters (see 4.4)
1
1
1
Group E end-point electrical
parameters (see 4.4)
1
1
1
1/ PDA applies to subgroup 1.
4.4.2 Group C inspection. The group C inspection end-point electrical parameters shall be as specified in table II herein.
4.4.2.1 Additional criteria for device class M. Steady-state life test conditions, method 1005 of MIL-STD-883:
a.
Test condition A, B, C, or D. The test circuit shall be maintained by the manufacturer under document revision level
control and shall be made available to the preparing or acquiring activity upon request. The test circuit shall specify the
inputs, outputs, biases, and power dissipation, as applicable, in accordance with the intent specified in method 1005 of
MIL-STD-883.
b.
TA = +125°C, minimum.
c.
Test duration: 1,000 hours, except as permitted by method 1005 of MIL-STD-883.
4.4.2.2 Additional criteria for device classes Q and V. The steady-state life test duration, test condition and test temperature,
or approved alternatives shall be as specified in the device manufacturer's QM plan in accordance with MIL-PRF-38535. The
test circuit shall be maintained under document revision level control by the device manufacturer's TRB in accordance with
MIL-PRF-38535 and shall be made available to the acquiring or preparing activity upon request. The test circuit shall specify the
inputs, outputs, biases, and power dissipation, as applicable, in accordance with the intent specified in method 1005 of MIL-STD-
883.


Similar Part No. - AD7243ANZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7243ANZ AD-AD7243ANZ Datasheet
161Kb / 12P
   LC2MOS 12-Bit Serial DACPORT
REV. A
AD7243ANZ AD-AD7243ANZ Datasheet
282Kb / 13P
   LC2MOS 12-Bit Serial DACPORT
Rev. B
More results

Similar Description - AD7243ANZ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AD7890ARZ-10 ETC2-AD7890ARZ-10 Datasheet
122Kb / 17P
   STANDARD MICROCIRCUIT DRAWING
RHFAC245D03V ETC2-RHFAC245D03V Datasheet
345Kb / 25P
   STANDARD MICROCIRCUIT DRAWING
RHFAC14K01V ETC2-RHFAC14K01V Datasheet
278Kb / 24P
   STANDARD MICROCIRCUIT DRAWING
logo
National Semiconductor ...
MNLM185B-X NSC-MNLM185B-X Datasheet
211Kb / 11P
   MICROCIRCUIT DATA SHEET
logo
Texas Instruments
5962-9958101QXC TI-5962-9958101QXC Datasheet
53Kb / 17P
[Old version datasheet]   MICROCIRCUIT DATA SHEET
logo
List of Unclassifed Man...
AD625KNZ ETC2-AD625KNZ Datasheet
115Kb / 11P
   MICROCIRCUIT, LINEAR, PROGRAMMABLE GAIN MICROCIRCUIT, LINEAR, PROGRAMMABLE GAIN MONOLITHIC SILICON
logo
Bi technologies
165 BITECH-165 Datasheet
46Kb / 3P
   Custom Hybrid Military Grade Microcircuit
logo
Micross Components
AS4DDR232M64PBG MICROSS-AS4DDR232M64PBG Datasheet
305Kb / 28P
   iNTEGRATED Plastic Encapsulated Microcircuit
logo
Integral Corp.
ILMS5360 INTEGRAL-ILMS5360 Datasheet
283Kb / 4P
   MICROCIRCUIT FOR REMOTE CONTROL SYSTEMS
ILMS5380 INTEGRAL-ILMS5380 Datasheet
286Kb / 4P
   MICROCIRCUIT FOR REMOTE CONTROL SYSTEMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com