Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P82BS900 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # P82BS900
Description  Dual bidirectional bus buffer Rev. 08 ??10 November 2009
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P82BS900 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button P82BS900 Datasheet HTML 2Page - NXP Semiconductors P82BS900 Datasheet HTML 3Page - NXP Semiconductors P82BS900 Datasheet HTML 4Page - NXP Semiconductors P82BS900 Datasheet HTML 5Page - NXP Semiconductors P82BS900 Datasheet HTML 6Page - NXP Semiconductors P82BS900 Datasheet HTML 7Page - NXP Semiconductors P82BS900 Datasheet HTML 8Page - NXP Semiconductors P82BS900 Datasheet HTML 9Page - NXP Semiconductors P82BS900 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
P82B96_8
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 08 — 10 November 2009
6 of 32
NXP Semiconductors
P82B96
Dual bidirectional bus buffer
9.
Characteristics
Table 5.
Characteristics
Tamb = +25 °C; voltages are specified with respect to GND with VCC = 5 V, unless otherwise specified.
Symbol
Parameter
Conditions
Tamb = +25 °C
Tamb = −40 °C to
+125
°C[1]
Unit
Min
Typ
Max
Min
Max
Power supply
VCC
supply voltage
operating
2.0
-
15
2.0
15
V
ICC
supply current
buses HIGH
-
0.9
1.8
-
3
mA
VCC =15V;
buses HIGH
-
1.1
2.5
-
4
mA
∆ICC
additional quiescent
supply current
per Tx or Ty LOW
-
1.7
3.5
-
3.5
mA
Bus pull-up (load) voltages and currents
VSx, VSy
maximum input/output
voltage
open-collector;
I2C-bus and VRx,VRy =
HIGH
--
15
-
15
V
ISx, ISy
static output loading on
I2C-bus
VSx, VSy = 1.0 V;
VRx,VRy =LOW
[2]
0.2
-
3
0.2
3
mA
ISx, ISy
dynamic output sink
capability on I2C-bus
VSx, VSy =2V;
VRx,VRy =LOW
718
-
7
-
mA
ISx, ISy
leakage current on
I2C-bus
VSx, VSy =5V;
VRx,VRy = HIGH
--
1
-
10
µA
VSx, VSy =15V;
VRx,VRy = HIGH
-1-
-
10
µA
VTx, VTy
maximum output voltage
level
open-collector
-
-
15
-
15
V
ITx, ITy
static output loading on
buffered bus
VTx, VTy = 0.4 V;
VSx,VSy = LOW on
I2C-bus = 0.4 V
-
-
30
-
30
mA
ITx, ITy
dynamic output sink
capability, buffered bus
VTx, VTy >1V;
VSx,VSy = LOW on
I2C-bus = 0.4 V
60
100
-
60
-
mA
ITx, ITy
leakage current on
buffered bus
VTx, VTy =VCC =15V;
VSx, VSy = HIGH
-1-
-
10
µA
Input currents
ISx, ISy
input current from
I2C-bus
bus LOW;
VRx,VRy = HIGH
-
−1-
-
−10
µA
IRx, IRy
input current from
buffered bus
bus LOW;
VRx,VRy = 0.4 V
-
−1-
-
−10
µA
IRx, IRy
leakage current on
buffered bus input
VRx, VRy =VCC
-1-
-
10
µA
Output logic LOW level
VSx, VSy
output logic level LOW
on normal I2C-bus
ISx, ISy =3mA
[3]
0.8
0.88
1.0
(see Figure 6)V
ISx, ISy = 0.2 mA
[3]
670
730
790
(see Figure 5)mV
dVSx/dT,
dVSy/dT
temperature coefficient
of output LOW levels
ISx, ISy = 0.2 mA
[3]
-
−1.8
-
-
-
mV/K


Similar Part No. - P82BS900

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P82B715 PHILIPS-P82B715 Datasheet
96Kb / 10P
   I2C bus extender
1998 Jan 09
P82B715 NXP-P82B715 Datasheet
155Kb / 23P
   I2C-bus extender
Rev. 08-9 November 2009
P82B715 NXP-P82B715 Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
logo
Texas Instruments
P82B715 TI-P82B715 Datasheet
642Kb / 17P
[Old version datasheet]   I2C BUS EXTENDER
logo
NXP Semiconductors
P82B715 NXP-P82B715 Datasheet
155Kb / 23P
   I2C-bus extender
Rev. 08-9 November 2009
More results

Similar Description - P82BS900

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9511AD-112 NXP-PCA9511AD-112 Datasheet
167Kb / 24P
   Hot swappable I2C-bus and SMBus bus buffer Rev. 04 ??19 August 2009
Rev. 04-19 August 2009
PZU13B2-115 NXP-PZU13B2-115 Datasheet
450Kb / 12P
   Single Zener diodes in a SOD323F package Rev. 02 ??15 November 2009
Rev. 02-15 November 2009
PCA9600 NXP-PCA9600 Datasheet
499Kb / 30P
   Dual bidirectional bus buffer
Rev. 04-11 November 2009
P82B96 NXP-P82B96 Datasheet
514Kb / 32P
   Dual bidirectional bus buffer
Rev. 08-10 November 2009
logo
Texas Instruments
P82B96 TI-P82B96_09 Datasheet
658Kb / 28P
[Old version datasheet]   DUAL BIDIRECTIONAL BUS BUFFER
logo
NXP Semiconductors
PCA9600 NXP-PCA9600_11 Datasheet
382Kb / 31P
   Dual bidirectional bus buffer
Rev. 5-5 May 2011
P82B96TD-T NXP-P82B96TD-T Datasheet
514Kb / 32P
   Dual bidirectional bus buffer
Rev. 08-10 November 2009
PCA9601 NXP-PCA9601 Datasheet
389Kb / 32P
   Dual bidirectional bus buffer
Rev. 2-6 May 2011
logo
Texas Instruments
P82B96 TI-P82B96 Datasheet
458Kb / 26P
[Old version datasheet]   DUAL BIDIRECTIONAL BUS BUFFER
logo
NXP Semiconductors
P82B96 PHILIPS-P82B96_08 Datasheet
165Kb / 26P
   Dual bidirectional bus buffer
Rev. 06-31 January 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com