Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMC0XXDFLKA Datasheet(PDF) 2 Page - Advanced Micro Devices

Part # AMC0XXDFLKA
Description  4, 8, 20, or 32 Megabyte 5.0 Volt-only Flash Memory PC Card
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMC0XXDFLKA Datasheet(HTML) 2 Page - Advanced Micro Devices

  AMC0XXDFLKA Datasheet HTML 1Page - Advanced Micro Devices AMC0XXDFLKA Datasheet HTML 2Page - Advanced Micro Devices AMC0XXDFLKA Datasheet HTML 3Page - Advanced Micro Devices AMC0XXDFLKA Datasheet HTML 4Page - Advanced Micro Devices AMC0XXDFLKA Datasheet HTML 5Page - Advanced Micro Devices AMC0XXDFLKA Datasheet HTML 6Page - Advanced Micro Devices AMC0XXDFLKA Datasheet HTML 7Page - Advanced Micro Devices AMC0XXDFLKA Datasheet HTML 8Page - Advanced Micro Devices AMC0XXDFLKA Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 46 page
background image
2
AmC0XXDFLKA
BLOCK DIAGRAM
Notes:
R = 20 K(min)/140 K
Ω (max)
*4 Mbyte card = S0 + S1, 8 Mbyte card = S0…S3, 20 Mbyte card = S0…S9, 32 Mbyte card = S0…S15
Address
Buffers
and
Decoders
I/O
Transceivers
and
Buffers
A0–A8
D0–D7
Attribute Memory
CE
Write Protect Switch
VCC
D0–D15
WE
OE
D8–D15
D0–D7
A0
A1–A24
CE2
CE1
A1–A9
A0
CE2
CE1
REG
CD1
CD2
Card Detect
GND
VCC
R
R
VCC
RR
Am29F016C
A0–A20 D0–D7
CE
WE
OE
RY/BY
VSS VCC RST
S0*
Am29F016C
A0–A20 D8–D15
CE
WE
OE
RY/BY
VSS VCC RST
S1*
A0–A20
D0–D7
CE
WE
OE
RY/BY
VSS VCC RST
S2*
A0–A20 D8–D15
CE
WE
OE
RY/BY
VSS VCC RST
S3*
A0–A20
D0–D7
CE
WE
OE
RY/BY
VSS VCC RST
S14*
A0–A20 D8–D15
CE
WE
OE
RY/BY
VSS VCC RST
S15*
19521D-1
WP
10K
10K
A0–A24
ICE7
ICE0
ICE1
IOEL
IWEL
IOEH
IWEH
A1-A21
VCC
RESET
RY/BY
(Output)
R
VCC
3.3K


Similar Part No. - AMC0XXDFLKA

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AMC0XXCFLKA AMD-AMC0XXCFLKA Datasheet
273Kb / 42P
   1, 2, 4, or 10 Megabyte 5.0 V-only Flash Memory PC Card
More results

Similar Description - AMC0XXDFLKA

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AMMC0XXA AMD-AMMC0XXA Datasheet
182Kb / 39P
   2, 4, or 8 Megabyte 5.0 Volt-only Flash Miniature Card
AMC0XXCFLKA AMD-AMC0XXCFLKA Datasheet
273Kb / 42P
   1, 2, 4, or 10 Megabyte 5.0 V-only Flash Memory PC Card
AMMCL00XA AMD-AMMCL00XA Datasheet
172Kb / 36P
   2 or 4 Megabyte 3.0 Volt-only Flash Miniature Card
logo
ATMEL Corporation
AT45DCB008D ATMEL-AT45DCB008D_06 Datasheet
84Kb / 5P
   8-megabyte, 4-megabyte, and 2-megabyte 2.7-volt Only DataFlash Cards
logo
PMC-Sierra, Inc
PM29F004 PMC-PM29F004 Datasheet
82Kb / 21P
   4 Megabit (512K X 8) 5.0 Volt-Only CMOS Flash Memory
logo
SPANSION
AM29F032B SPANSION-AM29F032B_09 Datasheet
803Kb / 40P
   32 Megabit (4 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
logo
ATMEL Corporation
AT45DCB008D ATMEL-AT45DCB008D_08 Datasheet
96Kb / 5P
   8-megabyte, 4-megabyte, and 2-megabyte 2.7-volt Only DataFlash Cards
logo
Advanced Micro Devices
AM29F032B AMD-AM29F032B_06 Datasheet
798Kb / 39P
   32 Megabit (4 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
AM29F032B AMD-AM29F032B Datasheet
937Kb / 39P
   32 Megabit (4 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
logo
ATMEL Corporation
AT45DCB004 ATMEL-AT45DCB004 Datasheet
86Kb / 4P
   8-megabyte 4-megabyte, and 2-megabyte 2.7-volt Only DataFlash Cards
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com