Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P82B96TD-112 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # P82B96TD-112
Description  Dual bidirectional bus buffer Rev. 08 ??10 November 2009
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P82B96TD-112 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button P82B96TD-112 Datasheet HTML 6Page - NXP Semiconductors P82B96TD-112 Datasheet HTML 7Page - NXP Semiconductors P82B96TD-112 Datasheet HTML 8Page - NXP Semiconductors P82B96TD-112 Datasheet HTML 9Page - NXP Semiconductors P82B96TD-112 Datasheet HTML 10Page - NXP Semiconductors P82B96TD-112 Datasheet HTML 11Page - NXP Semiconductors P82B96TD-112 Datasheet HTML 12Page - NXP Semiconductors P82B96TD-112 Datasheet HTML 13Page - NXP Semiconductors P82B96TD-112 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
P82B96_8
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 08 — 10 November 2009
10 of 32
NXP Semiconductors
P82B96
Dual bidirectional bus buffer
10. Application information
Refer to
AN460 and AN255 for more application detail.
Fig 10. Interfacing an ‘I2C’ type of bus with different logic levels
Fig 11. Galvanic isolation of I2C-bus nodes via opto-couplers
Fig 12. Long distance I2C-bus communications
1/2 P82B96
I2C-bus
SDA
002aab986
+5 V
+VCC (2 V to 15 V)
R1
Rx
(SDA)
Tx
(SDA)
'SDA' (new levels)
1/2 P82B96
I2C-bus
SDA
002aab987
+5 V
R1
+VCC
R2
R3
Rx
(SDA)
Tx
(SDA)
R5
R4
+VCC1
I2C-bus
SDA
P82B96
SDA
SCL
002aab988
12 V
12 V
3.3 V to 5 V
3.3 V to 5 V
long cables
main enclosure
P82B96
SDA
SCL
3.3 V to 5 V
3.3 V to 5 V
remote control enclosure
12 V


Similar Part No. - P82B96TD-112

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P82B96TD-T NXP-P82B96TD-T Datasheet
514Kb / 32P
   Dual bidirectional bus buffer
Rev. 08-10 November 2009
More results

Similar Description - P82B96TD-112

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9511AD-112 NXP-PCA9511AD-112 Datasheet
167Kb / 24P
   Hot swappable I2C-bus and SMBus bus buffer Rev. 04 ??19 August 2009
Rev. 04-19 August 2009
PZU13B2-115 NXP-PZU13B2-115 Datasheet
450Kb / 12P
   Single Zener diodes in a SOD323F package Rev. 02 ??15 November 2009
Rev. 02-15 November 2009
PCA9600 NXP-PCA9600 Datasheet
499Kb / 30P
   Dual bidirectional bus buffer
Rev. 04-11 November 2009
P82B96 NXP-P82B96 Datasheet
514Kb / 32P
   Dual bidirectional bus buffer
Rev. 08-10 November 2009
logo
Texas Instruments
P82B96 TI-P82B96_09 Datasheet
658Kb / 28P
[Old version datasheet]   DUAL BIDIRECTIONAL BUS BUFFER
logo
NXP Semiconductors
PCA9600 NXP-PCA9600_11 Datasheet
382Kb / 31P
   Dual bidirectional bus buffer
Rev. 5-5 May 2011
P82B96TD-T NXP-P82B96TD-T Datasheet
514Kb / 32P
   Dual bidirectional bus buffer
Rev. 08-10 November 2009
PCA9601 NXP-PCA9601 Datasheet
389Kb / 32P
   Dual bidirectional bus buffer
Rev. 2-6 May 2011
logo
Texas Instruments
P82B96 TI-P82B96 Datasheet
458Kb / 26P
[Old version datasheet]   DUAL BIDIRECTIONAL BUS BUFFER
logo
NXP Semiconductors
P82B96 PHILIPS-P82B96_08 Datasheet
165Kb / 26P
   Dual bidirectional bus buffer
Rev. 06-31 January 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com