Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W25Q40BWZPIG Datasheet(PDF) 69 Page - Winbond

Part # W25Q40BWZPIG
Description  1.8V 4M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q40BWZPIG Datasheet(HTML) 69 Page - Winbond

Back Button W25Q40BWZPIG Datasheet HTML 65Page - Winbond W25Q40BWZPIG Datasheet HTML 66Page - Winbond W25Q40BWZPIG Datasheet HTML 67Page - Winbond W25Q40BWZPIG Datasheet HTML 68Page - Winbond W25Q40BWZPIG Datasheet HTML 69Page - Winbond W25Q40BWZPIG Datasheet HTML 70Page - Winbond W25Q40BWZPIG Datasheet HTML 71Page - Winbond W25Q40BWZPIG Datasheet HTML 72Page - Winbond W25Q40BWZPIG Datasheet HTML 73Page - Winbond  
Zoom Inzoom in Zoom Outzoom out
 69 / 73 page
background image
W25Q40BW
Publication Release Date: October 11, 2013
- 69 -
Revision F
10.5 8-Pad USON 2x3-mm (Package Code UX, W25Q40BWUXIG)
Top View
Cross Section View
Bottom View
SYMBO
L
MILLIMETER
INCHES
MIN
TYP.
MAX
MIN
TYP.
MAX
A
0.50
0.55
0.60
0.020
0.022
0.024
A1
0.00
0.02
0.05
0.000
0.001
0.002
b
0.20
0.25
0.30
0.008
0.010
0.012
C
0.15 REF
0.006
D
1.90
2.00
2.10
0.075
0.079
0.083
D2
1.55
1.60
1.65
0.061
0.063
0.065
E
2.90
3.00
3.10
0.114
0.118
0.122
E2
0.15
0.20
0.25
0.006
0.008
0.010
e
0.50
0.020
L
0.40
0.45
0.50
0.016
0.018
0.020
L1
0.10
0.004
L3
0.30
0.35
0.40
0.012
0.014
0.016
y
0.000
0.075
0.000
0.003
PIN
1
INDENT
D
E
A
A1
y
D2
L3
E
2
L1
e
b
L
C


Similar Part No. - W25Q40BWZPIG

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q40BWZPIG WINBOND-W25Q40BWZPIG Datasheet
2Mb / 70P
   1.8V 4M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
More results

Similar Description - W25Q40BWZPIG

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q40BW WINBOND-W25Q40BW Datasheet
2Mb / 70P
   1.8V 4M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q40EW WINBOND-W25Q40EW Datasheet
1Mb / 80P
   1.8V 4M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
August 18, 2018Revision J
W25Q40BV WINBOND-W25Q40BV Datasheet
2Mb / 73P
   4M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q40BV WINBOND-W25Q40BV_12 Datasheet
1Mb / 73P
   4M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q40BL WINBOND-W25Q40BL_12 Datasheet
2Mb / 74P
   2.5V 4M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q40BL WINBOND-W25Q40BL Datasheet
2Mb / 73P
   2.5V 4M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q80BWSSIG-TR WINBOND-W25Q80BWSSIG-TR Datasheet
1Mb / 75P
   1.8V 8M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q20BW WINBOND-W25Q20BW Datasheet
2Mb / 70P
   1.8V 2M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q80BW WINBOND-W25Q80BW_13 Datasheet
1Mb / 74P
   1.8V 8M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q80BW WINBOND-W25Q80BW Datasheet
2Mb / 71P
   1.8V 8M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com