Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5566MTH1R Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 5566MTH1R
Description  THE WIDEST RANGE IN MINIATURE SWITCHES
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

5566MTH1R Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  5566MTH1R Datasheet HTML 1Page - List of Unclassifed Manufacturers 5566MTH1R Datasheet HTML 2Page - List of Unclassifed Manufacturers 5566MTH1R Datasheet HTML 3Page - List of Unclassifed Manufacturers 5566MTH1R Datasheet HTML 4Page - List of Unclassifed Manufacturers 5566MTH1R Datasheet HTML 5Page - List of Unclassifed Manufacturers 5566MTH1R Datasheet HTML 6Page - List of Unclassifed Manufacturers 5566MTH1R Datasheet HTML 7Page - List of Unclassifed Manufacturers 5566MTH1R Datasheet HTML 8Page - List of Unclassifed Manufacturers 5566MTH1R Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
APEM
www.apem.com
A-25
5000 series
Toggle switches
Overview
A
Sealing boots
are available. They are presented in section H.
Mounting accessories
: standard hardware supplied with all models with Ø 6,35 (1/4) or Ø 6 (.236) threaded bushing :
2 hex nuts 8 mm (.314) across flats, 1 locking ring and 1 lockwasher.
Standard and special hardware available are presented in section I.
Packaging unit
: 25 pieces or 50 pieces depending on models.
Finish
Blank
Bright chrome finish
G
Matt black finish on
bushing, actuator and
hardware.
Fluorescent tip
Blank
None
0.38
White fluorescent
tip to lever
Available with matt black
finish (G) only.
Special options
Blank
No special
requirement
X408
Front panel sealing
by two O-rings
X404
Horizontal right
angle with reduced
overall dimensions
Other : specific bushing
height, PC terminal length,
finish, ratings, etc... See
following pages.
Caps and paddles
Caps
Length
U270
11 (.433)
U1710
7,3 (.287)
Paddles
U240N
12,4 (.488)
U290N
20 (.787)
U390N
21,5 (.846)
Contact materials
A
Silver
AD
Silver, gold plated
CD
Brass, gold plated
For peak currents, see X814,
under Special Options.
Sealing
Blank
No sealing except
where standard
B
Epoxy sealed
terminals
K
Front panel sealing
by one O-ring and
sealing washer
Sealing by two O-rings, see
X408 under "Special
options"
.
Levers
Length with
threaded
plain
bushing
bushing
-13
(std)
10,5 (.413)
13,5 (.531)
-2
16 (.629)
19 (.748)
-7
-
6,6 (.259)
-8
(flat)
21,3 (.838)
-
-9
(flat)
11,4 (.448)
-
-12
(flat)
6,3 (.248)
-
-16
5,5 (.216)
8,5 (.334)
-17
7 (.275)
10 (.393)
-21 (+ U640)
21,3 (.838)
-
insulated
-22
21,3 (.838)
-
-23
14 (.551)
-
-24
(large)
17,5 (.688)
-
-25
16,30 (.642)
-27
(large)
11,7 (.460)
-
-4N
9 (.354)
12 (.472)
4N for use with paddle actuators only.
Approvals
UL
CSA
VDE
CECC
Availability :
Consult factory for details of
approved models.
Locking levers
1V
1 locked position
2V
2 locked positions
3V
3 locked positions
Other, consult factory.
For models with Ø 6,35 (1/4) bushing.


Similar Part No. - 5566MTH1R

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
5566-02A MOLEX3-5566-02A Datasheet
511Kb / 6P
   4.20mm (.165") Pitch Mini-Fit Jr.??Header, Dual Row, Vertical, without Snap-in Plastic Peg PCB Lock, 2 Circuits, PA Polyamide Nylon 6/6 94V-2, Tin (Sn) Plating, without Drain Holes
5566-02A MOLEX11-5566-02A Datasheet
51Kb / 2P
   Mini-Fit짰 Jr. Header, Dual Row, Vertical, without Snap-in Plastic Peg PCB Lock, 2 Circuits, PA Polyamide Nylon 6/6 94V-2, Tin (Sn) Plating, without Drain Holes
5566-02A-210 MOLEX3-5566-02A-210 Datasheet
511Kb / 6P
   4.20mm (.165") Pitch Mini-Fit Jr.??Header, Dual Row, Vertical, without Snap-in Plastic Peg PCB Lock, 2 Circuits, PA Polyamide Nylon 6/6 94V-0, Tin (Sn) Plating, without Drain Holes
5566-02A-210 MOLEX11-5566-02A-210 Datasheet
51Kb / 2P
   Mini-Fit짰 Jr. Header, Dual Row, Vertical, without Snap-in Plastic Peg PCB Lock, 2 Circuits, PA Polyamide Nylon 6/6 94V-0, Tin (Sn) Plating, without Drain Holes
5566-02A2 MOLEX3-5566-02A2 Datasheet
407Kb / 4P
   4.20mm (.165") Pitch Mini-Fit Jr. Header, Dual Row, Vertical, with Snap-in Plastic Peg PCB Lock
More results

Similar Description - 5566MTH1R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5638A ETC2-5638A Datasheet
529Kb / 22P
   THE WIDEST RANGE IN MINIATURE SWITCHES
5656A ETC2-5656A Datasheet
529Kb / 22P
   THE WIDEST RANGE IN MINIATURE SWITCHES
505Q-0256-S010 ETC2-505Q-0256-S010 Datasheet
709Kb / 3P
   Widest Temperature Range
logo
C&K Components
LP22C21T203DQ CK-COMPONENTS-LP22C21T203DQ Datasheet
176Kb / 3P
   Miniature Snap-in Slide Switches
logo
ITT Industries
LP22C21T203Q ITT-LP22C21T203Q Datasheet
183Kb / 3P
   Miniature Snap-in Slide Switches
D101J12S215QA ITT-D101J12S215QA Datasheet
369Kb / 5P
   Miniature Snap-in Power Rocker Switches
logo
C&K Components
D501J12S215PQF CK-COMPONENTS-D501J12S215PQF Datasheet
295Kb / 5P
   Miniature Snap-in Power Rocker Switches
D101J12S215DQA CK-COMPONENTS-D101J12S215DQA Datasheet
1Mb / 5P
   Miniature Snap-in Power Rocker Switches
D CK-COMPONENTS-D Datasheet
482Kb / 5P
   Miniature Snap-in Power Rocker Switches
15 May 20
logo
List of Unclassifed Man...
T0050100599 ETC2-T0050100599 Datasheet
355Kb / 2P
   Widest range of geometrics and sizes Covers all standard applications.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com