Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

501S47N102KF4E Datasheet(PDF) 7 Page - Johanson Technology Inc.

Part # 501S47N102KF4E
Description  ceramic capacitor solutions
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JOHANSON [Johanson Technology Inc.]
Direct Link  http://www.johansontechnology.com
Logo JOHANSON - Johanson Technology Inc.

501S47N102KF4E Datasheet(HTML) 7 Page - Johanson Technology Inc.

Back Button 501S47N102KF4E Datasheet HTML 3Page - Johanson Technology Inc. 501S47N102KF4E Datasheet HTML 4Page - Johanson Technology Inc. 501S47N102KF4E Datasheet HTML 5Page - Johanson Technology Inc. 501S47N102KF4E Datasheet HTML 6Page - Johanson Technology Inc. 501S47N102KF4E Datasheet HTML 7Page - Johanson Technology Inc. 501S47N102KF4E Datasheet HTML 8Page - Johanson Technology Inc. 501S47N102KF4E Datasheet HTML 9Page - Johanson Technology Inc. 501S47N102KF4E Datasheet HTML 10Page - Johanson Technology Inc. 501S47N102KF4E Datasheet HTML 11Page - Johanson Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
7
www.johanson dielectrics.com
CASE SIZE
CAPACITANCE SELECTION
JDI /EIA
Rated
Voltage
NPO Dielectric
X7R Dielectric
Inches
(mm)
Minimum
Maximum
Minimum
Maximum
S43 / 1812
L
W
T
E/B
.180 ±.010
.125 ±.010
.110 Max.
.025 ±.015
(4.57 ±.25)
(3.17 ±.25)
(2.80)
(0.64±.38)
250 VDC
-
-
0.010 µF
0.470 uF
500 VDC
100 pF
8200 pF
1000 pF
0.330 uF
630 VDC
100 pF
6800 pF
1000 pF
0.180 µF
1000 VDC
10 pF
5600 pF
1000 pF
0.100 µF
2000 VDC
10 pF
1800 pF
100 pF
0.010 µF
3000 VDC
10 pF
1000 pF
100 pF
6800 pF
4000 VDC
10 pF
390 pF
100 pF
2200 pF
5000 VDC
10 pF
150 pF
100 pF
1000 pF
6000 VDC
10 pF
150 pF
10 pF
680 pF
S49 / 1825
L
W
T
E/B
.180 ±.010
.250 ±.010
.140 Max.
.025 ±.015
(4.57 ±.25)
(6.35 ±.25)
(3.56)
(0.64±.38)
500 VDC
100 pF
0.018 µF
0.01 µF
1.000 µF
630 VDC
100 pF
0.015 µF
0.01 µF
0.270 µF
1000 VDC
10 pF
0.012 µF
1000 pF
0.047 µF
2000 VDC
10 pF
5600 pF
100 pF
0.022 µF
3000 VDC
10 pF
2200 pF
100 pF
0.010 µF
4000 VDC
10 pF
1200 pF
100 pF
2700 pF
5000 VDC
10 pF
390 pF
100 pF
1200 pF
6000 VDC
10 pF
390 pF
100 pF
820 pF
S47 / 2220
L
W
T
E/B
.225 ±.015
.200 ±.015
.150 Max.
.025 ±.015
(5.72 ±.38)
(5.08 ±.38)
(3.81)
(0.64±.38)
500 VDC
1000 pF
0.018 µF
0.01 µF
0.680 µF
630 VDC
1000 pF
0.018 µF
0.01 µF
0.470 µF
1000 VDC
100 pF
0.015 µF
1000 pF
0.100 µF
2000 VDC
100 pF
5600 pF
1000 pF
0.047 µF
3000 VDC
10 pF
2700 pF
100 pF
0.015 µF
4000 VDC
10 pF
1500 pF
100 pF
3300 pF
5000 VDC
10 pF
470 pF
100 pF
2200 pF
6000 VDC
10 pF
470 pF
100 pF
1500 pF
S48 / 2225
L
W
T
E/B
.225 ±.010
.255 ±.015
.160 Max.
.025 ±.015
(5.72 ±.25)
(6.48 ±.38)
(4.06)
(0.64±.38)
500 VDC
1000 pF
0.027 µF
0.01 µF
1.000 µF
630 VDC
1000 pF
0.022 µF
0.01 µF
0.680 µF
1000 VDC
100 pF
0.018 µF
1000 pF
0.220 µF
2000 VDC
100 pF
8200 pF
1000 pF
0.100 µF
3000 VDC
10 pF
3300 pF
100 pF
0.022 µF
4000 VDC
10 pF
1800 pF
100 pF
0.010 µF
5000 VDC
10 pF
470 pF
100 pF
3300 pF
6000 VDC
10 pF
470 pF
100 pF
1500 pF
Available cap. values include these significant retma values and their multiples: 1.0 1.2 1.5 1.8 2.2 2.7 3.3 3.9 4.7 5.6 6.8 8.2
( 1.0 = 1.0, 10, 100, 1000, etc.)
Consult factory for non-retma values and sizes or voltages not shown.
ELECTRICAL CHARACTERISTICS
Meets the standard NPO & X7R dielectric specifications listed on page 20
Dielectric Withstanding Voltage
DWV = 1.5 X rated WVDC for ratings ≤ 500 WVDC,
DWV = 1.2 X rated WVDC for ratings ≥ 1,000 WVDC
NOTE: Capacitors may require a surface coating to prevent external arcing. Solder mask should not be used
beneath capacitors. For more information see JDI Tech Note “Surface Arc Season”
HIGH VOLTAGE SURFACE MOUNT MLCCS 250 - 6,000 VDC
L
W
T
E/B
HOW TO ORDER HIGH VOLTAGE SURFACE MOUNT
P/N written: 202R18W102KV4E
202
R18
W
102
K
V
4
E
VOLTAGE
SIZE
DIELECTRIC
CAPACITANCE
TOLERANCE
TERMINATION
MARKING
PACKING
501 = 500 V
631 = 630 V
102 =1000 V
202 =2000 V
302 =3000 V
402 =4000 V
502 =5000 V
602 =6000 V
R15=0805
R18=1206
R29=1808
S41=1210
S43=1812
S47=2220
S48=2225
S49=1825
N = NPO
W = X7R
1st two digits are
significant; third digit
denotes number of
zeros.
102 = 1000 pF
104 = 0.10 µF
J = ± 5%
K = ± 10%
M = ± 20%
V = NI Barrier with 100%
Sn Plating (Matte)
F = Polyterm
flexible termination
T = SnPb
4 = Unmarked
6 = EIA Code
E =Embossed 7”
T
=Punched 7”
No code = bulk
Tape specs.
per EIA RS481


Similar Part No. - 501S47N102KF4E

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
501S42E9R1CV4E JOHANSON-501S42E9R1CV4E Datasheet
175Kb / 5P
   Q & ESR EXPLAINED A JOHANSON TECHNOLOGY PRIMER
501S43W473KV4E JOHANSON-501S43W473KV4E Datasheet
639Kb / 2P
   NEXT GENERATION High Voltage MLCCs 250 - 6,000 VDC
More results

Similar Description - 501S47N102KF4E

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
102S48W104KV4E JOHANSON-102S48W104KV4E Datasheet
1Mb / 36P
   Ceramic Capacitor Solutions
102R18N220JV4E JOHANSON-102R18N220JV4E Datasheet
1Mb / 40P
   Ceramic Capacitor Solutions
6R3R15X476MV4E JOHANSON-6R3R15X476MV4E Datasheet
1Mb / 2P
   Ceramic Capacitor Solutions
logo
Vishay Siliconix
VJOMD-C0G VISHAY-VJOMD-C0G Datasheet
169Kb / 8P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions
Revision: 20-Aug-08
VJOMD-X7R VISHAY-VJOMD-X7R Datasheet
166Kb / 10P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Revision: 28-Oct-08
VJ1812Y472KBGAT4X VISHAY-VJ1812Y472KBGAT4X Datasheet
219Kb / 16P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Revision: 25-Mar-13
VJ2220Y224KBEAT4X VISHAY-VJ2220Y224KBEAT4X Datasheet
221Kb / 16P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Revision: 22-Jul-13
VJOMD VISHAY-VJOMD Datasheet
209Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Revision: 31-Jan-17
HVSERIES VISHAY-HVSERIES Datasheet
253Kb / 14P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for High Voltage Applications
01-Jan-2023
VJ-OMD VISHAY-VJ-OMD Datasheet
208Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Revision: 31-Jan-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com