Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FPG-C28P2HTM Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # FPG-C28P2HTM
Description  Programmable Controllers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

FPG-C28P2HTM Datasheet(HTML) 7 Page - Panasonic Semiconductor

Back Button FPG-C28P2HTM Datasheet HTML 3Page - Panasonic Semiconductor FPG-C28P2HTM Datasheet HTML 4Page - Panasonic Semiconductor FPG-C28P2HTM Datasheet HTML 5Page - Panasonic Semiconductor FPG-C28P2HTM Datasheet HTML 6Page - Panasonic Semiconductor FPG-C28P2HTM Datasheet HTML 7Page - Panasonic Semiconductor FPG-C28P2HTM Datasheet HTML 8Page - Panasonic Semiconductor FPG-C28P2HTM Datasheet HTML 9Page - Panasonic Semiconductor FPG-C28P2HTM Datasheet HTML 10Page - Panasonic Semiconductor FPG-C28P2HTM Datasheet HTML 11Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
RS232C
RS232C
FP
S
GT
touch terminal
Image
processing device
RS485
Link
station
Link
station
Link
station
Link
station
1-channel RS232C type FPG-COM1
2-channel RS232C type FPG-COM2
1-channel RS485 type FPG-COM3
1-channel RS232C + 1-channel RS485 type FPG-COM4
7
FP
S (Sigma)
Optimized communication function
Masterless communication using the FP
S (Sigma)
Four types of communication
cassettes enable:
Efficient connection to serial

devices.
Transmission speeds of up to

115.2kbits/s.
Long transmission distance of

up to 1200m.
In addition, the green screw

terminal is removable for easy
wiring.
With the RS232C type communications cassette:
Efficient connection with other control devices helps to save space!
Enables connection to devices with RS232C interface, such as a programmable

display panel, image processing device and other devices.
When used as a tool port, up to 3 external devices can be connected.

A 2-channel type communication cassette is used.

With the RS485 type communication cassette:
More links than you imagined a compact PLC could achieve
(2048 link relays / 256-word link data registers)
Can be used to share product type data between different machines.

Can be used for interlocking between different machines.

Easy wiring between PLCs with twin-core cabling.

Even if a station goes into a power-off state, communications between

the other stations continue. The failed station can be integrated quickly
and smoothly into the network in the event of recurrence.
Connection to external devices using RS485 interface
Enables connection to external devices, such as temperature controllers

or Eco Power Meter, that are equipped with RS485 interface.
Transmission speed: Max. 115.2kbits/s.

Transmission distance: Max. 1200m.

Control is possible using commercially available RS485 devices.

Eco Power Meter
KW4M
Temperature controller,
KT4H
RS485
RS232C
RS232C
GT Touch Terminals
Link data register
Product type data
Inspection machine
Link data register
Product type data
Assembly machine
Link data register
Product type data
Process machine
09/2008


Similar Part No. - FPG-C28P2HTM

ManufacturerPart #DatasheetDescription
logo
SAB North America
FPG-11 SAB-FPG-11 Datasheet
171Kb / 1P
   Polyamide 6 Cord Grips
FPG-11R SAB-FPG-11R Datasheet
171Kb / 1P
   Polyamide 6 Cord Grips
FPG-13 SAB-FPG-13 Datasheet
171Kb / 1P
   Polyamide 6 Cord Grips
FPG-13R SAB-FPG-13R Datasheet
171Kb / 1P
   Polyamide 6 Cord Grips
FPG-16 SAB-FPG-16 Datasheet
171Kb / 1P
   Polyamide 6 Cord Grips
More results

Similar Description - FPG-C28P2HTM

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP626 TOSHIBA-TLP626_07 Datasheet
240Kb / 8P
   Programmable Controllers
TLP620 TOSHIBA-TLP620_07 Datasheet
267Kb / 9P
   Programmable Controllers
TLP628 TOSHIBA-TLP628_07 Datasheet
252Kb / 8P
   Programmable Controllers
logo
Omron Electronics LLC
3G2A5-LK010-E OMRON-3G2A5-LK010-E Datasheet
1Mb / 182P
   Programmable Controllers
logo
Toshiba Semiconductor
TLP624 TOSHIBA-TLP624 Datasheet
263Kb / 8P
   Programmable Controllers
TLP631 TOSHIBA-TLP631_07 Datasheet
197Kb / 8P
   Programmable Controllers
TLP627A TOSHIBA-TLP627A Datasheet
208Kb / 4P
   PROGRAMMABLE CONTROLLERS
TLP531 TOSHIBA-TLP531_07 Datasheet
713Kb / 9P
   Programmable Controllers
TLP130 TOSHIBA-TLP130_07 Datasheet
210Kb / 9P
   Programmable Controllers
logo
Omron Electronics LLC
CJ1W-DA041 OMRON-CJ1W-DA041 Datasheet
220Kb / 8P
   CJ1 Programmable Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com