Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FPG-C28P2H-A Datasheet(PDF) 11 Page - Panasonic Semiconductor

Part # FPG-C28P2H-A
Description  Programmable Controllers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

FPG-C28P2H-A Datasheet(HTML) 11 Page - Panasonic Semiconductor

Back Button FPG-C28P2H-A Datasheet HTML 7Page - Panasonic Semiconductor FPG-C28P2H-A Datasheet HTML 8Page - Panasonic Semiconductor FPG-C28P2H-A Datasheet HTML 9Page - Panasonic Semiconductor FPG-C28P2H-A Datasheet HTML 10Page - Panasonic Semiconductor FPG-C28P2H-A Datasheet HTML 11Page - Panasonic Semiconductor FPG-C28P2H-A Datasheet HTML 12Page - Panasonic Semiconductor FPG-C28P2H-A Datasheet HTML 13Page - Panasonic Semiconductor FPG-C28P2H-A Datasheet HTML 14Page - Panasonic Semiconductor FPG-C28P2H-A Datasheet HTML 15Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
11
FP positioning unit RTEX
Configuration example: 16 axes + I/O (256)
Pulser input
terminal
Network port
(Transmit)
FP dedicated expansion unit
(Max. of 4 units in combination
with positioning unit)
Positioning unit
RTEX
(Max. 2 units)
Control unit
FP /FP0 common
expansion unit
(Max. 3 units)
Monitor LEDs
Status display
Link status
Error display
Pulser input status
Configuration example: 8 axes x 14 modules = 112 axes
Master backplane
Expansion backplane
FP2/FP2SH Positioning unit RTEX
Network port
(Receive)
Pulser input
terminal
Network port
(Transmit)
Monitor LEDs
Status display
Link status
Error display
Pulser input status
Network port
(Receive)
The RTEX positioning units support Minas A4N network servo drives. A mutually optimized system consisting of PLC and servo
drive greatly simplifies installation.
Maximum number of control axes: 16 axes. Realization of highly accurate 2-axis circular interpolation, 3-axis linear

interpolation and 3-axis spiral interpolation with high-speed 100Mbps communication.
With 3 types in the product range, for 2 axes, 4 axes and 8 axes, provides flexible support even for control of small

numbers of axes.
By using loop wiring Realtime Express* provides high reliability by creating smooth communication conditions with

the data flow always in the same direction.
* Matsushita Electric Industrial network servo systems
System configuration:
Specifications:
2-axis type
4-axis type
8-axis type
Part number FP
∑ (Sigma) / FP2
FPG-PN2AN
FPG-PN4AN
FPG-PN8AN
Positioning control
functions
Control method
PTP Control, Cursor Path (CP) Control
Interpolation control
2-axis/3-axis linear interpolation, 2-axis circular interpolation,
3-axis spiral interpolation
Control units
Pulse/µm/inch/degree
Position data
600 points for each axis
Backup
Parameters and data file can be saved to FROM
Acceleration/deceleration
method
Linear acceleration/deceleration/S-curve acceleration/deceleration
Acceleration/deceleration
time
0 to 10,000ms (1ms units) different settings for acceleration and deceleration
are possible
Positioning area
(-1,073,741,823 to 1,073,741,823 pulse) increment and absolute specification
Speed control functions
Supported with JOG operation (free run operation)
Origin functions
Search method
Origin proximity (DOG) search
Creep speed
Free settings possible
Other functions
Pulser input operation support
Auxiliary output code, auxiliary output contact support
Dwell time support
Communication speed
100Mbps
Cable
Commercially available LAN straight cable (shielded category 5e)
Connection method
Ring method
Communication cycle/no. of terminals
0.5ms; max. 8 axes/system (command cycle: 1ms)
Transmission distance
Between terminals: 60m; total length: 200m
Precise positioning
FP
S (Sigma) RTEX expansion units
RTEX multi-axis network servo system
09/2008


Similar Part No. - FPG-C28P2H-A

ManufacturerPart #DatasheetDescription
logo
SAB North America
FPG-11 SAB-FPG-11 Datasheet
171Kb / 1P
   Polyamide 6 Cord Grips
FPG-11R SAB-FPG-11R Datasheet
171Kb / 1P
   Polyamide 6 Cord Grips
FPG-13 SAB-FPG-13 Datasheet
171Kb / 1P
   Polyamide 6 Cord Grips
FPG-13R SAB-FPG-13R Datasheet
171Kb / 1P
   Polyamide 6 Cord Grips
FPG-16 SAB-FPG-16 Datasheet
171Kb / 1P
   Polyamide 6 Cord Grips
More results

Similar Description - FPG-C28P2H-A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP626 TOSHIBA-TLP626_07 Datasheet
240Kb / 8P
   Programmable Controllers
TLP620 TOSHIBA-TLP620_07 Datasheet
267Kb / 9P
   Programmable Controllers
TLP628 TOSHIBA-TLP628_07 Datasheet
252Kb / 8P
   Programmable Controllers
logo
Omron Electronics LLC
3G2A5-LK010-E OMRON-3G2A5-LK010-E Datasheet
1Mb / 182P
   Programmable Controllers
logo
Toshiba Semiconductor
TLP624 TOSHIBA-TLP624 Datasheet
263Kb / 8P
   Programmable Controllers
TLP631 TOSHIBA-TLP631_07 Datasheet
197Kb / 8P
   Programmable Controllers
TLP627A TOSHIBA-TLP627A Datasheet
208Kb / 4P
   PROGRAMMABLE CONTROLLERS
TLP531 TOSHIBA-TLP531_07 Datasheet
713Kb / 9P
   Programmable Controllers
TLP130 TOSHIBA-TLP130_07 Datasheet
210Kb / 9P
   Programmable Controllers
logo
Omron Electronics LLC
CJ1W-DA041 OMRON-CJ1W-DA041 Datasheet
220Kb / 8P
   CJ1 Programmable Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com