Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EVQQXK02W Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # EVQQXK02W
Description  Light Touch Switches/EVQQX
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EVQQXK02W Datasheet(HTML) 1 Page - Panasonic Semiconductor

  EVQQXK02W Datasheet HTML 1Page - Panasonic Semiconductor EVQQXK02W Datasheet HTML 2Page - Panasonic Semiconductor EVQQXK02W Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Light Touch Switches/EVQQX
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
E
1
V
2
Q
3
QX
45678
Product Code
Type
Height
9
Push Plate Color
Type
Snap action / Push-on type SPST
Electrical
Rating
10 µA 2 Vdc to 20 mA 15 Vdc (Resistive load)
Contact Resistance
50 m
max.
Insulation Resistance
50 M
min. (at 100 Vdc)
Dielectric Withstanding Voltage
250 Vac for 1 minute
Bouncing
3 ms max. (ON)
8 ms max. (OFF)
Mechanical
Operating Force
1.3 N±0.4 N
1.6 N±0.5 N
2.6 N± 0.6 N
Travel
0.25 mm±0.10 mm
EnduranceOperating Life
1000000 cycles min.
100000 cycles min.
Operating Temperature
–20 °C to +70 °C
Storage Temperature
–40 °C to +85 °C (Bulk)
–20 °C to +60 °C (Taping)
Minimum Quantity/Packing Unit
H=2.0 mm
4000 pcs. Embossed Taping (Reel Pack)
H=2.5 mm, 3.1 mm
2000 pcs. Embossed Taping (Reel Pack)
Quantity/Carton
H=2.0 mm
20000 pcs.
H=2.5 mm, 3.1 mm
10000 pcs.
Specifications
Type with Push Plate
Soldering
Reflow soldering
Without sealing film
Packaging
Taping
L=2.0, 2.5, 3.1 mm
Ground terminal
Without
With
Profile
Operating
Force
1.3 N
EVQQXPEVQQXM
1.6 N
EVQQXSEVQQXN
2.6 N
EVQQXT
EVQQXK
6 mm Square SMD Light Touch Switches
Type:
EVQQX
Features
External dimensions: 6.2 mm 6.2 mm,
Height 2.0 mm, 2.5 mm, 3.1 mm
Reflow soldering
Wide product variety
Product Chart
Recommended Applications
Operation switches for portable electronic equipment
(Camcorders, Portable audio players, etc.)
Operating signal input switches for communication
equipment.
Explanation of Part Numbers
Note: Non washable
Apr. 2008


Similar Part No. - EVQQXK02W

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EVQQ0C PANASONIC-EVQQ0C Datasheet
111Kb / 3P
   Light Touch Switches
EVQQ0C03K PANASONIC-EVQQ0C03K Datasheet
111Kb / 3P
   Light Touch Switches
EVQQ0G03K PANASONIC-EVQQ0G03K Datasheet
111Kb / 3P
   Light Touch Switches
EVQQ2 PANASONIC-EVQQ2 Datasheet
187Kb / 4P
   6 mm Square Thin Type SMD Light Touch Switches
EVQQ2 PANASONIC-EVQQ2 Datasheet
101Kb / 4P
   6 mm Square Thin Type SMD Light Touch Switches Overstroke travel
More results

Similar Description - EVQQXK02W

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EVQQ0C PANASONIC-EVQQ0C Datasheet
111Kb / 3P
   Light Touch Switches
EVQPVA05K PANASONIC-EVQPVA05K_16 Datasheet
103Kb / 2P
   Light Touch Switches
EVQ9P701K PANASONIC-EVQ9P701K Datasheet
143Kb / 4P
   Light Touch Switches
EVQPS0202K PANASONIC-EVQPS0202K Datasheet
112Kb / 4P
   Light Touch Switches
EVQPLA PANASONIC-EVQPLA Datasheet
89Kb / 3P
   Light Touch Switches
EVQP4HB3B PANASONIC-EVQP4HB3B_16 Datasheet
129Kb / 3P
   Light Touch Switches
EVPAX PANASONIC-EVPAX Datasheet
93Kb / 2P
   Light Touch Switches
EVQPAC04M PANASONIC-EVQPAC04M_12 Datasheet
86Kb / 3P
   5N Type Light Touch Switches Light Touch Switches/EVQPA/PB
EVQ-PPHA25 PANASONIC-EVQ-PPHA25 Datasheet
97Kb / 4P
   Light Touch Switches/EVQPP
EVQ-P8203M PANASONIC-EVQ-P8203M Datasheet
98Kb / 3P
   Light Touch Switches/EVQP4
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com