Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G2R-1A Datasheet(PDF) 14 Page - Omron Electronics LLC

Part # G2R-1A
Description  1General purpose power Relays of single-pole10 A and double-pole 5 A.
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G2R-1A Datasheet(HTML) 14 Page - Omron Electronics LLC

Back Button G2R-1A Datasheet HTML 6Page - Omron Electronics LLC G2R-1A Datasheet HTML 7Page - Omron Electronics LLC G2R-1A Datasheet HTML 8Page - Omron Electronics LLC G2R-1A Datasheet HTML 9Page - Omron Electronics LLC G2R-1A Datasheet HTML 10Page - Omron Electronics LLC G2R-1A Datasheet HTML 11Page - Omron Electronics LLC G2R-1A Datasheet HTML 12Page - Omron Electronics LLC G2R-1A Datasheet HTML 13Page - Omron Electronics LLC G2R-1A Datasheet HTML 14Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
14
G2R
PCB Power Relay
G
2
R
■Precautions
●Please refer to “PCB Relays Common Precautions” for correct use.
●Mounting
• When mounting a number of relays on
a PCB, be sure to provide a minimum
mounting space of 5 mm between the
two juxtaposed relays as shown
below.
●Handling
• The terminals are compatible with
Faston receptacle #187 and are
suitable for positive-lock mounting.
Use only Faston terminals with the
specified numbers.
Select leads for connecting Faston
receptacles with wire diameters that
are within the allowable range for the
load current.
Do not apply excessive force to the
terminals when mounting or
dismounting the Faston receptacle.
Also, do not insert terminals at an
angle, or insert/remove multiple
terminals at the same time. Be sure to
insert and remove terminals carefully
one at a time.
Refer to the following table for
examples of positive-lock connectors
made by AMP. Contact the
manufacturer directly for details on
connectors including availability.
Note: The numbers shown in parentheses are for
air-feeding.
●Minimum Pulse Width of Double-
winding Latching Relays
• The minimum pulse width shown in
the table of characteristics are values
measured under conditions of ambient
temperature at 23°C with rated
operating voltage imposed on coil. The
Relay may not provide a satisfactory
performance as its holding ability
decreases depending on the operating
circuit conditions and ambient
temperature, or decreases due to
degradation over time.
In actual operation, impose to the coil
a rated operating voltage with a pulse
width that is suitable to the actual load,
and reset the setting at least once a
year, to correspond to the degradation
over time.
• When using the Relay in a strong
magnetic field environment, the
magnetic body may be demagnetized
due to the influence of environment,
causing the Relay to malfunction.
Therefore, do not use the Relay in a
strong magnetic field environment.
●Degradation over Time of Double-
winding Latching Relays Holding
Ability
• If a double-winding latching Relay is
used left set for an extended period,
changes over time will degrade the
magnetic force, and the reduction in
holding ability may cause the set
status to be released. This is also
because of the properties of semi-
hard magnetic material, and the rate
of degradation over time depends on
the ambient environment (e.g.,
temperature, humidity, vibration, and
presence or absence of external
magnetic fields).Perform maintenance
at least once a year by resetting,
applying the rated voltage again, and
then setting.
●Wiring High Capacity (-E) Models
• High-capacity models (-E) have a
structure that connects two terminals
from one contact.
When designing the circuit, use both
terminals.
If you use only one terminal, the relay
may be unable to satisfy specified
performance.
Correct Use
5 mm
min.
5 mm min.
Type
Receptacle
terminals
Positive housing
#187
(Width
4.75)
AMP170330-1
(170324-1)
AMP170331-1
(170325-1)
AMP170332-1
(170326-1)
AMP172074-1
(natural color)
AMP172074-4
(yellow)
AMP172074-5
(green)
AMP172074-6
(blue)
• Application examples provided in this document are for reference only. In actual applications, confirm equipment functions and safety before using the product.
• Consult your OMRON representative before using the product under conditions which are not described in the manual or applying the product to nuclear control systems, railroad
systems, aviation systems, vehicles, combustion systems, medical equipment, amusement machines, safety equipment, and other systems or equipment that may have a serious
influence on lives and property if used improperly. Make sure that the ratings and performance characteristics of the product provide a margin of safety for the system or
equipment, and be sure to provide the system or equipment with double safety mechanisms.
OMRON Corporation
Electronic and Mechanical Components Company
Contact: www.omron.com/ecb
Cat. No. K013-E1-13
0812(0207)(O)
Note: Do not use this document to operate the Unit.


Similar Part No. - G2R-1A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G2R-1A OMRON-G2R-1A Datasheet
1Mb / 19P
   PCB Relay A Power Relay for a Variety of Purposes with Various Models
G2R-1A OMRON-G2R-1A Datasheet
562Kb / 14P
   Power PCB Relay
G2R-1A OMRON-G2R-1A Datasheet
1Mb / 15P
   A POWER RELAY FOR A VARIETY OF PURPOSES WITH VARIOUS MODELS
G2R-1A OMRON-G2R-1A Datasheet
656Kb / 12P
   Creepage distance of 8.0 mm min. between coil and con tact.
G2R-1A OMRON-G2R-1A Datasheet
656Kb / 12P
   Power PCB Relay
More results

Similar Description - G2R-1A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G2R-14-DC5 OMRON-G2R-14-DC5 Datasheet
2Mb / 14P
   1General purpose power Relays of single-pole10 A and double-pole 5 A.
logo
Honeywell Solid State E...
CO-78498 HONEYWELL-CO-78498 Datasheet
210Kb / 4P
   SINGLE POLE AND DOUBLE POLE
logo
ZF Friedrichshafen AG
D413-R1AA-G2 ZFSWITCHES-D413-R1AA-G2 Datasheet
306Kb / 2P
   Single and Double Pole
logo
Omron Electronics LLC
G3NA240BDC524 OMRON-G3NA240BDC524 Datasheet
1Mb / 18P
   Wide Lineup of General-purpose Solid State Relays with Applicable Loads of 5 to 90 A
G5LE-14-DC24 OMRON-G5LE-14-DC24 Datasheet
751Kb / 6P
   A Cubic, Single-pole 10-A Power Relay
G3NA225BAC100120 OMRON-G3NA225BAC100120 Datasheet
1Mb / 18P
   Wide Lineup of General-purpose Solid State Relays with Applicable Loads of 5 to 90 A
G5LE14DC12 OMRON-G5LE14DC12 Datasheet
751Kb / 6P
   A Cubic, Single-pole 10-A Power Relay
logo
National Instruments Co...
PXI-2564 NI-PXI-2564 Datasheet
132Kb / 3P
   16-Channel, 5 A SPST (Form A) Relays
logo
Cherry Semiconductor Co...
E1901A CHERRY-E1901A Datasheet
158Kb / 3P
   GENERAL PURPOSE ??SINGLE & DOUBLE POLE ESeries
logo
Omron Electronics LLC
P2CF-08 OMRON-P2CF-08 Datasheet
685Kb / 28P
   General-purpose Relays and Power Relays Sockets
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com