Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SITU2800-00 Datasheet(PDF) 3 Page - Emcore Corporation

Part # SITU2800-00
Description  SITU-SIRU Series Externally-Modulated Transmitters & Receivers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

SITU2800-00 Datasheet(HTML) 3 Page - Emcore Corporation

  SITU2800-00 Datasheet HTML 1Page - Emcore Corporation SITU2800-00 Datasheet HTML 2Page - Emcore Corporation SITU2800-00 Datasheet HTML 3Page - Emcore Corporation SITU2800-00 Datasheet HTML 4Page - Emcore Corporation SITU2800-00 Datasheet HTML 5Page - Emcore Corporation SITU2800-00 Datasheet HTML 6Page - Emcore Corporation SITU2800-00 Datasheet HTML 7Page - Emcore Corporation SITU2800-00 Datasheet HTML 8Page - Emcore Corporation SITU2800-00 Datasheet HTML 9Page - Emcore Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
MICROWAVE
DATASHEET | APRIL 2013
© 2013 EMCORE Corporation
| REV 2013.04
626-293-3400
specialty-sales@emcore.com
www.emcore.com
Information contained herein is deemed to be reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specifications at any time without notice.
SITU-Series Transmitter Physical Parameters
Input Voltage
Max Current
+5
2 A
+15
0.1 A
-5
0.65 A
-15
0.1 A
Parameter
Condition
Min
Typical
Max
Unit
Configuration
Self Contained Housing
-
-
-
-
Dimensions
1.3 H x 3.6 W x 9.2 D
-
-
-
in
Operating/Storage Temperature
-40
-
+70
°C
Weight
-
-
29
-
oz
SITU-Series Transmitter DC Power Consumption
Pin
Function
Comments
1
+15 VDC
2
-15 VDC
3
+5 VDC
4
-5 VDC
5
Laser Current Monitor
1 V/A
6
Optical Power Monitor
0.25 V/mW
7
Reserved for Factory Use
8
Reserved for Factory Use
9
TX Power Control
0 V off; 5 V on
10
NC
11
NC
12
GND
13
GND
14
GND
15
Reserved for Factory Use
SITU-Series Transmitter D-Connector Pin Out
SITU-SIRU Series Externally-Modulated
Transmitters & Receivers


Similar Part No. - SITU2800-00

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
SITU2011 EMCORE-SITU2011 Datasheet
284Kb / 3P
   Small Integrated Transmitter Unit
SITU2300 EMCORE-SITU2300 Datasheet
343Kb / 3P
   Small Integrated Transmitter Unit
SITU2400 EMCORE-SITU2400 Datasheet
298Kb / 3P
   Small Integrated Transmitter Unit
SITU2400-XZ EMCORE-SITU2400-XZ Datasheet
365Kb / 5P
   Small Integrated Transmitter Unit
SITU2400-XZ-YY EMCORE-SITU2400-XZ-YY Datasheet
365Kb / 5P
   Small Integrated Transmitter Unit
More results

Similar Description - SITU2800-00

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
SITU3000 EMCORE-SITU3000 Datasheet
541Kb / 6P
   Externally Modulated Transmitter
SITU3040 EMCORE-SITU3040 Datasheet
517Kb / 6P
   Externally Modulated Transmitter
J-TYPE EMCORE-J-TYPE Datasheet
454Kb / 5P
   Externally-Modulated Transmitter
3998 EMCORE-3998_16 Datasheet
627Kb / 7P
   Externally-Modulated Transmitter
MEDALLION6000 EMCORE-MEDALLION6000 Datasheet
459Kb / 7P
   Externally-Modulated Transmitter
I-TYPE EMCORE-I-TYPE Datasheet
819Kb / 6P
   Externally-Modulated Transmitter
logo
Texas Instruments
ONET1131EC TI1-ONET1131EC Datasheet
1Mb / 46P
[Old version datasheet]   Externally Modulated Laser Driver
logo
Emcore Corporation
DEMT2101 EMCORE-DEMT2101 Datasheet
309Kb / 5P
   1550 nm Externally Modulated Transmitter
3998 EMCORE-3998 Datasheet
580Kb / 7P
   1550 nm Externally Modulated Transmitter
6000-0D0111001 EMCORE-6000-0D0111001 Datasheet
595Kb / 7P
   1550 nm Externally Modulated Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com