Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PONA2114-1-AC-SC-PA Datasheet(PDF) 1 Page - Emcore Corporation

Part # PONA2114-1-AC-SC-PA
Description  Full Functionality 1 RU EDFA (pre-Amp)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

PONA2114-1-AC-SC-PA Datasheet(HTML) 1 Page - Emcore Corporation

  PONA2114-1-AC-SC-PA Datasheet HTML 1Page - Emcore Corporation PONA2114-1-AC-SC-PA Datasheet HTML 2Page - Emcore Corporation PONA2114-1-AC-SC-PA Datasheet HTML 3Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DATASHEET | DECEMBER 2013
FIBER OPTICS
| REV 2013.12
Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice.
Applications
High-Performance Supertrunking Links
Optical Distribution Networks
Redundant Ring Architectures
FTTx Networks.
Features
Full Functionality 1 RU EDFA (pre-Amp)
Low Noise Figure (Typ < 3.3 dB)
Total Input Power Range:
-45 dBm to 0 dBm
+14 dBm Saturated Output Power (min)
Small Signal Gain 37 dB (min)
Standard RS-232 Communications
(RS-485 or I2C is Optional)
Key Lock Switch
VFD Panel Status Indicator
Low Electrical Power Consumption
Output Isolation >40 dB
Polarization Dependant Gain < 0.1 dB
Polarization Mode Dispersion < 0.5 ps
The EMCORE PONA 2114 PA Series Erbium Doped Fiber pre-Amplifier (EDFA)
is an ideal building block for OEM system integrators. The family of PONA 2114
PA series preamps is designed to meet the most demanding noise performance
requirements of any fiber link application, and perform all the functions required
of an optical pre-Amplifier for system integration. The PONA 2114 PA series
provides optical isolation on the output of the gain block for stable, low noise
operation. The output optical signal power levels are detected for monitoring and
control. The PONA 2114 PA series also provides monitors and associated
alarms for all vital characteristics. The relay outputs of the PONA 2114 PA series
provide electrical monitoring of alarm conditioning of the unit.
General and Mechanical Specifications
Property
Requirement
Comments
Operating Wavelength
1530 – 1562 nm
Standard
Operating Case Temperature
0
C to 50C
Storage Temperature
-40
C to 85C
Standard
Operating Humidity
20% to 85%
Non-condensing
Voltage Supply Range
85 VAC to 265 VAC 50/60 Hz
-36 to -60 V DC
Standard
Optional
Optical Connectors
SC/APC; SC/UPC; FC/APC;
FC/UPC; E2000/APC
User Specified
Dimensions in Inches
19.0”W x 14.76”D x 1.72”H
19” Rack-Mounted, 1U
PONA 2114 PA Series EDFA
Erbium Doped Fiber pre-Amplifier


Similar Part No. - PONA2114-1-AC-SC-PA

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
PONA2114-1-AC-SC-00 EMCORE-PONA2114-1-AC-SC-00 Datasheet
481Kb / 4P
   Erbium Doped Fiber Amplifier (EDFA)
PONA2114-1-AC-SC-00 EMCORE-PONA2114-1-AC-SC-00 Datasheet
481Kb / 4P
   Full Functionality 1 RU EDFA
PONA2114-1-AC-SC-01 EMCORE-PONA2114-1-AC-SC-01 Datasheet
481Kb / 4P
   Erbium Doped Fiber Amplifier (EDFA)
PONA2114-1-AC-SC-02 EMCORE-PONA2114-1-AC-SC-02 Datasheet
481Kb / 4P
   Erbium Doped Fiber Amplifier (EDFA)
PONA2114-1-AC-SC-03 EMCORE-PONA2114-1-AC-SC-03 Datasheet
481Kb / 4P
   Erbium Doped Fiber Amplifier (EDFA)
More results

Similar Description - PONA2114-1-AC-SC-PA

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
PONA-2114-1-AC-SC-00 EMCORE-PONA-2114-1-AC-SC-00 Datasheet
481Kb / 4P
   Full Functionality 1 RU EDFA
logo
Vicor Corporation
08-130160-01 VICOR-08-130160-01 Datasheet
126Kb / 1P
   OUTLINE PFC MINI 1/RU
08-130150-01 VICOR-08-130150-01 Datasheet
128Kb / 1P
   OUTLINE EXTENDED PFC MINI 1/RU
logo
Winchester Electronics ...
SD7795-33 WINCHESTER-SD7795-33 Datasheet
95Kb / 1P
   SINGLE VIDEO S.T 1 RU JACK FIELD
logo
Emcore Corporation
MAFA1000 EMCORE-MAFA1000 Datasheet
620Kb / 4P
   EDFA
logo
Adels-Contact
293800 ADELS-293800 Datasheet
147Kb / 1P
   BZ 14 RU
logo
Motorola, Inc
MC33253 MOTOROLA-MC33253 Datasheet
615Kb / 15P
   Full Bridge Pre-Driver
logo
MRV Communications, Inc...
EM316EA MRV-EM316EA Datasheet
842Kb / 4P
   EDFA Optical Amplifiers
logo
ON Semiconductor
LB11852RV ONSEMI-LB11852RV Datasheet
309Kb / 12P
   Single-phase Full-wave Pre-driver
May, 2013
LB11850VA ONSEMI-LB11850VA Datasheet
233Kb / 17P
   Single?릔hase Full?릛ave Pre?릁river
March, 2018 ??Rev. 1
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com