Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

655H Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # 655H
Description  600H and 600NH series
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

655H Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  655H Datasheet HTML 1Page - List of Unclassifed Manufacturers 655H Datasheet HTML 2Page - List of Unclassifed Manufacturers 655H Datasheet HTML 3Page - List of Unclassifed Manufacturers 655H Datasheet HTML 4Page - List of Unclassifed Manufacturers 655H Datasheet HTML 5Page - List of Unclassifed Manufacturers 655H Datasheet HTML 6Page - List of Unclassifed Manufacturers 655H Datasheet HTML 7Page - List of Unclassifed Manufacturers 655H Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
APEM
www.apem.com
A-105
6-600H series
Toggle switches - metal lever
A
MATERIALS
• Case : melamine/polyester
• Actuator : brass, nickel plated
• Bushing : brass, nickel plated
• Contacts : copper, silver plated
SPECIFICATIONS
• Max. current/voltage rating with resistive load : 6A 250VAC and 125VAC
• Initial contact resistance : 10mΩ max. at 1A 2VDC
• Insulation resistance : 1.000 MΩ min. at 500VDC
• Dielectric strength : 2.500 Vrms 50 Hz min. between terminals
2.500 Vrms 50 Hz between terminals and frame
• Electrical life at full load : 10.000 cycles
• Torque : 1,50 Nm (1.10 Ft.lb) max. applied to nut
• Panel thickness : 4,5 mm (.177) max. between 2 nuts
• Operating temperature : -20°C to +55°C
• Hardware supplied : 1 hex nut U166 and 1 knurled nut U411
Three pole
Double pole
Single pole
III
II
I
2-1
2-3
Solder lug
Screw term.
6-631H/2
6-631H
ON
-
OFF
6-636H/2
6-636H
ON
-
ON
6-639H/2
6-639H
ON
OFF
ON
III
II
I
2-1
2-3
5-4
5-6
8-7
8-9
Solder lug
Screw term.
6-651H/2
6-651H
ON
-
OFF
6-656H/2
6-656H
ON
-
ON
6-659H/2
6-659H
ON
OFF
ON
III
II
I
2-1
2-3
5-4
5-6
Solder lug
Screw term.
6-641H/2
6-641H
ON
-
OFF
6-646H/2
6-646H
ON
-
ON
6-649H/2
6-649H
ON
OFF
ON
Keyway
Keyway
Keyway
III
14.00
17.50
10.50
15.00
11.00
Ø12.00x0.75 SI
(.472DIAx0.75 IS)
(.433)
(.59)
(.413)
(.689)
(.551)
3
2
1
A3
A2
A1
(.689)
(.413)
(.846)
(.433)
(.433)
(.846)
21.50
11.00
21.40
10.50
17.50
11.00
(.472DIAx0.75 IS)
Ø12.00x0.75 SI
III
B4
B5
B6
(.472DIAx0.75 IS)
1
4
7
(.433)
(.949)
(.44)
(.689)
(1.358)
34.50
17.50
11.20
24.00
11.00
Ø12.00x0.75 SI
(.472)
(.472)
12.00
12.00
III
2
5
8
3
6
9
(.122DIA)
Ø3.10
(.25x.031)
6.35x0.80
(.031)
(.118DIAx0.50 IS)
Ø3.00x0.50 SI
0.80
6.35
(.25)
6-600H/2
6-600H


Similar Part No. - 655H

ManufacturerPart #DatasheetDescription
logo
Littelfuse
655 LITTELFUSE-655 Datasheet
76Kb / 1P
   MINIATURE FUSEHOLDERS
logo
List of Unclassifed Man...
6550 ETC1-6550 Datasheet
3Mb / 8P
   AUDIO SEVRVICE APPLICATIONS
logo
DB Lectro Inc
6550-5151-DV DBLECTRO-6550-5151-DV Datasheet
67Kb / 1P
   650nm 5 mW Laser Diodes AUTO PACKAGE
6550-7241-AU-50 DBLECTRO-6550-7241-AU-50 Datasheet
78Kb / 1P
   650nm 5 mW Laser Diodes AUTO PACKAGE(REGROWTH)
6550-7241-BA DBLECTRO-6550-7241-BA Datasheet
114Kb / 1P
   650nm 5 mW Laser Diodes MANUAL PACKAGE
More results

Similar Description - 655H

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Amphenol Corporation
4400 AMPHENOL-4400 Datasheet
1Mb / 10P
   Amphenol 67 and 165 Series Amphenol 67 and 165 Series
logo
Intel Corporation
BD82QM67-SLJ4M INTEL-BD82QM67-SLJ4M Datasheet
6Mb / 934P
   Intel짰 6 Series Chipset and Intel짰 6 Series Chipset and
logo
List of Unclassifed Man...
UCY74 ETC2-UCY74 Datasheet
1Mb / 29P
   UCY74 and UCA64 Series
logo
Xilinx, Inc
XC1700E XILINX-XC1700E Datasheet
123Kb / 12P
   XC1700E and XC1700L Series
logo
STMicroelectronics
BTW69-1000RG STMICROELECTRONICS-BTW69-1000RG Datasheet
88Kb / 6P
   BTW67 and BTW69 Series
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
   NBB Series and NDA Series Reliability
logo
EDAC, All Rights Reserv...
COVERS-SERIES EDAC-COVERS-SERIES Datasheet
255Kb / 1P
   Covers Series Rack and Panel Connector Covers | For 516 and 519 Series
logo
Panasonic Battery Group
EEF-LX PANASONICBATTERY-EEF-LX Datasheet
792Kb / 1P
   EEF-GX and LX Series
logo
Keysight Technologies
N1912A-P KEYSIGHT-N1912A-P Datasheet
1Mb / 14P
   P-Series Power Meters and
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com