Electronic Components Datasheet Search |
|
501R29N104KV4E Datasheet(PDF) 11 Page - Johanson Technology Inc. |
|
501R29N104KV4E Datasheet(HTML) 11 Page - Johanson Technology Inc. |
11 / 36 page 11 www.johanson dielectrics.com Dimensional View Cross-sectional View G G A B Equivalent Circuits G1 A G2 B CB W EB L T X2Y® FILTER & DECOUPLING CAPACITORS CASE SIZE 0402 (X07) 0603 (X14) 0805 (X15) 1206 (X18) 1210 (X41) 1410 (X44) 1812 (X43) IN mm IN mm IN mm IN mm IN mm IN mm IN mm L 0.045 ± 0.003 1.143 ± 0.076 0.064 ± 0.005 1.626 ± 0.127 0.080 ± 0.008 2.032 ± 0.203 0.124 ± 0.010 3.150 ± 0.254 0.125 ± 0.010 3.175 ± 0.254 0.140 ± 0.010 3.556 ± 0.254 0.174 ± 0.010 4.420 ± 0.254 W 0.025 ± 0.003 0.635 ± 0.076 0.035 ± 0.005 0.889 ± 0.127 0.050 ± 0.008 1.270 ± 0.203 0.063 ± 0.010 1.600 ± 0.254 0.098 ± 0.010 2.489 ± 0.254 0.098 ± 0.010 2.490 ± 0.254 0.125 ± 0.010 3.175 ± 0.254 T 0.020 max 0.508 max 0.026 max 0.660 max 0.040 max 1.016 max 0.050 max 1.270 max 0.070 max 1.778 max 0.070 max 1.778 max 0.090 max 2.286 max EB 0.008 ± 0.003 0.203 ± 0.076 0.010 ± 0.006 0.254 ± 0.152 0.012 ± 0.008 0.305 ± 0.203 0.016 ± 0.010 0.406 ± 0.254 0.018 ± 0.010 0.457 ± 0.254 0.018 ± 0.010 0.457 ± 0.254 0.022 ± 0.012 0.559 ± 0.305 CB 0.012 ± 0.003 0.305 ± 0.076 0.018 ± 0.004 0.457 ± 0.102 0.022 ± 0.005 0.559 ± 0.127 0.040 ± 0.005 1.016 ± 0.127 0.045 ± 0.005 1.143 ± 0.127 0.045 ± 0.005 1.143 ± 0.127 0.045 ± 0.005 1.143 ± 0.127 ELECTRICAL CHARACTERISTICS NPO X7R X5R Temperature Coefficient: ±15% (-55 to +125°C) ±15% (-55 to +125°C) ±15% (-55 to +85°C) Dielectric Strength: Vrated ≤100VDC: DWV = 2.5 X WVDC, 25°C, 50mA max. Vrated = 500VDC: DWV = 1.5 X WVDC, 25°C, 50mA max. Dissipation Factor: 0.1% max. WVDC ≥ 50 VDC: 2.5% max. WVDC = 25 VDC: 3.5% max. WVDC = 10-16 VDC: 5.0% max. WVDC = 6.3 VDC: 10% max. WVDC ≥ 50 VDC: 5% max. WVDC ≤ 25 VDC: 10% max. Insulation Resistance (Min. @ 25°C, WVDC) C≤ 0.047µF: 1000 ΩF or 100 GΩ, whichever is less C> 0.047µF: 500 ΩF or 10 GΩ, whichever is less Test Conditions: C > 100 pF; 1kHz ±50Hz; 1.0±0.2 VRMS C ≤ 100 pF; 1Mhz ±50kHz; 1.0±0.2 VRMS 1.0kHz±50Hz @ 1.0±0.2 Vrms Other: See main catalog page 35 for additional dielectric specifications. Power Ground G1 G2 A B EMI Filtering S21 Signal-to-Ground Power Bypass S21 Power-to-Ground G1 G2 A B Signal 1 Signal 2 Ground 10.0Ω 1.00Ω 0.10Ω 0.01Ω 10.0Ω 1.00Ω 0.10Ω 0.01Ω Labeled capacitance values below follow the P/N order code (single Y cap value) Effective capacitance measured in Circuit 2 is 2X of the labled single Y cap value. |
Similar Part No. - 501R29N104KV4E |
|
Similar Description - 501R29N104KV4E |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |