Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K3110-PROPLUS Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # K3110-PROPLUS
Description  T O TA L L A M P S O LU T I O N S
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

K3110-PROPLUS Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button K3110-PROPLUS Datasheet HTML 9Page - List of Unclassifed Manufacturers K3110-PROPLUS Datasheet HTML 10Page - List of Unclassifed Manufacturers K3110-PROPLUS Datasheet HTML 11Page - List of Unclassifed Manufacturers K3110-PROPLUS Datasheet HTML 12Page - List of Unclassifed Manufacturers K3110-PROPLUS Datasheet HTML 13Page - List of Unclassifed Manufacturers K3110-PROPLUS Datasheet HTML 14Page - List of Unclassifed Manufacturers K3110-PROPLUS Datasheet HTML 15Page - List of Unclassifed Manufacturers K3110-PROPLUS Datasheet HTML 16Page - List of Unclassifed Manufacturers K3110-PROPLUS Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 64 page
background image
www .prolite -lamps.co.uk
13
CANDLE FLAME TIP COMPACT FLUORESCENT
DESCRIPTION
Based on the popular micro candle lamp, but with a decorative flame shaped tip. 2700K
warm white colour. Flame tipped lamps allow the benefits of energy saving lamps to be
applied to esthetic applications where shape and design are critical to the effect desired.
TECHNICAL SPECIFICATION
h
w
CELF/7W/BC/2700K
7
35
240
BC
280
127
37
CELF/7W/SBC/2700
7
35
240
SBC
280
127
37
CELF/7W/SES/2700
7
35
240
SES
280
127
37
CELF/9W/BC/2700K
9
45
240
BC
380
137
37
8,000h
7W Candle
Compact
Fluorescent
100
38
7W Candle
Flame Tip
Compact
Fluorescent
125
37
91
35


Similar Part No. - K3110-PROPLUS

ManufacturerPart #DatasheetDescription
logo
NEC
K3113 NEC-K3113 Datasheet
145Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
logo
VBsemi Electronics Co.,...
K3113-Z VBSEMI-K3113-Z Datasheet
1Mb / 9P
   Power MOSFET
logo
NEC
K3113B NEC-K3113B Datasheet
202Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
logo
VBsemi Electronics Co.,...
K3113B-ZK-E1-AY VBSEMI-K3113B-ZK-E1-AY Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
K3114 VBSEMI-K3114 Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
More results

Similar Description - K3110-PROPLUS

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GMBCX53 ETL-GMBCX53 Datasheet
215Kb / 2P
   P N P S I L I C O N E P I TA X I A L T R A N S I S T O R
GLBCX53 ETL-GLBCX53 Datasheet
215Kb / 2P
   P N P S I L I C O N E P I TA X I A L T R A N S I S T O R
GMBCP56 ETL-GMBCP56 Datasheet
153Kb / 2P
   N P N S I L I C O N E P I TA X I A L T R A N S I S T O R
GLBCP56 ETL-GLBCP56 Datasheet
153Kb / 2P
   N P N S I L I C O N E P I TA X I A L T R A N S I S T O R
GM5824 ETL-GM5824 Datasheet
442Kb / 2P
   N P N S I L I C O N E P I TA X I A L P L A N A R T R A N S I S T O R
GSMBTA64 ETL-GSMBTA64 Datasheet
217Kb / 2P
   P N P S I L I C O N T R A N S I S T O R
GSMBTA56 ETL-GSMBTA56 Datasheet
196Kb / 2P
   P N P S I L I C O N T R A N S I S T O R
GJ1386 ETL-GJ1386 Datasheet
161Kb / 2P
   P N P E P I T A X I A L S I L I C O N T R A N S I S T O R
GI1386 ETL-GI1386 Datasheet
215Kb / 2P
   P N P E P I T A X I A L S I L I C O N T R A N S I S T O R
GLBCP69 ETL-GLBCP69 Datasheet
248Kb / 2P
   P N P S I L I C O N E P I T A X I A L T R A N S I S T O R
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com