Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAB-P-M269 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # BAB-P-M269
Description  T O TA L L A M P S O LU T I O N S
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BAB-P-M269 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button BAB-P-M269 Datasheet HTML 5Page - List of Unclassifed Manufacturers BAB-P-M269 Datasheet HTML 6Page - List of Unclassifed Manufacturers BAB-P-M269 Datasheet HTML 7Page - List of Unclassifed Manufacturers BAB-P-M269 Datasheet HTML 8Page - List of Unclassifed Manufacturers BAB-P-M269 Datasheet HTML 9Page - List of Unclassifed Manufacturers BAB-P-M269 Datasheet HTML 10Page - List of Unclassifed Manufacturers BAB-P-M269 Datasheet HTML 11Page - List of Unclassifed Manufacturers BAB-P-M269 Datasheet HTML 12Page - List of Unclassifed Manufacturers BAB-P-M269 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 64 page
background image
www .prolite -lamps.co.uk
9
HELIX DAYLITE MICRO COMPACT FLUORESCENT
DESCRIPTION
A compact version of the daylite helix lamp ideal for use in small enclosures. 6400K daylight
white colour temperature, makes this lamp perfect for home applications such as cooker
hoods, bathroom and kitchen wall lights. The lamp also works well used in commercial
display applications. Used as an indirect light source, colours and products can be
viewed with full richness and contrast.
TECHNICAL SPECIFICATION
h
w
HELIX/5W/BC/6400
5
25
240
BC
300
94
30
HELIX/7W/BC/64
7
35
240
BC
385
106
30
HELIX/7W/SES/64
7
35
240
SES
385
106
30
HELIX/9W/BC/64
9
45
240
BC
455
108
30
HELIX/9W/SES/64
9
45
240
SES
455
108
30
8,000h


Similar Part No. - BAB-P-M269

ManufacturerPart #DatasheetDescription
logo
JST Mfg. Co., Ltd.
BAB JST-BAB Datasheet
199Kb / 3P
   Wire-to-wire
logo
Ohmite Mfg. Co.
BAB116010R0KE OHMITE-BAB116010R0KE Datasheet
512Kb / 2P
   Aluminum Cased Resistor
BAB11601R00KE OHMITE-BAB11601R00KE Datasheet
512Kb / 2P
   Aluminum Cased Resistor
BAB116025R0KE OHMITE-BAB116025R0KE Datasheet
512Kb / 2P
   Aluminum Cased Resistor
BAB11602R00KE OHMITE-BAB11602R00KE Datasheet
512Kb / 2P
   Aluminum Cased Resistor
More results

Similar Description - BAB-P-M269

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GMBCX53 ETL-GMBCX53 Datasheet
215Kb / 2P
   P N P S I L I C O N E P I TA X I A L T R A N S I S T O R
GLBCX53 ETL-GLBCX53 Datasheet
215Kb / 2P
   P N P S I L I C O N E P I TA X I A L T R A N S I S T O R
GMBCP56 ETL-GMBCP56 Datasheet
153Kb / 2P
   N P N S I L I C O N E P I TA X I A L T R A N S I S T O R
GLBCP56 ETL-GLBCP56 Datasheet
153Kb / 2P
   N P N S I L I C O N E P I TA X I A L T R A N S I S T O R
GM5824 ETL-GM5824 Datasheet
442Kb / 2P
   N P N S I L I C O N E P I TA X I A L P L A N A R T R A N S I S T O R
GSMBTA64 ETL-GSMBTA64 Datasheet
217Kb / 2P
   P N P S I L I C O N T R A N S I S T O R
GSMBTA56 ETL-GSMBTA56 Datasheet
196Kb / 2P
   P N P S I L I C O N T R A N S I S T O R
GJ1386 ETL-GJ1386 Datasheet
161Kb / 2P
   P N P E P I T A X I A L S I L I C O N T R A N S I S T O R
GI1386 ETL-GI1386 Datasheet
215Kb / 2P
   P N P E P I T A X I A L S I L I C O N T R A N S I S T O R
GLBCP69 ETL-GLBCP69 Datasheet
248Kb / 2P
   P N P S I L I C O N E P I T A X I A L T R A N S I S T O R
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com