Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FXR01070100CA Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # FXR01070100CA
Description  Flexible Near-Field Communications Reader Antenna
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FXR01070100CA Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

  FXR01070100CA Datasheet HTML 1Page - List of Unclassifed Manufacturers FXR01070100CA Datasheet HTML 2Page - List of Unclassifed Manufacturers FXR01070100CA Datasheet HTML 3Page - List of Unclassifed Manufacturers FXR01070100CA Datasheet HTML 4Page - List of Unclassifed Manufacturers FXR01070100CA Datasheet HTML 5Page - List of Unclassifed Manufacturers FXR01070100CA Datasheet HTML 6Page - List of Unclassifed Manufacturers FXR01070100CA Datasheet HTML 7Page - List of Unclassifed Manufacturers FXR01070100CA Datasheet HTML 8Page - List of Unclassifed Manufacturers FXR01070100CA Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
SPE-12-8-059/C/WY |
page 9 of 9
Taoglas makes no warranties based on the
accuracy or completeness of the contents
of this document and reserves the right to
make changes to specifications and
product descriptions at any time
without notice. Taoglas reserves all
rights to this document and the
information contained herein.
Reproduction, use or disclosure to third
parties without express permission is
strictly prohibited.
Copyright © Taoglas Ltd.
UNLESS OTHER SPECIFIED TOLERANCES ON:
X=±
X.X=±
X.XX=
ANGLES=±
HOLEDIA=±
SCALE: xxxx
UNIT:mm
DRAWN BY: Gabriel
CHECKED BY: Wayne
DESIGNED BY: Orville APPROVED BY: Wayne
TITLE: FXR.01 Antenna Assembly
DOCUMENT
FXR.01.07.0100C.A
PAGE REV.
NO.
A
ISO NO: PSP-12-8-0206
PAGE
7
OF
7
5 包裝規格
5.1 每個小 PE 袋放置 100 天線
100pcs antennas per small PE bag】
5.2 每個大 PE 袋放置 10 個小 PE 袋,如下圖所示
10 small PE bag per big PE bag】
5.3 每包大 PE 袋內數量共 1000pcs 天線
1000pcs antennas per big PE bag】
5.4 封口時須注意不可壓到天線,裝入需平整不可雜亂
Antenna should be placed flat and neat in the PE bag. Hot seal the PE bag without
pressing or damage the antenna.】
5.5 清點每袋數量不可短缺
Confirm the quantity in each PE bag】
小 PE 袋
大 PE 袋
FXR.01
100pcs antennas per small PE bag
10 small PE bag per big PE bag
1000pcs antennas per big PE bag
Antenna should be placed flat and neat in the PE bag.
Hot seal the PE bag without pressing or damage the antenna.
Confirm the quantity in each PE bag


Similar Part No. - FXR01070100CA

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
FXR01070100CA TAOGLAS-FXR01070100CA Datasheet
1Mb / 10P
   Flexible Near-Field Communications Reader Antenna
More results

Similar Description - FXR01070100CA

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
FXR01070100CA TAOGLAS-FXR01070100CA Datasheet
1Mb / 10P
   Flexible Near-Field Communications Reader Antenna
FXR06A TAOGLAS-FXR06A Datasheet
1Mb / 10P
   Square Flexible Near-Field Communications Antenna
FXR08A TAOGLAS-FXR08A Datasheet
1Mb / 10P
   Rectangular Flexible Near-Field Communications Antenna
logo
List of Unclassifed Man...
FXT01A ETC2-FXT01A Datasheet
241Kb / 7P
   Flexible PCB Near-Field Communications Tag Antenna
logo
Taoglas antenna solutio...
FXR05A TAOGLAS-FXR05A Datasheet
1Mb / 10P
   Small Form Factor Circular Flexible Near-Field Communications Antenna
FXR07A TAOGLAS-FXR07A Datasheet
6Mb / 10P
   Circular Near-Field Communications Antenna
FXR.07.52.0075X.A.DG TAOGLAS-FXR.07.52.0075X.A.DG Datasheet
4Mb / 10P
   Circular Near-Field Communications Ferrite
FXR07520075XA TAOGLAS-FXR07520075XA Datasheet
1Mb / 11P
   Circular Flexible Near-Field Communications Antenna with 75mm Twisted Pair 28AWG Cable and ACH(F) connector
FXR06520075XA TAOGLAS-FXR06520075XA Datasheet
1Mb / 10P
   Square Flexible Near-Field Communications Ferrite Antenna with 75mm Twisted Pair 28AWG Cable and ACH(F) connector
FXR08520075XA TAOGLAS-FXR08520075XA Datasheet
1Mb / 10P
   Rectangular Flexible Near-Field Communications Ferrite Antenna with 75mm Twisted Pair 28AWG Cable and ACH(F) connector
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com