Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FXP831090100C Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # FXP831090100C
Description  FXP.831 Freedom 2.4/5 GHz Ground Coupled Antenna
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FXP831090100C Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button FXP831090100C Datasheet HTML 5Page - List of Unclassifed Manufacturers FXP831090100C Datasheet HTML 6Page - List of Unclassifed Manufacturers FXP831090100C Datasheet HTML 7Page - List of Unclassifed Manufacturers FXP831090100C Datasheet HTML 8Page - List of Unclassifed Manufacturers FXP831090100C Datasheet HTML 9Page - List of Unclassifed Manufacturers FXP831090100C Datasheet HTML 10Page - List of Unclassifed Manufacturers FXP831090100C Datasheet HTML 11Page - List of Unclassifed Manufacturers FXP831090100C Datasheet HTML 12Page - List of Unclassifed Manufacturers FXP831090100C Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
SPE-11-8-053/B/SS
Page 9 of 16
3.3.6 YZ plane (at 2400MHz)
-35
-30
-25
-20
-15
-10
-5
0
5
0
30
60
90
120
150
180
210
240
270
300
330
Free Space
with 1.0mm ABS
with 1.5mm ABS
with 2.0mm ABS
3.3.7 YZ plane (at 2500MHz)
-35
-30
-25
-20
-15
-10
-5
0
5
0
30
60
90
120
150
180
210
240
270
300
330
Free Space
with 1.0mm ABS
with 1.5mm ABS
with 2.0mm ABS


Similar Part No. - FXP831090100C

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
FXP831090100C TAOGLAS-FXP831090100C Datasheet
1Mb / 18P
   FXP.831 Freedom 2.4GHz and 4.9-6GHz bands Ground Coupled Antenna
More results

Similar Description - FXP831090100C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FXP831.09.0100C ETC2-FXP831.09.0100C Datasheet
775Kb / 16P
   FXP.831 Freedom 2.4/5 GHz Ground Coupled Antenna
FXP831.07.0100C ETC2-FXP831.07.0100C Datasheet
768Kb / 16P
   FXP.831 Freedom 2.4/5 GHz Ground Coupled Antenna
FXP831070100C ETC2-FXP831070100C Datasheet
768Kb / 16P
   FXP.831 Freedom 2.4/5 GHz Ground Coupled Antenna
logo
Taoglas antenna solutio...
FXP831070100C TAOGLAS-FXP831070100C Datasheet
1Mb / 19P
   FXP.831 Freedom 2.4/4.9-6GHz Ground Coupled Antenna
FXP831090100C TAOGLAS-FXP831090100C Datasheet
1Mb / 18P
   FXP.831 Freedom 2.4GHz and 4.9-6GHz bands Ground Coupled Antenna
logo
List of Unclassifed Man...
FXP830090100C ETC2-FXP830090100C Datasheet
349Kb / 11P
   FXP.830 Freedom Wi-Fi 2.4/5 GHz Dipole Antenna
FXP830070100C ETC2-FXP830070100C Datasheet
296Kb / 11P
   FXP.830 Freedom Wi-Fi 2.4/5 GHz Dipole Antenna
FXP840070055B ETC2-FXP840070055B Datasheet
778Kb / 14P
   FXP.840 Freedom Series Super Small Monopole Dual-band 2.4 GHz /5 GHz Antenna
FXP72070053A ETC2-FXP72070053A Datasheet
393Kb / 12P
   FXP72 Freedom 2.4GHz Series Ground Coupled Antenna
logo
Taoglas antenna solutio...
FXP830070100C TAOGLAS-FXP830070100C Datasheet
404Kb / 13P
   FXP.830 Freedom Dual Band Wi-Fi 2.4/5.8 GHz Dipole Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com