Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

501S47N102JV4E Datasheet(PDF) 11 Page - Johanson Technology Inc.

Part # 501S47N102JV4E
Description  ceramic capacitor solutions
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JOHANSON [Johanson Technology Inc.]
Direct Link  http://www.johansontechnology.com
Logo JOHANSON - Johanson Technology Inc.

501S47N102JV4E Datasheet(HTML) 11 Page - Johanson Technology Inc.

Back Button 501S47N102JV4E Datasheet HTML 7Page - Johanson Technology Inc. 501S47N102JV4E Datasheet HTML 8Page - Johanson Technology Inc. 501S47N102JV4E Datasheet HTML 9Page - Johanson Technology Inc. 501S47N102JV4E Datasheet HTML 10Page - Johanson Technology Inc. 501S47N102JV4E Datasheet HTML 11Page - Johanson Technology Inc. 501S47N102JV4E Datasheet HTML 12Page - Johanson Technology Inc. 501S47N102JV4E Datasheet HTML 13Page - Johanson Technology Inc. 501S47N102JV4E Datasheet HTML 14Page - Johanson Technology Inc. 501S47N102JV4E Datasheet HTML 15Page - Johanson Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
11
www.johanson dielectrics.com
Dimensional View
Cross-sectional View
G
G
A
B
Equivalent Circuits
G1
A
G2
B
CB
W
EB
L
T
X2Y® FILTER & DECOUPLING CAPACITORS
CASE SIZE
0402 (X07)
0603 (X14)
0805 (X15)
1206 (X18)
1210 (X41)
1410 (X44)
1812 (X43)
IN
mm
IN
mm
IN
mm
IN
mm
IN
mm
IN
mm
IN
mm
L
0.045 ±
0.003
1.143 ±
0.076
0.064 ±
0.005
1.626 ±
0.127
0.080 ±
0.008
2.032 ±
0.203
0.124 ±
0.010
3.150 ±
0.254
0.125 ±
0.010
3.175 ±
0.254
0.140 ±
0.010
3.556 ±
0.254
0.174 ±
0.010
4.420 ±
0.254
W
0.025 ±
0.003
0.635 ±
0.076
0.035 ±
0.005
0.889 ±
0.127
0.050 ±
0.008
1.270 ±
0.203
0.063 ±
0.010
1.600 ±
0.254
0.098 ±
0.010
2.489 ±
0.254
0.098 ±
0.010
2.490 ±
0.254
0.125 ±
0.010
3.175 ±
0.254
T
0.020
max
0.508
max
0.026
max
0.660
max
0.040
max
1.016
max
0.050
max
1.270
max
0.070
max
1.778
max
0.070
max
1.778
max
0.090
max
2.286
max
EB
0.008 ±
0.003
0.203 ±
0.076
0.010 ±
0.006
0.254 ±
0.152
0.012 ±
0.008
0.305 ±
0.203
0.016 ±
0.010
0.406 ±
0.254
0.018 ±
0.010
0.457 ±
0.254
0.018 ±
0.010
0.457 ±
0.254
0.022 ±
0.012
0.559 ±
0.305
CB
0.012 ±
0.003
0.305 ±
0.076
0.018 ±
0.004
0.457 ±
0.102
0.022 ±
0.005
0.559 ±
0.127
0.040 ±
0.005
1.016 ±
0.127
0.045 ±
0.005
1.143 ±
0.127
0.045 ±
0.005
1.143 ±
0.127
0.045 ±
0.005
1.143 ±
0.127
ELECTRICAL CHARACTERISTICS
NPO
X7R
X5R
Temperature Coefficient:
±15% (-55 to +125°C)
±15% (-55 to +125°C)
±15% (-55 to +85°C)
Dielectric Strength:
Vrated ≤100VDC: DWV = 2.5 X WVDC, 25°C, 50mA max.
Vrated = 500VDC: DWV = 1.5 X WVDC, 25°C, 50mA max.
Dissipation Factor:
0.1% max.
WVDC ≥ 50 VDC: 2.5% max.
WVDC = 25 VDC: 3.5% max.
WVDC = 10-16 VDC: 5.0% max.
WVDC = 6.3 VDC: 10% max.
WVDC ≥ 50 VDC: 5% max.
WVDC ≤ 25 VDC: 10% max.
Insulation Resistance
(Min. @ 25°C, WVDC)
C≤ 0.047µF: 1000 ΩF or 100 GΩ, whichever is less
C> 0.047µF: 500 ΩF or 10 GΩ, whichever is less
Test Conditions:
C > 100 pF; 1kHz ±50Hz; 1.0±0.2 VRMS
C ≤ 100 pF; 1Mhz ±50kHz; 1.0±0.2 VRMS
1.0kHz±50Hz @ 1.0±0.2 Vrms
Other:
See main catalog page 35 for additional dielectric specifications.
Power
Ground
G1
G2
A
B
EMI Filtering S21
Signal-to-Ground
Power Bypass S21
Power-to-Ground
G1
G2
A
B
Signal 1
Signal 2
Ground
10.0Ω
1.00Ω
0.10Ω
0.01Ω
10.0Ω
1.00Ω
0.10Ω
0.01Ω
Labeled capacitance values below follow the P/N order code (single Y cap value)
Effective capacitance measured in Circuit 2 is 2X of the labled single Y cap value.


Similar Part No. - 501S47N102JV4E

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
501S42E9R1CV4E JOHANSON-501S42E9R1CV4E Datasheet
175Kb / 5P
   Q & ESR EXPLAINED A JOHANSON TECHNOLOGY PRIMER
501S43W473KV4E JOHANSON-501S43W473KV4E Datasheet
639Kb / 2P
   NEXT GENERATION High Voltage MLCCs 250 - 6,000 VDC
More results

Similar Description - 501S47N102JV4E

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
102S48W104KV4E JOHANSON-102S48W104KV4E Datasheet
1Mb / 36P
   Ceramic Capacitor Solutions
102R18N220JV4E JOHANSON-102R18N220JV4E Datasheet
1Mb / 40P
   Ceramic Capacitor Solutions
6R3R15X476MV4E JOHANSON-6R3R15X476MV4E Datasheet
1Mb / 2P
   Ceramic Capacitor Solutions
logo
Vishay Siliconix
VJOMD-C0G VISHAY-VJOMD-C0G Datasheet
169Kb / 8P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions
Revision: 20-Aug-08
VJOMD-X7R VISHAY-VJOMD-X7R Datasheet
166Kb / 10P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Revision: 28-Oct-08
VJ1812Y472KBGAT4X VISHAY-VJ1812Y472KBGAT4X Datasheet
219Kb / 16P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Revision: 25-Mar-13
VJ2220Y224KBEAT4X VISHAY-VJ2220Y224KBEAT4X Datasheet
221Kb / 16P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Revision: 22-Jul-13
VJOMD VISHAY-VJOMD Datasheet
209Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Revision: 31-Jan-17
HVSERIES VISHAY-HVSERIES Datasheet
253Kb / 14P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for High Voltage Applications
01-Jan-2023
VJ-OMD VISHAY-VJ-OMD Datasheet
208Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Revision: 31-Jan-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com