Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

501R29N102JV4E Datasheet(PDF) 5 Page - Johanson Technology Inc.

Part # 501R29N102JV4E
Description  ceramic capacitor solutions
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JOHANSON [Johanson Technology Inc.]
Direct Link  http://www.johansontechnology.com
Logo JOHANSON - Johanson Technology Inc.

501R29N102JV4E Datasheet(HTML) 5 Page - Johanson Technology Inc.

  501R29N102JV4E Datasheet HTML 1Page - Johanson Technology Inc. 501R29N102JV4E Datasheet HTML 2Page - Johanson Technology Inc. 501R29N102JV4E Datasheet HTML 3Page - Johanson Technology Inc. 501R29N102JV4E Datasheet HTML 4Page - Johanson Technology Inc. 501R29N102JV4E Datasheet HTML 5Page - Johanson Technology Inc. 501R29N102JV4E Datasheet HTML 6Page - Johanson Technology Inc. 501R29N102JV4E Datasheet HTML 7Page - Johanson Technology Inc. 501R29N102JV4E Datasheet HTML 8Page - Johanson Technology Inc. 501R29N102JV4E Datasheet HTML 9Page - Johanson Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
5
www.johanson dielectrics.com
CERAMIC CAPACITOR ENGINEERING DESIGN KITS
2000 VDC CERAMIC CHIP CAPACITOR KIT
P/N: S-2KV
300 piece sample assortment of selected values from 22pF to 0.022µF
Chip Size
Voltage Rating
Dielectric
Capacitanc Range
Qty / Value
Total Qty
1206 - 2225
2000 VDC
NPO, X7R
22pF to 0.022µF
10-20 pcs
300 pcs
X2/Y3 SAFETY CERTIFIED CERAMIC CHIP CAPACITOR KIT
P/N: S-SY3
240 piece sample assortment of selected values from 10pF to 1500 pF
Chip Size
Voltage Rating
Dielectric
Capacitanc Range
Qty / Value
Total Qty
1808
3KV DC / 250 AC
NPO, X7R
10pF to 1500 pF
20 pcs
240 pcs
X1/Y2 SAFETY CERTIFIED CERAMIC CHIP CAPACITOR KIT
P/N: S-SY2
200 piece sample assortment of selected values from 10pF to 2200 pF
Chip Size
Voltage Rating
Dielectric
Capacitanc Range
Qty / Value
Total Qty
1808 - 2220
5KV DC / 250 AC
NPO, X7R
10pF to 2200pF
20 pcs
200 pcs
X2Y® EMI FILTER CAPACITOR KIT - 0402 SIZE
P/N: S-X07CBK
600 piece sample assortment of selected values from 1.0pF to 0.01µF
Chip Size
Voltage Rating
Dielectric
Capacitanc Range
Qty / Value
Total Qty
0402
10 - 50 VDC
NPO, X7R
1.0pF to 0.01µF
50 pcs
600 pcs
X2Y® EMI FILTER CAPACITOR KIT - 0603 SIZE
P/N: S-X14CBK
700 piece sample assortment of selected values from 1.0pF to 0.01µF
Chip Size
Voltage Rating
Dielectric
Capacitanc Range
Qty / Value
Total Qty
0603
50 - 100 VDC
NPO, X7R
1.0pF to 0.01µF
50 pcs
700 pcs
X2Y® EMI FILTER CAPACITOR KIT - 0805 SIZE
P/N: S-X15-EMI
300 piece sample assortment of selected values from 1.0pF to 0.01µF
Chip Size
Voltage Rating
Dielectric
Capacitanc Range
Qty / Value
Total Qty
0805
50 - 100 VDC
NPO, X7R
1.0pF to 0.01µF
20 pcs
300 pcs
X2Y® POWER BYPASS CAPACITOR KIT - 0603 SIZE
P/N: S-X14-PBP
300 piece sample assortment of selected values from 1.0nF to 1.0µF
Chip Size
Voltage Rating
Dielectric
Capacitanc Range
Qty / Value
Total Qty
0603
6.3 - 100 VDC
X7R, X5R
1.0nF to 1.0µF
20 pcs
300 pcs
X2Y® DC MOTOR FILTER CAPACITOR KIT
P/N: S-X2Y-MTR
300 piece sample assortment of selected values from 0.10µF to 0.47µF
Chip Size
Voltage Rating
Dielectric
Capacitanc Range
Qty / Value
Total Qty
1206 - 1812
100 VDC
X7R
0.10µF to 0.47µF
30 pcs
300 pcs
Johanson may from time-time adjust actual kit contents based on design demand trends.
Check the Johanson web site for design kit updates and kit content changes.


Similar Part No. - 501R29N102JV4E

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
501R29N102JV4E JOHANSON-501R29N102JV4E Datasheet
1Mb / 2P
   Ceramic Capacitor Solutions
More results

Similar Description - 501R29N102JV4E

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
102S48W104KV4E JOHANSON-102S48W104KV4E Datasheet
1Mb / 36P
   Ceramic Capacitor Solutions
102R18N220JV4E JOHANSON-102R18N220JV4E Datasheet
1Mb / 40P
   Ceramic Capacitor Solutions
6R3R15X476MV4E JOHANSON-6R3R15X476MV4E Datasheet
1Mb / 2P
   Ceramic Capacitor Solutions
logo
Vishay Siliconix
VJOMD-C0G VISHAY-VJOMD-C0G Datasheet
169Kb / 8P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions
Revision: 20-Aug-08
VJOMD-X7R VISHAY-VJOMD-X7R Datasheet
166Kb / 10P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Revision: 28-Oct-08
VJ1812Y472KBGAT4X VISHAY-VJ1812Y472KBGAT4X Datasheet
219Kb / 16P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Revision: 25-Mar-13
VJ2220Y224KBEAT4X VISHAY-VJ2220Y224KBEAT4X Datasheet
221Kb / 16P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Revision: 22-Jul-13
VJOMD VISHAY-VJOMD Datasheet
209Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Revision: 31-Jan-17
HVSERIES VISHAY-HVSERIES Datasheet
253Kb / 14P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for High Voltage Applications
01-Jan-2023
VJ-OMD VISHAY-VJ-OMD Datasheet
208Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Revision: 31-Jan-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com