Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SR217A104FAA Datasheet(PDF) 8 Page - AVX Corporation

Part No. SR217A104FAA
Description  Multilayer CeramicLeaded Capacitors
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

SR217A104FAA Datasheet(HTML) 8 Page - AVX Corporation

Back Button SR217A104FAA Datasheet HTML 4Page - AVX Corporation SR217A104FAA Datasheet HTML 5Page - AVX Corporation SR217A104FAA Datasheet HTML 6Page - AVX Corporation SR217A104FAA Datasheet HTML 7Page - AVX Corporation SR217A104FAA Datasheet HTML 8Page - AVX Corporation SR217A104FAA Datasheet HTML 9Page - AVX Corporation SR217A104FAA Datasheet HTML 10Page - AVX Corporation SR217A104FAA Datasheet HTML 11Page - AVX Corporation SR217A104FAA Datasheet HTML 12Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 72 page
background image
6
The effect of the application of DC voltage is shown in
Figure 4. The voltage coefficient is more pronounced for
higher K dielectrics. These figures are shown for room tem-
perature conditions. The combination characteristic known
as voltage temperature limits which shows the effects of
rated voltage over the operating temperature range is
shown in Figure 5 for the military BX characteristic.
Cap. Change vs. D.C. Volts
AVX X7R T.C.
Typical Cap. Change vs. Temperature
AVX X7R T.C.
Cap. Change vs. Frequency
“Q” vs. Frequency
Effects of Frequency – Frequency affects capacitance
and dissipation factor as shown in Figures 6 and 7.
Variation of impedance with frequency is an important con-
sideration for decoupling capacitor applications. Lead
length, lead configuration and body size all affect the
impedance level over more than ceramic formulation varia-
tions. (Figure 8)
Effects of Time – Class 2 ceramic capacitors change
capacitance and dissipation factor with time as well as
temperature, voltage and frequency. This change with time
is known as aging. Aging is caused by a gradual re-align-
ment of the crystalline structure of the ceramic and
produces an exponential loss in capacitance and decrease
in dissipation factor versus time. A typical curve of aging
rate for semistable ceramics is shown in Figure 9 and a
table is given showing the aging rates of various dielectrics.
If a ceramic capacitor that has been sitting on the shelf for
a period of time, is heated above its curie point, (125°C for
4 hours or 150°C for 12 hour will suffice) the part will
de-age and return to its initial capacitance and dissipation
factor readings. Because the capacitance changes rapidly,
immediately after de-aging, the basic capacitance
measurements are normally referred to a time period some-
time after the de-aging process. Various manufacturers use
different time bases but the most popular one is one day or
twenty-four hours after “last heat.” Change in the aging
curve can be caused by the application of voltage and
other stresses. The possible changes in capacitance due to
de-aging by heating the unit explain why capacitance
changes are allowed after test, such as temperature
cycling, moisture resistance, etc., in MIL specs. The
application of high voltages such as dielectric withstanding
voltages also tends to de-age capacitors and is why
re-reading of capacitance after 12 or 24 hours is allowed in
military specifications after dielectric strength tests have
been performed.
The Capacitor
25%
50%
75%
100%
Percent Rated Volts
2.5
0
-2.5
-5
-7.5
-10
0VDC
RVDC
-55 -35
-15
+5
+25 +45 +65 +85 +105 +125
Temperature Degrees Centigrade
+20
+10
0
-10
-20
-30
AVX C0G (NP0) T.C.
AVX X7R T.C.
1
10
100
1
10
100
1
KHz
KHz
KHz
MHz
MHz
MHz
GHz
Frequency
0
-10
-20
-30
AVX
C0G (NP0)
T.C.
AVX X7R T.C.
1
10
100
1
10
100
1
KHz
KHz
KHz
MHz
MHz
MHz
GHz
Frequency
2000
1600
1200
800
400
0
Figure 4
Figure 5
Figure 6
Figure 7


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn