Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SR217A104FAA Datasheet(PDF) 34 Page - AVX Corporation

Part No. SR217A104FAA
Description  Multilayer CeramicLeaded Capacitors
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

SR217A104FAA Datasheet(HTML) 34 Page - AVX Corporation

Back Button SR217A104FAA Datasheet HTML 30Page - AVX Corporation SR217A104FAA Datasheet HTML 31Page - AVX Corporation SR217A104FAA Datasheet HTML 32Page - AVX Corporation SR217A104FAA Datasheet HTML 33Page - AVX Corporation SR217A104FAA Datasheet HTML 34Page - AVX Corporation SR217A104FAA Datasheet HTML 35Page - AVX Corporation SR217A104FAA Datasheet HTML 36Page - AVX Corporation SR217A104FAA Datasheet HTML 37Page - AVX Corporation SR217A104FAA Datasheet HTML 38Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 72 page
background image
32
Axial Leads/SpinGuard®
Extended Range SpinGuards
GENERAL SPECIFICATIONS
Capacitance Range
220,000 pF, 330,000 pF, 1,000,000 pF
Capacitance Tolerances
±20%, [+80 -20]%
Operating Temperature Range
Z5U = +10°C to +85°C
Temperature Characteristics
E = Z5U
Voltage Ratings
50 Vdc
Dissipation Factor 25°C
Z5U = 4.0% max. at 1 KHz, .3 VRMS
Insulation Resistance 25°C (MIL-STD-202-Method 302)
Z5U = 10 K megohms or 100 megohms - µF minimum,
whichever is less
Dielectric Strength
Z5U = 200% of rated voltage
Moisture Resistance (MIL-STD-202-Method 106)
Immersion Cycling (MIL-STD-202-Method 104, condition B)
For current reliability information, consult factory.
SIZE AND CAPACITANCE SPECIFICATIONS
Dimensions: Millimeters (Inches)
* Automatically insertable on 0.300" centers (see page 38 for reel packing details)
** RAMGuard: the 0.33 µF value capacitance is recommended for decoupling
256K and 1 Meg Dynamic RAMs.
AVX Style
SA11*
SA30
Length
4.32
7.37
(L)
(.170")
(.290")
Diameter
3.05
3.81
(D)
(.120")
(.150")
0.22 µF
SA115E224ZAA
0.33 µF
**SA115E334ZAA
1.0 µF
SA305E105ZAA
Dimensions: Millimeters
(Inches)
D
Max.
0.483
±.05
(.019"
±.002")
L
Max.
25.4 (1.0")
Min. Lead Length
ELECTRICAL PERFORMANCE
CHARACTERISTICS AT TYPICAL 256K DRAM
OPERATING CONDITIONS
Parameter
Test Conditions
Mi. Typ. Max. Unit
V
L
di/dt = 200 ma/10 ns
80
90
mv
Inductance, L
4.0
4.5
nh
dv/dt
20 ns after pulse
di/dt = 200 ma/10 ns
— 0.53
— mv/ns
Capacitance, C
.24 .33
µF
ESR
Resonance Freq., 4-5 MHz —
.03
.08
Impedance (Total) 100 MHz (HP- 4192A)
4.4
5.0
Recovery Time, t
R
—20
ns
Special Lead Configurations
Dimensions — Body dimensions Per Standard SpinGuard Configurations.
Formed dimensions as shown for types D, E, F, G, H, I, & J configurations.
Radial
Axial
D
E
F
G = .300" L.S.
I = .500" L.S.
Single Crimp
Dual Crimp
No Crimp
H = .400" L.S.
J = .600" L.S.
Formed Dimensions:
LEAD SPACING*
SEATED HEIGHT (Max.)
Nom.
D & E
F
G, H, I & J
SA10
.2"
.525"
.300"
.100"
SA20
.2"
.570"
.375"
.100"
SA30
.2"
.580"
.425"
.150"
SA40
.2"
.650"
.460"
.150"
*Lead spacing can be varied by user to cover .1"-.3" spacing requirements for F, D, and E styles.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn