Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR212E104DAA Datasheet(PDF) 9 Page - AVX Corporation

Part # SR212E104DAA
Description  Multilayer CeramicLeaded Capacitors
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

SR212E104DAA Datasheet(HTML) 9 Page - AVX Corporation

Back Button SR212E104DAA Datasheet HTML 5Page - AVX Corporation SR212E104DAA Datasheet HTML 6Page - AVX Corporation SR212E104DAA Datasheet HTML 7Page - AVX Corporation SR212E104DAA Datasheet HTML 8Page - AVX Corporation SR212E104DAA Datasheet HTML 9Page - AVX Corporation SR212E104DAA Datasheet HTML 10Page - AVX Corporation SR212E104DAA Datasheet HTML 11Page - AVX Corporation SR212E104DAA Datasheet HTML 12Page - AVX Corporation SR212E104DAA Datasheet HTML 13Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 72 page
background image
7
Impedance vs. Frequency
Effect of Capacitance – AVX SpinGuards
Impedance vs. Frequency
Effect of Dielectric – AVX DIPGuards
Impedance vs. Frequency
Effect of Lead Length – Military CKR05 .01mF
Typical Curve of Aging Rate
X7R Dielectric
Effects of Mechanical Stress – High “K” dielectric ceramic
capacitors exhibit some low level piezoelectric reactions
under mechanical stress. As a general statement, the
piezoelectric output is higher, the higher the dielectric con-
stant of the ceramic. It is desirable to investigate this effect
before using high “K” dielectrics as coupling capacitors in
extremely low level applications.
Reliability – Historically ceramic capacitors have been one
of the most reliable types of capacitors in use today.
The approximate formula for the reliability of a ceramic
capacitor is:
L
o
=
V
t
X
T
t
Y
L
t
V
o
T
o
where
Lo = operating life
Tt = test temperature and
L t = test life
To = operating temperature in °C
V t = test voltage
Vo = operating voltage X,Y = see text
Historically for ceramic capacitors exponent X has been
considered as 3. The exponent Y for temperature effects
typically tends to run about 8.
The Capacitor
.001mF
.01mF
.1mF
.33mF
1
10
100
1000
Log Frequency, MHz
10.00
1.00
0.10
0.01
1
10
100
200
Log Frequency, MHz
10.0
1.0
0.1
1
10
100
1000
Log Frequency, MHz
10.0
1.0
0.1
100.0
.500"
.250"
.062"
0"
1
10
100
1000 10,000 100,000
Hours
+1.5
0
-1.5
-3.0
-4.5
-6.0
-7.5
Characteristic
Max. Aging Rate %/Decade
C0G (NP0)
X7R
Z5U
Y5V
None
2
3
5
Figure 9
Figure 8


Similar Part No. - SR212E104DAA

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
SR212E104DAA AVX-SR212E104DAA Datasheet
267Kb / 8P
   Radial Leads/SkyCap
More results

Similar Description - SR212E104DAA

ManufacturerPart #DatasheetDescription
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
Cornell Dubilier Electr...
M15R103K5-F CDE-M15R103K5-F Datasheet
157Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
CC0402KR ETC1-CC0402KR Datasheet
214Kb / 8P
   MULTILAYER CERAMIC CAPACITORS
logo
EPCOS
B37923K5100J070 EPCOS-B37923K5100J070 Datasheet
722Kb / 22P
   Multilayer ceramic capacitors
B37941X5333K060 EPCOS-B37941X5333K060 Datasheet
797Kb / 17P
   Multilayer ceramic capacitors
B37953 EPCOS-B37953 Datasheet
151Kb / 25P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
B0805R224KCT ETC2-B0805R224KCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
logo
EPCOS
B37931 EPCOS-B37931 Datasheet
120Kb / 13P
   Multilayer Ceramic Capacitors
logo
Panasonic Semiconductor
ECJ-2VF1C105Z PANASONIC-ECJ-2VF1C105Z Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
0603B104K500CT ETC1-0603B104K500CT Datasheet
4Mb / 21P
   MULTILAYER CERAMIC CAPACITORS
Jul. 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com