Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S0297-TPP4XGFLRXG Datasheet(PDF) 3 Page - OPLINK Communications Inc.

Part # S0297-TPP4XGFLRXG
Description  1310nm 10km SFP Transceiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

S0297-TPP4XGFLRXG Datasheet(HTML) 3 Page - OPLINK Communications Inc.

  S0297-TPP4XGFLRXG Datasheet HTML 1Page - OPLINK Communications Inc. S0297-TPP4XGFLRXG Datasheet HTML 2Page - OPLINK Communications Inc. S0297-TPP4XGFLRXG Datasheet HTML 3Page - OPLINK Communications Inc. S0297-TPP4XGFLRXG Datasheet HTML 4Page - OPLINK Communications Inc. S0297-TPP4XGFLRXG Datasheet HTML 5Page - OPLINK Communications Inc. S0297-TPP4XGFLRXG Datasheet HTML 6Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Oplink Communications, Inc
3
S0297. Rev.01. (web) 2012-04-05
TPP4XGFLRxG
Connector Pin-out
11
12
13
14
15
16
17
18
19
20
10
9
8
7
6
5
4
3
2
1
VEET
TD+
TD-
VEET
VCCT
VCCR
VEER
RD+
RD-
VEER
VEER
RS1
RX_LOS
RS0
MOD-ABS
SCL
SDA
TX_DISABLE
TX_FAULT
VEET
TOWARD
HOST
TOWARD
BEZEL
Electrical Power Supply Characteristics
(Over Operating Case Temperature. V
CC = 3.13 to 3.47V)
(Over Operating Case Temperature. V
CC = 3.13 to 3.47V)
Receiver Electrical Interface
(Over Operating Case Temperature. V
CC = 3.13 to 3.47V)
Transmitter Electrical Characteristics
Parameter
Symbol
Minimum
Typical
Maximum
Units
Power Supply Voltage
V
CC
3.13
3.30
3.47
V
DC Common Mode Voltage
V
CM
0
-
3.60
V
Supply Current
I
VCC
-
-
288
mA
Power Consumption
P
W
-
-
1.0
W
Parameter
Symbol
Minimum
Typical
Maximum
Units
Differential Output Impedance
Z
d
-
100
-
Ω
Differential Output Swing
V
PP-DIFF
300
-
850
mV
Output Rise and Fall time 20% to 80%
t
RH, tFH
24
-
-
ps
Output HIGH Voltage (LOS) 1
V
OH
2.0
-
V
CC + 0.3
V
Output LOW Voltage (LOS) 1
V
OL
0
-
0.8
V
1
Open collector compatible, 4.7kΩ to 10kΩ pull-up resistor to Vcc (Host Supply Voltage)
Parameter
Symbol
Minimum
Typical
Maximum
Units
Differential Input Impedance
Z
d
-
100
-
Ω
Differential Input Voltage Swing
V
PP-DIFF
180
-
700
mV
Input HIGH Voltage (TX Disable) 1
V
IH
2.0
-
V
CC
V
Input LOW Voltage (TX Disable) 1
V
IL
0
-
0.8
V
Output HIGH Voltage (TX Fault) 2
V
OH
2.0
-
V
CC + 0.3
V
Output LOW Voltage (TX Fault) 2
V
OL
0
-
0.8
V
1
There is an internal 4.7kΩ to 10kΩ pull-up resistor to VccT
2
Open collector compatible, 4.7kΩ to 10kΩ pull-up resistor to Vcc (Host Supply Voltage)
Note: The specified characteristics are met within the recommended range of operation. Unless otherwise noted typical data are quoted at nominal voltage and
+25°C ambient temperature.


Similar Part No. - S0297-TPP4XGFLRXG

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
S02-01-R MACOM-S02-01-R Datasheet
107Kb / 1P
   SOLDERSLEEVE* SHIELD TERMINATOR, IMMERSION RESISTANT, MIL-S-83519/2
S02-02-R MACOM-S02-02-R Datasheet
107Kb / 1P
   SOLDERSLEEVE* SHIELD TERMINATOR, IMMERSION RESISTANT, MIL-S-83519/2
S02-03-R MACOM-S02-03-R Datasheet
107Kb / 1P
   SOLDERSLEEVE* SHIELD TERMINATOR, IMMERSION RESISTANT, MIL-S-83519/2
S02-04-R MACOM-S02-04-R Datasheet
107Kb / 1P
   SOLDERSLEEVE* SHIELD TERMINATOR, IMMERSION RESISTANT, MIL-S-83519/2
S02-05-R MACOM-S02-05-R Datasheet
107Kb / 1P
   SOLDERSLEEVE* SHIELD TERMINATOR, IMMERSION RESISTANT, MIL-S-83519/2
More results

Similar Description - S0297-TPP4XGFLRXG

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TPP4XGFLRXG OPLINK-TPP4XGFLRXG Datasheet
361Kb / 6P
   1310nm 10km SFP Transceiver
logo
Pulse A Technitrol Comp...
SFPPT-LR1-01 PULSE-SFPPT-LR1-01 Datasheet
188Kb / 9P
   10Gb/s 1310nm SFP 10km Transceiver
logo
ATGBICS by Approved Tec...
RX-10KM-SFP-C ATGBICS-RX-10KM-SFP-C Datasheet
322Kb / 9P
   RX-10KM-SFP Juniper Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
logo
Molex Electronics Ltd.
1837042115 MOLEX-1837042115 Datasheet
1Mb / 6P
   1310nm 10km SFP Transceivers
2020-10-15
logo
OPLINK Communications I...
TPP5XGFLRC000E2A OPLINK-TPP5XGFLRC000E2A Datasheet
301Kb / 6P
   1310nm 10km SFP Transceivers
logo
ATGBICS by Approved Tec...
SFP-1310NM-1000BASE-LX-C ATGBICS-SFP-1310NM-1000BASE-LX-C Datasheet
323Kb / 9P
   SFP-1310nm-1000BASE-LX Huawei Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
logo
Level One
SFP-4210 LVL1-SFP-4210 Datasheet
104Kb / 1P
   1.25G SMF SFP Transceiver (10km, 1310nm, -40 to 85C)
logo
ATGBICS by Approved Tec...
SFP-6D-C ATGBICS-SFP-6D-C Datasheet
322Kb / 9P
   SFP-6D Rad Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
SFP-1000LX-C ATGBICS-SFP-1000LX-C Datasheet
322Kb / 9P
   SFP-1000LX NetScout Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
SFP-6DH-C ATGBICS-SFP-6DH-C Datasheet
322Kb / 9P
   SFP-6DH Rad Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com