Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TXP1XGDS1I000E2G Datasheet(PDF) 2 Page - OPLINK Communications Inc.

Part # TXP1XGDS1I000E2G
Description  Multi-rate 10-Gigabit SR-1XFP Transceiver with Digital Diagnostics
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

TXP1XGDS1I000E2G Datasheet(HTML) 2 Page - OPLINK Communications Inc.

  TXP1XGDS1I000E2G Datasheet HTML 1Page - OPLINK Communications Inc. TXP1XGDS1I000E2G Datasheet HTML 2Page - OPLINK Communications Inc. TXP1XGDS1I000E2G Datasheet HTML 3Page - OPLINK Communications Inc. TXP1XGDS1I000E2G Datasheet HTML 4Page - OPLINK Communications Inc. TXP1XGDS1I000E2G Datasheet HTML 5Page - OPLINK Communications Inc. TXP1XGDS1I000E2G Datasheet HTML 6Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Oplink Communications, Inc
S0268. Rev.02. 2012-02-10
2
TXP1XGDS1x
Oplink Communications, Inc.
DATE OF MANUFACTURE:
This product complies with
21 CFR 1040.10 and 1040.11
Meets Class I Laser Safety Requirements
Laser Safety: All transceivers are Class I Laser
products per FDA/CDRH and IEC-60825 standards.
They must be operated under specified operating
conditions.
Transmitter Performance Characteristics
(Over Operating Case Temperature Range)
Receiver Performance Characteristics (Over Operating Case Temperature Range)
Parameter
Symbol
Minimum
Typical
Maximum
Units
Operating Data Rate
B
9.95
-
11.09
Gb/s
Average Optical Output Power (50% duty cycle)
P
O
- 6.0
- 3.0
- 1.0
dBm
Transmitter OFF Power
POFF
-
-
- 45.0
dBm
Extinction Ratio
ER
6
-
-
dB
Center Wavelength
λ
C
1290
1310
1330
nm
Spectral Width (-20dB)
Δλ20
-
-
1.0
nm
Side Mode Suppression Ratio
SMSR
30
-
-
dB
Relative Intensity Noise
RIN
-
-
- 125
dB/Hz
Jitter Generation (peak-to-peakl)1
JG
P-P
-
-
0.1
UI
Output Jitter Generation (RMS)
JG
RMS
-
-
0.01
UI
Dispersion Penalty
DP
-
-
1.0
dB
Optical Output Eye
Compliant with GR253-CORE, IEEE 803.3ae , and ITU-T G.693
1
Jitter generation is compliant with SONET OC-192 per GR-253 and OTU-2 per G.709.
Parameter
Symbol
Minimum
Typical
Maximum
Units
Operating Data Rate
B
9.95
-
11.09
Gb/s
Receiver Sensitivity (10-12 BER, @10.5Gb/s)
Pmin
-
-
- 14.4
dBm
Maximum Input Power
Pmax
+ 0.5
-
-
dBm
LOS Thresholds
Increasing Light Input
Plos+
-
-
- 14.4
dBm
Decreasing Light Input
Plos-
- 28.0
-
-
LOS Timing Delay
Increasing Light Input
t_loss_off
-
-
100
μs
Decreasing Light Input
t_loss_on
-
-
100
LOS Hysteresis
-
0.5
-
-
dB
Wavelength of Operation
λ
1260
-
1355
nm
Receiver Reflectance
-
-
-
- 14
dB


Similar Part No. - TXP1XGDS1I000E2G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TXP1XGDS1I000E2G OPLINK-TXP1XGDS1I000E2G Datasheet
549Kb / 6P
   Multi-rate 10-Gigabit SR-1XFP Transceiver
More results

Similar Description - TXP1XGDS1I000E2G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TXP1XGDS1X OPLINK-TXP1XGDS1X Datasheet
549Kb / 6P
   Multi-rate 10-Gigabit SR-1XFP Transceiver
TXP1XGHL2X-S0125 OPLINK-TXP1XGHL2X-S0125 Datasheet
406Kb / 6P
   Multi-rate 10-Gigabit XFP 80km Transceivers with Digital Diagnostics
TXP1XGGI2X-S0131 OPLINK-TXP1XGGI2X-S0131 Datasheet
406Kb / 6P
   Multi-rate 10-Gigabit XFP 40km Transceiverswith Digital Diagnostics
TXP1XGGI2XX-S0120 OPLINK-TXP1XGGI2XX-S0120 Datasheet
517Kb / 9P
   Multi-rate 10-Gigabit DWDM 40km XFP Transceivers with Digital Diagnostics
TXP1XGHL2XX-0959 OPLINK-TXP1XGHL2XX-0959 Datasheet
518Kb / 9P
   Multi-rate 10-Gigabit DWDM 80km XFP Transceivers with Digital Diagnostics
TRPAG1LXDBBM OPLINK-TRPAG1LXDBBM Datasheet
523Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP Transceivers with Digital Diagnostics
TRPEG1EEXC000E2G OPLINK-TRPEG1EEXC000E2G Datasheet
348Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP Transceivers with Digital Diagnostics
TRPCG1CLXC000E2G OPLINK-TRPCG1CLXC000E2G Datasheet
541Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP Transceivers with Digital DiaGnostics
TRPEG1CLXC000E2 OPLINK-TRPEG1CLXC000E2 Datasheet
443Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP Transceivers with Digital DiaGnostics
TRPAG1YXHBAM1 OPLINK-TRPAG1YXHBAM1 Datasheet
539Kb / 5P
   Multi-rate Gigabit Ethernet & FibreChannel SFP CWDM Transceivers with Digital Diagnostics
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com