Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SR217A104DAA Datasheet(PDF) 59 Page - AVX Corporation

Part No. SR217A104DAA
Description  Multilayer CeramicLeaded Capacitors
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

SR217A104DAA Datasheet(HTML) 59 Page - AVX Corporation

Back Button SR217A104DAA Datasheet HTML 55Page - AVX Corporation SR217A104DAA Datasheet HTML 56Page - AVX Corporation SR217A104DAA Datasheet HTML 57Page - AVX Corporation SR217A104DAA Datasheet HTML 58Page - AVX Corporation SR217A104DAA Datasheet HTML 59Page - AVX Corporation SR217A104DAA Datasheet HTML 60Page - AVX Corporation SR217A104DAA Datasheet HTML 61Page - AVX Corporation SR217A104DAA Datasheet HTML 62Page - AVX Corporation SR217A104DAA Datasheet HTML 63Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 72 page
background image
57
HOW TO ORDER
Military Type Designation:
Established Reliability = CCR05, CCR06, CCR07, CCR08, CCR09
Non-Established Reliability = CC05, CC06, CC07, CC08, CC09
MIL-C-20/Radial Leads
MIL Part No. Codes
Style: CC = Identifies temperature compensating,
ceramic dielectric, fixed capacitors.
R = Identifies Established Reliability parts.
06 = Numbers identify shape and dimension.
Temperature Characteristic:
1/ Not practically measurable.
2/ The ppm/°C values for -55°C were calculated by dividing ppm by
negative 80°C.
Capacitance Code:
First two digits are the significant figures of capacitance.
Third digit indicates the additional number of zeros. For
example, order 18,000 pF as 183. (For values below 10
pF, use “R” in place of decimal point, e.g., 1R4 = 1.4pF).
Capacitance Tolerance:
C = ±0.25 pF, D = ±0.5 pF, F = ±1%, G = ±2%,
J = ±5%, K = ±10%
Military Failure Rate:
M = 1% per 1000 hours, P = 0.1% per 1000 hours,
R = 0.01% per 1000 hours, S = 0.001% per 1000 hours.
PACKAGING REQUIREMENTS
Packaging: CCR0X: 100 pcs/bag; CC0X: 1000 pcs/bag
Permissible capacitance change from capacitance at +25°C in ppm/°C
Temp.
Characteristic
CX
CK
CJ
CH
CG
+125°C
1/
±250 ppm/°C ±120 ppm/°C
±60 ppm/°C
±30 ppm/°C
-55°C 2/
1/
+246.25
+116.25
+55.00
+27.50
-326.25
-166.25
-91.25
-53.75
SIZE SPECIFICATIONS
Dimensions: Millimeters (Inches)
Per MIL
Spec
Case Size
Lead
Lead
MIL-C-20
Length
Width
Thickness
Spacing
Diameter
(L)
(W)
(T)
(L.S.)
(L.D.)
CCR05/CC05
4.83±.25
4.83±.25
2.29±.25
5.08±.38
.64±.05
Figures 1, 4
(.190±.010) (.190±.010)
(.090±.010) (.200±.015) (.025±.002)
CCR06/CC06
7.37±.25
7.37±.25
2.29±.25
5.08±.38
.64±.05
Figures 2, 3
(.290±.010) (.290±.010)
(.090±.010) (.200±.015) (.025±.002)
CCR07/CC07
12.19±.51
12.19±.51
3.56±.25
10.16±.51
.64±.05
Figure 2
(.480±.020) (.480±.020)
(.140±.010) (.400±.020) (.025±.002)
CCR08/CC08
12.19±.51
12.19±.51
6.1±.25
10.16±.51
.64±.05
Figure 2
(.480±.020) (.480±.020)
(.240±.010) (.400±.020) (.025±.002)
CCR09/CC09
4.83±.25
4.83±.25
2.29±.25
2.54±.38
.64±.05
Figure 2
(.190±.010) (.190±.010)
(.090±.010) (.100±.015) (.025±.002)
L.D.
L.D.
L.D.
L.D.
L.S.
L.S.
L.S.
L.S.
W
W
W
W
T
T
T
L
L
L
L
1.250 Min.
1.250 Min.
Figure 1
Figure 2
Figure 4
Figure 3
Military Type
Capacitance
Capacitance
Designation
(pF)
Tolerance
WVDC
CC05-CCR05, CC09-CCR09
CCR05CX1R0_
1.0
C
200
CCR05CX1R1_
1.1
C
200
CCR05CX1R2_
1.2
C
200
CCR05CX1R3_
1.3
C
200
CCR05CX1R5_
1.5
C
200
CCR05CX1R6_
1.6
C
200
CCR05CX1R8_
1.8
C
200
CCR05CX2R0_
2.0
C
200
CCR05CK2R2_
2.2
C
200
CCR05CK2R4_
2.4
C
200
CCR05CK2R7_
2.7
C, D
200
CCR05CK3R0_
3.0
C, D
200
CCR05CK3R3_
3.3
C, D
200
CCR05CK3R6_
3.6
C, D
200
CCR05CK3R9_
3.9
C, D
200
Military Type
Capacitance
Capacitance
Designation
(pF)
Tolerance
WVDC
CC05-CCR05, CC09-CCR09
CCR05CJ4R3_
4.3
C, D
200
CCR05CJ4R7_
4.7
C, D
200
CCR05CJ5R1_
5.1
C, D
200
CCR05CJ5R6_
5.6
C, D
200
CCR05CJ6R2_
6.2
C, D
200
CCR05CJ6R8_
6.8
C, D
200
CCR05CJ7R5_
7.5
C, D
200
CCR05CH8R2_
8.2
C, D
200
CCR05CH9R1_
9.1
C, D
200
CCR05CH100_
10
G, J
200
CCR05CH110_
11
G, J
200
CCR05CH120_
12
G, J
200
CCR05CH130_
13
G, J
200
CCR05CH150_
15
G, J
200
CCR05CH160_
16
G, J
200
Add appropriate failure rate level (M, P, R, or S), add V for Stand-off
Add appropriate cap. tolerance letter
Add appropriate failure rate level (M, P, R, or S), add V for Stand-off
Add appropriate cap. tolerance letter
Part Number Example
CCR06
CG
183
J
R
(V)
Style
Temperature Characteristic
Capacitance Code
Capacitance Tolerance
Military Failure Rate
Stand-off Option
To order stand-off option, place “V” at the end of the part number.
For example: CCR05CG332FSV.
MILITARY PART NUMBER IDENTIFICATION


Similar Part No. - SR217A104DAA

ManufacturerPart No.DatasheetDescription
AVX Corporation
AVX Corporation
SR217A104DAR AVX-SR217A104DAR Datasheet
461Kb / 14P
   Radial Leads/SkyCap짰/SR Series
SR217A104DARAP1 AVX-SR217A104DARAP1 Datasheet
461Kb / 14P
   Radial Leads/SkyCap짰/SR Series
SR217A104DARAP1 AVX-SR217A104DARAP1 Datasheet
177Kb / 4P
   Radial Leads/SkyCap/SR Series
SR217A104DART AVX-SR217A104DART Datasheet
461Kb / 14P
   Radial Leads/SkyCap짰/SR Series
SR217A104DART AVX-SR217A104DART Datasheet
177Kb / 4P
   Radial Leads/SkyCap/SR Series
More results

Similar Description - SR217A104DAA

ManufacturerPart No.DatasheetDescription
EPCOS
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
List of Unclassifed Manufacturers
List of Unclassifed Man...
CC0402KR ETC1-CC0402KR Datasheet
214Kb / 8P
   MULTILAYER CERAMIC CAPACITORS
EPCOS
EPCOS
B37923K5100J070 EPCOS-B37923K5100J070 Datasheet
722Kb / 22P
   Multilayer ceramic capacitors
B37941X5333K060 EPCOS-B37941X5333K060 Datasheet
797Kb / 17P
   Multilayer ceramic capacitors
Panasonic Semiconductor
Panasonic Semiconductor
ECJ-2VF1C105Z PANASONIC-ECJ-2VF1C105Z Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors
List of Unclassifed Manufacturers
List of Unclassifed Man...
B0805R224KCT ETC2-B0805R224KCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
EPCOS
EPCOS
B37953 EPCOS-B37953 Datasheet
151Kb / 25P
   Multilayer Ceramic Capacitors
B37931 EPCOS-B37931 Datasheet
120Kb / 13P
   Multilayer Ceramic Capacitors
Cornell Dubilier Electronics
Cornell Dubilier Electr...
M15R103K5-F CDE-M15R103K5-F Datasheet
157Kb / 6P
   Multilayer Ceramic Capacitors
EPCOS
EPCOS
B37979N EPCOS-B37979N Datasheet
122Kb / 12P
   Multilayer Ceramic Capacitors
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz