Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SR217A104DAA Datasheet(PDF) 49 Page - AVX Corporation

Part No. SR217A104DAA
Description  Multilayer CeramicLeaded Capacitors
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

SR217A104DAA Datasheet(HTML) 49 Page - AVX Corporation

Back Button SR217A104DAA Datasheet HTML 45Page - AVX Corporation SR217A104DAA Datasheet HTML 46Page - AVX Corporation SR217A104DAA Datasheet HTML 47Page - AVX Corporation SR217A104DAA Datasheet HTML 48Page - AVX Corporation SR217A104DAA Datasheet HTML 49Page - AVX Corporation SR217A104DAA Datasheet HTML 50Page - AVX Corporation SR217A104DAA Datasheet HTML 51Page - AVX Corporation SR217A104DAA Datasheet HTML 52Page - AVX Corporation SR217A104DAA Datasheet HTML 53Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 72 page
background image
47
Length
Height
Height
MIL-C-39014
(L)
(H1)(H2)
Thickness
CKR22
6.60
3.25
4.45 max.
2.34
(.260 ±.020)
(.128 ±.007)
(.175)
(.092 ±.006)
CKR23
6.60
3.94
4.45 max.
2.34
(.260 ±.020)
(.155 ±.007)
(.175)
(.092 ±.006)
CKR24
6.60
7.19
8.13 max.
2.34
(.260 ±.020)
(.283 ±.007)
(.320)
(.092 ±.006)
HOW TO ORDER
Military Type Designation: Styles CKR22, CKR23, CKR24
Dash Number Option: MIL-C-39014/22 (Add Appropriate Dash Number)
Part Number Example
CKR22
BX
104
K
R
Style
Voltage-Temperature Limits
Capacitance Code
Capacitance Tolerance
Military Failure Rate
MIL-C-39014/2Pin DIP
MIL Part No. Codes
Style: CK = General purpose, ceramic dielectric, fixed
capacitors.
R = Established Reliability parts.
22 = Remaining two numbers identify shape and
dimension.
Voltage-Temperature Limits:
First letter identifies temperature range.
B = -55°C to +125°C
C = -55°C to +150°C
Second letter identifies voltage-temperature coefficient.
Sig. Fig. Capacitance and Multiplier:
First two digits are the significant figures of capacitance.
Third digit indicates the additional number of zeros. For
example, order 100,000 pF as 104. (For values below 10
pF, use “R” in place of decimal point, e.g., 1R5 = 1.5 pF).
Capacitance Tolerances: D = ±.5pF, F = ±1%, J = ±5%,
K = ±10%, M = ±20%
Military Failure Rate: M = 1% per 1000 hours
P = 0.1% per 1000 hours
R = 0.01% per 1000 hours
S = 0.001% per 1000 hours
Note: AVX reserves the right to substitute a lower failure rate
part per MIL-C-39014. Substitutability for failure rate levels
shall be as follows:
Capacitance Change with Reference to 25°C
Second Letter
No Voltage
Rated Voltage
G
+30, -30ppm
+30, -30ppm
H
+60, -60ppm
+60, -60ppm
R
+15, -15%
+15, -40%
X
+15, -15%
+15, -25%
Failure Rate Level
Will Replace Failure Rate Level
S (STD) (X-ray)
R, P, M, L
R (STD) (No X-ray)
P, M, L
P
M,L
ML
PACKAGING REQUIREMENTS
Packaging: 200 pcs/slide pack. See page 26.
SIZE SPECIFICATIONS
Dimensions: Millimeters (Inches)
L
SEE
NOTE 1
SEE
NOTE 2
.012
±.004
.325
±.035
.400 max.
T
MAX.
MAX.
H2
MAX.
H1
.015
MIN
.019
±.004
.058
±.012
Note 1 = Leads centered within
±.005"
Note 2 = Angle shall be 95
°, +10°, -5°
.019
±.004
.010 MAX.
60
° TYP.
±20°
See
Note 3
Note 3 = .140 ±.020 inch (3.56 ±0.51mm) for
standard lead length; .170
±.010 inch
(4.32
±0.25mm) for optional longer
lead length.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn