Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SR217A104DAA Datasheet(PDF) 31 Page - AVX Corporation

Part No. SR217A104DAA
Description  Multilayer CeramicLeaded Capacitors
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

SR217A104DAA Datasheet(HTML) 31 Page - AVX Corporation

Back Button SR217A104DAA Datasheet HTML 27Page - AVX Corporation SR217A104DAA Datasheet HTML 28Page - AVX Corporation SR217A104DAA Datasheet HTML 29Page - AVX Corporation SR217A104DAA Datasheet HTML 30Page - AVX Corporation SR217A104DAA Datasheet HTML 31Page - AVX Corporation SR217A104DAA Datasheet HTML 32Page - AVX Corporation SR217A104DAA Datasheet HTML 33Page - AVX Corporation SR217A104DAA Datasheet HTML 34Page - AVX Corporation SR217A104DAA Datasheet HTML 35Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 72 page
background image
29
Axial Leads/SpinGuard®
C0G (NP0) Dielectric
SIZE AND CAPACITANCE SPECIFICATIONS
Dimensions: Millimeters (Inches)
= Industry preferred values
For other tolerances see Part No. Codes
For other voltages see Part No. Codes
AVX Style
*“C&D” Tolerance Only
AVX Style
SA05
SA10
SA11
SA20
SA30
SA40
Length
3.00
4.32
4.32
6.60
7.37
10.16
(L)
(.118")
(.170")
(.170")
(.260")
(.290")
(.400")
Diameter
2.30
2.54
3.05
2.54
3.81
3.81
(D)
(.090")
(.100")
(.120")
(.100")
(.150")
(.150")
Lead
.407
.483
.483
.483
.483
.483
Diameter
(.016")
(.019")
(.019")
(.019")
(.019")
(.019")
Lead
25.4
25.4
25.4
25.4
25.4
25.4
Length
(1.00")
(1.00")
(1.00")
(1.00")
(1.00")
(1.00")
Cap. in
Typical AVX
WVDC
WVDC
WVDC
WVDC
WVDC
WVDC
pF
Part Nos.
200
100
200
100
50
100
50
100
50
100
50
100
50
1.0*
SA102A1R0DAA
++
9.1*
SA102A9R1DAA
10
SA102A100JAA
12
SA102A120JAA
15
SA102A150JAA
18
SA102A180JAA
22
SA102A220JAA
27
SA102A270JAA
33
SA102A330JAA
39
SA102A390JAA
47
SA102A470JAA
56
SA102A560JAA
68
SA102A680JAA
82
SA102A820JAA
100
SA102A101JAA
120
SA102A121JAA
150
SA101A151JAA
180
SA101A181JAA
220
SA101A221JAA
270
SA101A271JAA
330
SA101A331JAA
390
SA101A391JAA
470
SA101A471JAA
560
SA101A561JAA
680
SA101A681JAA
820
SA101A821JAA
1000
SA105A102JAA
1200
SA201A122JAA
1500
SA201A152JAA
1800
SA205A182JAA
2200
SA301A222JAA
2700
SA301A272JAA
3300
SA301A332JAA
3900
SA301A392JAA
4700
SA305A472JAA
5600
SA401A562JAA
6800
SA401A682JAA
8200
SA405A822JAA
10,000
SA405A103JAA
12,000
SA405A123JAA


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn