Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FXP75070045B Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # FXP75070045B
Description  Atom FXP.75 Atom 2.4GHz Series Ultra-Miniaturized 2dBi Bluetooth Antenna
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FXP75070045B Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button FXP75070045B Datasheet HTML 2Page - List of Unclassifed Manufacturers FXP75070045B Datasheet HTML 3Page - List of Unclassifed Manufacturers FXP75070045B Datasheet HTML 4Page - List of Unclassifed Manufacturers FXP75070045B Datasheet HTML 5Page - List of Unclassifed Manufacturers FXP75070045B Datasheet HTML 6Page - List of Unclassifed Manufacturers FXP75070045B Datasheet HTML 7Page - List of Unclassifed Manufacturers FXP75070045B Datasheet HTML 8Page - List of Unclassifed Manufacturers FXP75070045B Datasheet HTML 9Page - List of Unclassifed Manufacturers FXP75070045B Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
SPE-13-8-067/A/EZ | page 9 of 10
4. Antenna Drawing
Name
Material
Finish
QTY
1
FXP75 FPCB
FPCB 0.15t Black
1
2
0.81 Coaxial Cable
FEP
Black
1
3
IPEX MHF1
Brass
Gold
1
4
Double Side Adhesive 3M 467
Brown Liner
1


Similar Part No. - FXP75070045B

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
FXP75070045B TAOGLAS-FXP75070045B Datasheet
578Kb / 11P
   Ultra-Miniaturized 2dBi Bluetooth Antenna
More results

Similar Description - FXP75070045B

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
FXP75070045B TAOGLAS-FXP75070045B Datasheet
578Kb / 11P
   Ultra-Miniaturized 2dBi Bluetooth Antenna
logo
List of Unclassifed Man...
GW152113 ETC2-GW152113 Datasheet
828Kb / 12P
   2.4GHz 2dBi Screw mount Dipole Antenna
FXP74070100A ETC2-FXP74070100A Datasheet
1Mb / 13P
   FXP.74 Black Diamond 2.4GHz Antenna
logo
Taoglas antenna solutio...
GW17070250E TAOGLAS-GW17070250E Datasheet
566Kb / 30P
   2.4GHz 2dBi Click-in Terminal Dipole Antenna
WSA2400A101151 TAOGLAS-WSA2400A101151 Datasheet
1Mb / 23P
   Phoenix WSA.2400 Bluetooth I-Bar 2.4GHz Antenna
FXP831090100C TAOGLAS-FXP831090100C Datasheet
1Mb / 18P
   FXP.831 Freedom 2.4GHz and 4.9-6GHz bands Ground Coupled Antenna
logo
Advantech Co., Ltd.
SOM-7562 ADVANTECH-SOM-7562_11 Datasheet
1Mb / 2P
   Intel짰 Atom??Processor N450 COM-Ultra Module
SOM-7562 ADVANTECH-SOM-7562_15 Datasheet
1Mb / 2P
   Intel짰 Atom??Processor N450 COM-Ultra Module
EBPC-3500L-61SE ADVANTECH-EBPC-3500L-61SE_10 Datasheet
343Kb / 2P
   Ultra-compact Intel짰 Atom??N270 Embedded System
SOM-7562 ADVANTECH-SOM-7562 Datasheet
894Kb / 2P
   Intel짰 Atom N450 COM-Ultra CPU Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com