Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TST02AS01T Datasheet(PDF) 6 Page - ITT Industries

Part # TST02AS01T
Description  CANNON TRIDENT SERIES
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

TST02AS01T Datasheet(HTML) 6 Page - ITT Industries

Back Button TST02AS01T Datasheet HTML 2Page - ITT Industries TST02AS01T Datasheet HTML 3Page - ITT Industries TST02AS01T Datasheet HTML 4Page - ITT Industries TST02AS01T Datasheet HTML 5Page - ITT Industries TST02AS01T Datasheet HTML 6Page - ITT Industries TST02AS01T Datasheet HTML 7Page - ITT Industries TST02AS01T Datasheet HTML 8Page - ITT Industries TST02AS01T Datasheet HTML 9Page - ITT Industries TST02AS01T Datasheet HTML 10Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 96 page
background image
6
Cannon Trident Connectors
Connector Selection Guide
www.ittcannon.com
Snap Together
Flame
Retardant
Rack and
Panel
Circular
Rectangular
Slimline
Rectangular
Multiway
Ringlock
Neptune
Neptune Metal
(TNM)
High Voltage
(THV)
Operating
Voltage1
Up to
250 V ac rms
Up to
250 V ac rms
Up to
250 V ac rms
*
Up to
250 V ac rms
Up to 380 V ac
rms (7 position
connector only)
Up to
250 V ac rms
Up to
250 V ac rms
Up to
500 V ac rms
Current
Rating2
Up to 13 A
Up to 10 A
Up to 13 A
Up to 13 A
Up to 13 A
Up to 16 A
with High
Conductivity
Contacts
Up to 13 A
Up to 16 A
with High
Conductivity
Contacts
Up to 30 A with
Power Contacts
Up to 13 A
Up to 16 A with
High Conductivity
Contacts
Up to 30 A with
Power Contacts
Up to 40 A with
D Sub Contacts
Up to 34 A with
Power Contacts
Operating
Temperature
-55°C to +105°C
(-67°F to +221°F)
(from -40°C, -
40°F for
PCB versions)
-55°C to +105°C
(-67°F to +221°F)
(from -40°C, -
40°F for
PCB versions)
-55°C to
+105°C
(-67°F to
+221°F)
-55°C to +125°C
(-67°F to +257°F)
(to +105°C,
221°F with
Plastic Hood)
-55°C to
+105°C
(-67°F to
+221°F)
-55°C to
+105°C
(-67°F to
+221°F)
-55°C to
+105°C
(-67°F to
+221°F)
-40°C to
+125°C
(-40°F to
+257°F)
Insulation
Resistance
5000 MW at
500 V dc
5000 MW at
500 V dc
5000 MW at
500 V dc
5000 MW at
500 V dc
5000 MW at
500 V dc
5000 MW at
500 V dc
5000 MW at
500 V dc
5000 MW at
500 V dc
Durability3
Up to 500
Mating Cycles
Up to 500
Mating Cycles
Up to 500
Mating Cycles
Up to 500
Mating Cycles
Up to 500
Mating Cycles
Up to 500
Mating Cycles
Up to 200
Mating Cycles
Up to 200
Mating Cycles
Environmental
Sealing
-
-
-
-
Up to IP65
Up to IP67
Up to IP67
Up to IP67
Flammability
UL 94 V-0
UL 94 V-0
I2/F2 according
to NFF 16-101
(fire & smoke
standards)
UL 94 V-0
UL 94 V-0
UL 94 V-1 with
Plastic Hoods
UL 94 V-0
UL 94 V-0
UL 94 V-0
UL 94 V-0
Insulator
Black Nylon
Black Nylon
Grey PA
Glass-Filled
Phenolic
Black Nylon
Black Nylon
Black Nylon
Orange Nylon
Coupling
Ring
-
-
-
-
Nickel Plated
Copper Alloy
Nickel Plated
Copper Alloy Nickel Plated Brass Nickel Plated Brass
Layouts
2, 3, 4, 6, 12,
24, 36
3, 4, 6, 9, 10
2, 3, 4, 6, 12,
24, 36
14, 20, 26, 34,
50, 75
4, 7, 8, 12, 19,
23, 28, 35, 48
12+0, 19+0
13+2, 20+4,
28+4, 48+0,
19+12 **
4+0, 8+0, 12+0,
3+3, 4+3, 0+4,
19+0 **
4
Page
7-13
18-21
14-17
22-25
26-35
36-51
52-60
61-62
* For details please consult the factory
** Signal + Power contacts
1
Depends on contacts used, layout, and degree of pollution
2
Depends on number and type of contacts used
3
Depends on plating and type of contacts used


Similar Part No. - TST02AS01T

ManufacturerPart #DatasheetDescription
logo
ITT Industries
TST02AH00 ITT-TST02AH00 Datasheet
5Mb / 96P
   A historical Achievement of technology Leadership
More results

Similar Description - TST02AS01T

ManufacturerPart #DatasheetDescription
logo
ITT Industries
192990-2490 ITT-192990-2490 Datasheet
5Mb / 96P
   Cannon Trident Series
121586-5236 ITT-121586-5236 Datasheet
5Mb / 96P
   Cannon Trident Series
192993-0106 ITT-192993-0106 Datasheet
5Mb / 96P
   Cannon Trident Series
031-8717-021 ITT-031-8717-021 Datasheet
5Mb / 96P
   Cannon Trident Series
192990-0350 ITT-192990-0350 Datasheet
291Kb / 6P
   Cannon Trident Connector System Snap Together-Rectangular
192900-0014 ITT-192900-0014 Datasheet
457Kb / 10P
   Cannon Trident Connector System Neptune Circular Connectors
192990-0960 ITT-192990-0960 Datasheet
173Kb / 4P
   Cannon Trident Connector System Snap Together-Slimline
DEU-9S-A197-F0 ITT-DEU-9S-A197-F0 Datasheet
42Kb / 1P
   Cannon
120220-0210 ITT-120220-0210 Datasheet
414Kb / 4P
   CANNON UNIVERSAL CONTACT SERIES
DBSFY-25P-A190-K87 ITT-DBSFY-25P-A190-K87 Datasheet
295Kb / 6P
   Cannon Speedy D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com