Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FXP74070100A Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # FXP74070100A
Description  FXP.74 Black Diamond 2.4GHz Antenna
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FXP74070100A Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  FXP74070100A Datasheet HTML 1Page - List of Unclassifed Manufacturers FXP74070100A Datasheet HTML 2Page - List of Unclassifed Manufacturers FXP74070100A Datasheet HTML 3Page - List of Unclassifed Manufacturers FXP74070100A Datasheet HTML 4Page - List of Unclassifed Manufacturers FXP74070100A Datasheet HTML 5Page - List of Unclassifed Manufacturers FXP74070100A Datasheet HTML 6Page - List of Unclassifed Manufacturers FXP74070100A Datasheet HTML 7Page - List of Unclassifed Manufacturers FXP74070100A Datasheet HTML 8Page - List of Unclassifed Manufacturers FXP74070100A Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
SPE-12-8-137/B/OH
Page 2 of 13
1.Introduction
The FXP.74 Black Diamond is a small ultra-low profile antenna for 2.4GHz band
that includes Bluetooth, Zigbee and Wi-Fi single band application. The FXP.74 has
a peak gain of 4dBi at 2.4GHz and efficiencies of above 50%.
This Taoglas patent pending antenna is unique in the market with exceptionally
stable performance different applications. It is made from a flexible polymer, has
a tiny form factor (14mm*7.0mm*0.1mm) and has double-sided 3M tape for
easy and robust “peel and stick” mounting.
The FXP.74 is the ideal all-round antenna solution for fitting into narrow spaces
and still maintaining high performance, for example on the inside top or adjacent
side applied directly to the plastic housing of LCD monitors, tablets, smartphones,
small AP routers, etc.
Customized cable lengths and connector versions can be supplied.


Similar Part No. - FXP74070100A

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
FXP74.07.0100A TAOGLAS-FXP74.07.0100A Datasheet
1Mb / 14P
   Flexible, Ultra Low Profile
More results

Similar Description - FXP74070100A

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
FXP73090100A TAOGLAS-FXP73090100A Datasheet
1,001Kb / 11P
   FXP73 Blue Diamond 2.4GHz Band Antenna
logo
List of Unclassifed Man...
FXP73090100A ETC2-FXP73090100A Datasheet
528Kb / 8P
   FXP73 Blue Diamond 2.4GHz Multi Standard Antenna
FXP73070100A ETC2-FXP73070100A Datasheet
518Kb / 8P
   FXP73 Blue Diamond 2.4GHz Multi Standard Antenna
logo
Taoglas antenna solutio...
FXP73070100A TAOGLAS-FXP73070100A Datasheet
497Kb / 9P
   FXP73 Blue Diamond 2.4GHz Multi Standard Antenna
logo
List of Unclassifed Man...
FXP75070045B ETC2-FXP75070045B Datasheet
1Mb / 10P
   Atom FXP.75 Atom 2.4GHz Series Ultra-Miniaturized 2dBi Bluetooth Antenna
logo
Taoglas antenna solutio...
FXP831090100C TAOGLAS-FXP831090100C Datasheet
1Mb / 18P
   FXP.831 Freedom 2.4GHz and 4.9-6GHz bands Ground Coupled Antenna
logo
rfsolutions.ltd
ANT-24G-HL90-SMA RFSOLUTIONS-ANT-24G-HL90-SMA Datasheet
592Kb / 4P
   2.4GHz Antenna
logo
Taoglas antenna solutio...
WCM010151 TAOGLAS-WCM010151 Datasheet
4Mb / 30P
   2.4GHz Button Antenna
logo
List of Unclassifed Man...
A10192-L ETC2-A10192-L Datasheet
559Kb / 10P
   Fusca 2.4GHz SMD Antenna
logo
rfsolutions.ltd
ANT-24G-S21-P5FL RFSOLUTIONS-ANT-24G-S21-P5FL Datasheet
1Mb / 4P
   2.4GHz Miniature PIGTail Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com