Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SR217C104CAA Datasheet(PDF) 45 Page - AVX Corporation

Part No. SR217C104CAA
Description  Multilayer CeramicLeaded Capacitors
Download  72 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AVX [AVX Corporation]
Homepage  http://www.avx.com
Logo 

SR217C104CAA Datasheet(HTML) 45 Page - AVX Corporation

Zoom Inzoom in Zoom Outzoom out
 45 / 72 page
background image
43
Note: AVX reserves the right to substitute a lower failure
rate part per MIL-C-39014/5E. Substitutability for failure
rate levels shall be as follows:
PACKAGING REQUIREMENTS
Packaging: Bulk
CKR11, 12, & 14
100 pcs per bag
CKR15 & 16
50 pcs per bag
Tape & Reel
CKR11, 12
5000 pcs per reel
CKR14
3000 pcs per reel
CKR15
950 pcs per reel
CKR16
650 pcs per reel
SIZE SPECIFICATIONS
Dimensions: Millimeters (Inches)
Per Mil
Spec
Case Size
Length
Diameter
Lead Diameter
MIL-C-39014
(L)
(D)
(L.D.)
CKR11
4.07±.25
2.29±.25
.48±.05
(.160±.010)
(.090±.010)
(.019±.002)
CKR12
6.35±.25
2.29±.25
.48±.05
(.250±.010)
(.090±.010)
(.019±.002)
CKR14
9.91±.25
3.56±.25
.63±.025
(.390±.010)
(.140±.010)
(.025±.002)
CKR15
12.7±.51
6.35±.38
.63±.05
(.500±.020)
(.250±.015)
(.025±.002)
CKR16
17.53±.51
8.89±.51
.63±.05
(.690±.020)
(.350±.020)
(.025±.002)
HOW TO ORDER
Military Type Designation: Styles CKR11, CKR12, CKR14, CKR15, CKR16
Dash Number Option: MIL-C-39014/05 (Add Appropriate Dash Number)
Part Number Example
CKR11
BX
103
K
S
Style
Voltage-Temperature Limits
Capacitance Code
Capacitance Tolerance
Military Failure Rate
MIL-C-39014/Axial Leads
MIL Part No. Codes
Style: CK = General purpose, ceramic dielectric, fixed
capacitors.
R = Established Reliability parts.
11 = Remaining two numbers identify shape and
dimension.
Voltage-Temperature Limits:
First letter identifies temperature range.
B = -55°C to +125°C
Second letter identifies voltage-temperature coefficient.
Sig. Fig. Capacitance and Multiplier:
First two digits are the significant figures of capacitance.
Third digit indicates the additional number of zeros. For
example, order 10,000 pF as 103.
Capacitance Tolerances: K = ±10%, M = ±20%
Military Failure Rate: M = 1% per 1000 hours
P = 0.1% per 1000 hours
R = 0.01% per 1000 hours
S = 0.001% per 1000 hours
Capacitance Change with Reference to 25°C
Second Letter
No Voltage
Rated Voltage
R
+15, -15%
+15, -40%
X
+15, -15%
+15, -25%
Failure Rate Level
Will Replace Failure Rate Level
S (STD) (X-ray)
R, P, M, L
R (STD) (No X-ray)
P, M, L
P
M,L
ML
L
1.25
MIN.
L.D.
D


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn