Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SR217C104CAA Datasheet(PDF) 39 Page - AVX Corporation

Part No. SR217C104CAA
Description  Multilayer CeramicLeaded Capacitors
Download  72 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AVX [AVX Corporation]
Homepage  http://www.avx.com
Logo 

SR217C104CAA Datasheet(HTML) 39 Page - AVX Corporation

Zoom Inzoom in Zoom Outzoom out
 39 / 72 page
background image
37
Axial Leads/Ceralam®
Z5U Dielectric
SIZE AND CAPACITANCE SPECIFICATIONS
Dimensions: Millimeters (Inches)
For other tolerances see Part No. Codes
For other voltages see Part No. Codes.
AVX Style
200
100
50
200
100
50
200
100
50
200
100
50
200
100
50
200 100
50
AVX Style
MA10
MA20
MA30
MA40
MA50
MA60
Length
4.07 ± .25
6.35 ± .25
6.09 ± .25
9.91 ± .25
12.7 ± .51
17.53 ± .51
(.160" ± .010")
(.250" ± .010")
(.240" ± .010")
(.390" ± .010")
(.500" ± .020")
(.690" ± .020")
Diameter
2.29 ± .25
2.29 ± .25
3.30 ± .25
3.56 ± .25
6.35 ± .38
8.89 ± .51
(.090" ± .010")
(.090" ± .010")
(.130" ± .010")
(.140" ± .010")
(.250" ± .015")
(.350" ± .015")
Lead
.48 ± .05
.48 ± .05
.48 ± .05
.63 ± .05
.63 ± .05
.63 ± .05
Diameter
(.019" ± .002")
(.019" ± .002")
(.019" ± .002")
(.025" ± .002")
(.025" ± .002")
(.025" ± .002")
Lead
25.4
25.4
25.4
25.4
25.4
25.4
Length
(1.00")
(1.00")
(1.00")
(1.00")
(1.00")
(1.00")
Cap. in
Typical AVX
WVDC
WVDC
WVDC
WVDC
WVDC
WVDC
pF
Part Nos.
1000
MA----5E102ZAA
1200
MA----5E122ZAA
1500
MA----5E152ZAA
1800
MA----5E182ZAA
2200
MA----5E222ZAA
2700
MA----5E272ZAA
3300
MA----5E332ZAA
3900
MA----5E392ZAA
4700
MA----5E472ZAA
5600
MA----5E562ZAA
6800
MA----5E682ZAA
8200
MA----5E822ZAA
10,000
MA----5E103ZAA
12,000
MA----5E123ZAA
15,000
MA----5E153ZAA
18,000
MA----5E183ZAA
22,000
MA----5E223ZAA
27,000
MA----5E273ZAA
33,000
MA----5E333ZAA
39,000
MA----5E393ZAA
47,000
MA----5E473ZAA
56,000
MA----5E563ZAA
68,000
MA----5E683ZAA
82,000
MA----5E823ZAA
100,000
MA----5E104ZAA
120,000
MA----5E124ZAA
150,000
MA----5E154ZAA
180,000
MA----5E184ZAA
220,000
MA----5E224ZAA
270,000
MA----5E274ZAA
330,000
MA----5E334ZAA
390,000
MA----5E394ZAA
470,000
MA----5E474ZAA
560,000
MA----5E564ZAA
680,000
MA----5E684ZAA
820,000
MA----5E824ZAA
1.0 µF
MA----5E105ZAA
1.2 µF
MA----5E125ZAA
1.5 µF
MA----5E155ZAA
1.8 µF
MA----5E185ZAA
2.2 µF
MA----5E225ZAA
2.7 µF
MA----5E275ZAA
3.3 µF
MA----5E335ZAA
3.9 µF
MA----5E395ZAA
4.7 µF
MA----5E475ZAA
5.6 µF
MA----5E565ZAA
6.8 µF
MA----5E685ZAA
8.2 µF
MA----5E825ZAA


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn