Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SR217C104CAA Datasheet(PDF) 36 Page - AVX Corporation

Part No. SR217C104CAA
Description  Multilayer CeramicLeaded Capacitors
Download  72 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AVX [AVX Corporation]
Homepage  http://www.avx.com
Logo 

SR217C104CAA Datasheet(HTML) 36 Page - AVX Corporation

Zoom Inzoom in Zoom Outzoom out
 36 / 72 page
background image
34
GENERAL DESCRIPTION
AVX MA Series
Molded Axial Leaded MLC
Temperature Coefficient: C0G (NP0), X7R, Z5U
50V, 100V and 200V
Case Material: Molded Epoxy
Lead Material: Solderable
Part Number Codes
Voltages: 50V = 5, 100V = 1, 200V = 2
Dielectric: C0G (NP0) = A, X7R = C, Z5U = E
Sig. Figures of Capacitance and Multiplier: First two digits are
the significant figures of capacitance. Third digit indicates the
additional number of zeros. For example, order 100,000 pF as
104. (For values below 10 pF, use “R” in place of decimal
point, e.g., 1R4 = 1.4 pF).
Capacitance Tolerances:
C0G (NP0): F = ±1.0%, J = ±5%, K = ±10%,
M = ±20%, D = ±.5pF <10 pF only
X7R: J = ±5%, K = ±10%, M = ±20%
Z5U: M = ±20%, Z = +80%, -20%
Failure Rate: Not Applicable
Leads: Standard
‡ C tolerance available C0G (NP0) from 1.0 to 9.1 pF only. Minimum
tolerance for values 10 pF - 100 pF is D or F whichever is greater.
Axial Leads/Ceralam®
L
LD
D
Lead Length
Min.
A5E
104
ZAA
910
HOW TO ORDER
AVX Styles: MA10, MA20, MA30, MA40, MA50, MA60
Part Number Example
MA10
5
E
10
4
Z
A
A
Molded Axial Size
Voltage
Dielectric
Sig. Figures of Capacitance
Multiplier (Additional no. of zeros)
Capacitance Tolerance
Failure Rate
Leads
MARKING (Example)
Line 1, A (for AVX), 5 = 50 Volts (V is optional), E = TC
Line 2, 104Z = Capacitance Code
Line 3, Tolerance, 2 digit Lot Code
Date Code: 9 = 1999
10 = Week
Four Digit Date Code Optional
Per MIL-Spec
Case Size
AVX
Lead
Style
MIL-C-11015
MIL-C-39014
MIL-C-20
Length (L)
Diameter (D)
Diameter (LD)
MA10
CK12
CKR11
CCR75/CC75
4.07 ± .25
2.29 ± .25
.48 ± .05
(.160" ± .010")
(.090" ± .010")
(.019" ± .002")
MA20
CK13
CKR12
CCR76/CC76
6.35 ± .25
2.29 ± .25
.48 ± .05
(.250" ± .010")
(.090" ± .010")
(.019" ± .002")
MA40
CK14
CKR14
CCR77/CC77
9.91 ± .25
3.56 ± .25
.63 ± .05
(.390" ± .010")
(.140" ± .010")
(.025" ± .002")
MA50
CK15
CKR15
CCR78/CC78
12.7 ± .51
6.35 ± .38
.63 ± .05
(.500" ± .020")
(.250" ± .015")
(.025" ± .002")
MA60
CK16
CKR16
CCR79/CC79
17.53 ± .51
8.89 ± .51
.63 ± .05
(.690" ± .020")
(.350" ± .015")
(.025" ± .002")
For Military/Established Reliability Molded/Axial Lead see MIL-C-11015, MIL-C-39014, MIL-C-20 Section.
Dimensions: Millimeters (Inches)
MILITARY CROSS REFERENCE AND DIMENSIONS GUIDE


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn