Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SR217C104CAA Datasheet(PDF) 24 Page - AVX Corporation

Part No. SR217C104CAA
Description  Multilayer CeramicLeaded Capacitors
Download  72 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AVX [AVX Corporation]
Homepage  http://www.avx.com
Logo 

SR217C104CAA Datasheet(HTML) 24 Page - AVX Corporation

Zoom Inzoom in Zoom Outzoom out
 24 / 72 page
background image
22
Radial Leads/Ceralam®
X7R
SIZE AND CAPACITANCE SPECIFICATIONS
Dimensions: Millimeters (Inches)
*Length, width and thickness dimensions are ±.254 mm (±.010"). Lead diameter is ±.05 mm (±.002"). Lead spacing is ±.381 mm (±.015").
= Industry preferred values
For trimmed leads see “How To Order”.
For other tolerances see “How To Order”.
For other voltages see “How To Order”.
AVX Style
MR04
MR05
MR06
MR07
MR08
Length*
4.83 (.190")
4.83 (.190")
7.36 (.290")
12.44 (.490")
12.44 (.490")
Width*
4.83 (.190")
4.83 (.190")
7.36 (.290")
12.44 (.490")
12.44 (.490")
Thickness*
2.28 (.090")
2.28 (.090")
2.28 (.090")
3.55 (.140")
6.09 (.240")
Lead Spacing*
2.54 (.100")
5.08 (.200")
5.08 (.200")
10.16 (.400")
10.16 (.400")
Lead Diameter*
.635 (.025")
.635 (.025")
.635 (.025")
.635 (.025")
.635 (.025")
Cap. in
Typical AVX
WVDC
WVDC
WVDC
WVDC
WVDC
pF
Part Nos.
100
MR-----5C101KAA
120
MR-----5C121KAA
150
MR-----5C151KAA
180
MR-----5C181KAA
220
MR-----5C221KAA
270
MR-----5C271KAA
330
MR-----5C331KAA
390
MR-----5C391KAA
470
MR-----5C471KAA
560
MR-----5C561KAA
680
MR-----5C681KAA
820
MR-----5C821KAA
1000
MR-----5C102KAA
1200
MR-----5C122KAA
1500
MR-----5C152KAA
1800
MR-----5C182KAA
2200
MR-----5C222KAA
2700
MR-----5C272KAA
3300
MR-----5C332KAA
3900
MR-----5C392KAA
4700
MR-----5C472KAA
5600
MR-----5C562KAA
6800
MR-----5C682KAA
8200
MR-----5C822KAA
10,000
MR-----5C103KAA
12,000
MR-----5C123KAA
15,000
MR-----5C153KAA
18,000
MR-----5C183KAA
22,000
MR-----5C223KAA
27,000
MR-----5C273KAA
33,000
MR-----5C333KAA
39,000
MR-----5C393KAA
47,000
MR-----5C473KAA
56,000
MR-----5C563KAA
68,000
MR-----5C683KAA
82,000
MR-----5C823KAA
100,000
MR-----5C104KAA
120,000
MR-----5C124KAA
150,000
MR-----5C154KAA
180,000
MR-----5C184KAA
220,000
MR-----5C224KAA
270,000
MR-----5C274KAA
330,000
MR-----5C334KAA
390,000
MR-----5C394KAA
470,000
MR-----5C474KAA
560,000
MR-----5C564KAA
680,000
MR-----5C684KAA
820,000
MR-----5C824KAA
1.0 µF
MR-----5C105KAA
1.2 µF
MR-----5C125KAA
1.5 µF
MR-----5C155KAA
1.8 µF
MR-----5C185KAA
2.0 µF
MR-----5C205KAA
2.2 µF
MR-----5C225KAA
2.7 µF
MR-----5C275KAA
3.3 µF
MR-----5C335KAA
3.9 µF
MR-----5C395KAA
4.7 µF
MR-----5C475KAA
200
100
50
200
100
50
200
100
50
200
100
50
200
100
50


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn