Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR215C104CAA Datasheet(PDF) 53 Page - AVX Corporation

Part # SR215C104CAA
Description  Multilayer CeramicLeaded Capacitors
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

SR215C104CAA Datasheet(HTML) 53 Page - AVX Corporation

Back Button SR215C104CAA Datasheet HTML 49Page - AVX Corporation SR215C104CAA Datasheet HTML 50Page - AVX Corporation SR215C104CAA Datasheet HTML 51Page - AVX Corporation SR215C104CAA Datasheet HTML 52Page - AVX Corporation SR215C104CAA Datasheet HTML 53Page - AVX Corporation SR215C104CAA Datasheet HTML 54Page - AVX Corporation SR215C104CAA Datasheet HTML 55Page - AVX Corporation SR215C104CAA Datasheet HTML 56Page - AVX Corporation SR215C104CAA Datasheet HTML 57Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 72 page
background image
51
MIL-C-39014/2Pin DIP
MILITARY DASH NUMBER IDENTIFICATION CKR23 to MIL-C-39014/22
(Dash Number From Table)
Military
Failure Rate Level (%/1,000 Hours)
Type
Standard Lead Length
Optional Longer Lead Length
Capacitance
Capacitance
Designation
1.0 (M)
0.1 (P)
0.01 (R) 0.001 (S) 1.0 (M)
0.1 (P)
0.01 (R) 0.001 (S)
(pF)
Tolerance
WVDC
Style CKR23, Voltage-temperature limits of 0 ± 60 ppm/°C
CKR23CG561F_
0258
0558
0858
1158
3258
3558
3858
4158
560
F
200
CKR23CG561J_
0259
0559
0859
1159
3259
3559
3859
4159
560
J
CKR23CG561K_
0260
0560
0860
1160
3260
3560
3860
4160
560
K
CKR23CG681F_
0261
0561
0861
1161
3261
3561
3861
4161
680
F
CKR23CG681J_
0262
0562
0862
1162
3262
3562
3862
4162
680
J
CKR23CG681K_
0263
0563
0863
1163
3263
3563
3863
4163
680
K
CKR23CG821F_
0264
0564
0864
1164
3264
3564
3864
4164
820
F
CKR23CG821J_
0265
0565
0865
1165
3265
3565
3865
4165
820
J
CKR23CG821K_
0266
0566
0866
1166
3266
3566
3866
4166
820
K
CKR23CG102F_
0267
0567
0867
1167
3267
3567
3867
4167
1,000
F
CKR23CG102J_
0268
0568
0868
1168
3268
3568
3868
4168
1,000
J
CKR23CG102K_
0269
0569
0869
1169
3269
3569
3869
4169
1,000
K
CKR23CG122F_
0270
0570
0870
1170
3270
3570
3870
4170
1,200
F
CKR23CG122J_
0271
0571
0871
1171
3271
3571
3871
4171
1,200
J
CKR23CG122K_
0272
0572
0872
1172
3272
3572
3872
4172
1,200
K
200
CKR23CG272F_
0273
0573
0873
1173
3273
3573
3873
4173
2,700
F
100
CKR23CG272J_
0274
0574
0874
1174
3274
3574
3874
4174
2,700
J
CKR23CG272K_
0275
0575
0875
1175
3275
3575
3875
4175
2,700
K
CKR23CG332F_
0276
0576
0876
1176
3276
3576
3876
4176
3,300
F
CKR23CG332J_
0277
0577
0877
1177
3277
3577
3877
4177
3,300
J
CKR23CG332K_
0278
0578
0878
1178
3278
3578
3878
4178
3,300
K
100
CKR23CG472F_
0279
0579
0879
1179
3279
3579
3879
4179
4,700
F
50
CKR23CG472J_
0280
0580
0880
1180
3280
3580
3880
4180
4,700
J
CKR23CG472K_
0281
0581
0881
1181
3281
3581
3881
4181
4,700
K
CKR23CG562F_
0282
0582
0882
1182
3282
3582
3882
4182
5,600
F
CKR23CG562J_
0283
0583
0883
1183
3283
3583
3883
4183
5,600
J
CKR23CG562K_
0284
0584
0884
1184
3284
3584
3884
4184
5,600
K
CKR23CG682F_
0285
0585
0885
1185
3285
3585
3885
4185
6,800
F
CKR23CG682J_
0286
0586
0886
1186
3286
3586
3886
4186
6,800
J
CKR23CG682K_
0287
0587
0887
1187
3287
3587
3887
4187
6,800
K
CKR23CG822F_
0288
0588
0888
1188
3288
3588
3888
4188
8,200
F
CKR23CG822J
0289
0589
0889
1189
3289
3589
3889
4189
8,200
J
CKR23CG822K_
0290
0590
0890
1190
3290
3590
3890
4190
8,200
K
CKR23CG103F_
0291
0591
0891
1191
3291
3591
3891
4191
10,000
F
CKR23CG103J_
0292
0592
0892
1192
3292
3592
3892
4192
10,000
J
CKR23CG103K_
0293
0593
0893
1193
3293
3593
3893
4193
10,000
K
50
Style CKR23, voltage-temperature limits of ±15% (+15%, -25% for Rated Voltage)
CKR23BX102K_
0196
0496
0796
1096
3196
3496
3796
4096
1,000
K
200
CKR23BX102M_
0197
0497
0797
1097
3197
3497
3797
4097
1,000
M
CKR23BX122K_
0198
0498
0798
1098
3198
3498
3798
4098
1,200
K
CKR23BX152K_
0199
0499
0799
1099
3199
3499
3799
4099
1,500
K
CKR23BX152M_
0200
0500
0800
1100
3200
3500
3800
4100
1,500
M
CKR23BX182K_
0201
0501
0801
1101
3201
3501
3801
4101
1,800
K
CKR23BX222K_
0202
0502
0802
1102
3202
3502
3802
4102
2,200
K
CKR23BX222M_
0203
0503
0803
1103
3203
3503
3803
4103
2,200
M
CKR23BX272K_
0204
0504
0804
1104
3204
3504
3804
4104
2,700
K
CKR23BX332K_
0205
0505
0805
1105
3205
3505
3805
4105
3,300
K
CKR23BX332M_
0206
0506
0806
1106
3206
3506
3806
4106
3,300
M
CKR23BX392K_
0207
0507
0807
1107
3207
3507
3807
4107
3,900
K
CKR23BX472K_
0208
0508
0808
1108
3208
3508
3808
4108
4,700
K
CKR23BX472M_
0209
0509
0809
1109
3209
3509
3809
4109
4,700
M
CKR23BX562K_
0210
0510
0810
1110
3210
3510
3810
4110
5,600
K
CKR23BX682K_
0211
0511
0811
1111
3211
3511
3811
4111
6,800
K
CKR23BX682M_
0212
0512
0812
1112
3212
3512
3812
4112
6,800
M
CKR23BX822K_
0213
0513
0813
1113
3213
3513
3813
4113
8,200
K
CKR23BX103K_
0214
0514
0814
1114
3214
3514
3814
4114
10,000
K
CKR23BX103M_
0215
0515
0815
1115
3215
3515
3815
4115
10,000
M
200
CKR23BX123K_
0216
0516
0816
1116
3216
3516
3816
4116
12,000
K
100
CKR23BX153K_
0217
0517
0817
1117
3217
3517
3817
4117
15,000
K
CKR23BX153M_
0218
0518
0818
1118
3218
3518
3818
4118
15,000
M
CKR23BX183K_
0219
0519
0819
1119
3219
3519
3819
4119
18,000
K
CKR23BX223K_
0220
0520
0820
1120
3220
3520
3820
4120
22,000
K
CKR23BX223M_
0221
0521
0821
1121
3221
3521
3821
4121
22,000
M
CKR23BX273K_
0222
0522
0822
1122
3222
3522
3822
4122
27,000
K
CKR23BX333K_
0223
0523
0823
1123
3223
3523
3823
4123
33,000
K
CKR23BX333M_
0224
0524
0824
1124
3224
3524
3824
4124
33,000
M
CKR23BX393K_
0225
0525
0825
1125
3225
3525
3825
4125
39,000
K
CKR23BX473K_
0226
0526
0826
1126
3226
3526
3826
4126
47,000
K
CKR23BX473M_
0227
0527
0827
1127
3227
3527
3827
4127
47,000
M
CKR23BX563K_
0228
0528
0828
1128
3228
3528
3828
4128
56,000
K
CKR23BX683K_
0229
0529
0829
1129
3229
3529
3829
4129
68,000
K
CKR23BX683M_
0230
0530
0830
1130
3230
3530
3830
4130
68,000
M
CKR23BX823K_
0231
0531
0831
1131
3231
3531
3831
4131
82,000
K
CKR23BX104K_
0232
0532
0832
1132
3232
3532
3832
4132
100,000
K
CKR23BX104M_
0233
0533
0833
1133
3233
3533
3833
4133
100,000
M
100
CKR23BX124K_
0234
0534
0834
1134
3234
3534
3834
4134
120,000
K
50
CKR23BX154K_
0235
0535
0835
1135
3235
3535
3835
4135
150,000
K
CKR23BX154M_
0236
0536
0836
1136
3236
3536
3836
4136
150,000
M
CKR23BX184K_
0237
0537
0837
1137
3237
3537
3837
4137
180,000
K
CKR23BX224K_
0238
0538
0838
1138
3238
3538
3838
4138
220,000
K
CKR23BX224M_
0239
0539
0839
1139
3239
3539
3839
4139
220,000
M
50
Add appropriate failure rate level letter (M, P, R or S)


Similar Part No. - SR215C104CAA

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
SR215C104CAA AVX-SR215C104CAA Datasheet
267Kb / 8P
   Radial Leads/SkyCap
More results

Similar Description - SR215C104CAA

ManufacturerPart #DatasheetDescription
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
Cornell Dubilier Electr...
M15R103K5-F CDE-M15R103K5-F Datasheet
157Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
CC0402KR ETC1-CC0402KR Datasheet
214Kb / 8P
   MULTILAYER CERAMIC CAPACITORS
logo
EPCOS
B37923K5100J070 EPCOS-B37923K5100J070 Datasheet
722Kb / 22P
   Multilayer ceramic capacitors
B37941X5333K060 EPCOS-B37941X5333K060 Datasheet
797Kb / 17P
   Multilayer ceramic capacitors
B37953 EPCOS-B37953 Datasheet
151Kb / 25P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
B0805R224KCT ETC2-B0805R224KCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
logo
EPCOS
B37931 EPCOS-B37931 Datasheet
120Kb / 13P
   Multilayer Ceramic Capacitors
logo
Panasonic Semiconductor
ECJ-2VF1C105Z PANASONIC-ECJ-2VF1C105Z Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
0603B104K500CT ETC1-0603B104K500CT Datasheet
4Mb / 21P
   MULTILAYER CERAMIC CAPACITORS
Jul. 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com