Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FXP72070053A Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # FXP72070053A
Description  FXP72 Freedom 2.4GHz Series Ground Coupled Antenna
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FXP72070053A Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  FXP72070053A Datasheet HTML 1Page - List of Unclassifed Manufacturers FXP72070053A Datasheet HTML 2Page - List of Unclassifed Manufacturers FXP72070053A Datasheet HTML 3Page - List of Unclassifed Manufacturers FXP72070053A Datasheet HTML 4Page - List of Unclassifed Manufacturers FXP72070053A Datasheet HTML 5Page - List of Unclassifed Manufacturers FXP72070053A Datasheet HTML 6Page - List of Unclassifed Manufacturers FXP72070053A Datasheet HTML 7Page - List of Unclassifed Manufacturers FXP72070053A Datasheet HTML 8Page - List of Unclassifed Manufacturers FXP72070053A Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
SPE-12-8-012/A/ZL
Page 4 of 12
IV. ANTENNA PARAMETERS
The next antenna parameter graphs like Return Loss, Smith Chart and VSWR were measured in
the Agilent 8753ES Vector Network Analyzer. The Gain, Efficiency and Radiation Patterns were
measured in the reliable Satimo 3D Scan System.
A. Return Loss Data
Figure 3. Return Loss for the FXP72 Antenna.
B. VSWR Data
Figure 4. VSWR for the FXP72 Antenna.


Similar Part No. - FXP72070053A

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
FXP72070053A TAOGLAS-FXP72070053A Datasheet
450Kb / 13P
   FXP72 Freedom 2.4GHz Series
More results

Similar Description - FXP72070053A

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
FXP72070053A TAOGLAS-FXP72070053A Datasheet
450Kb / 13P
   FXP72 Freedom 2.4GHz Series
FXP831090100C TAOGLAS-FXP831090100C Datasheet
1Mb / 18P
   FXP.831 Freedom 2.4GHz and 4.9-6GHz bands Ground Coupled Antenna
logo
List of Unclassifed Man...
FXP831.09.0100C ETC2-FXP831.09.0100C Datasheet
775Kb / 16P
   FXP.831 Freedom 2.4/5 GHz Ground Coupled Antenna
FXP831.07.0100C ETC2-FXP831.07.0100C Datasheet
768Kb / 16P
   FXP.831 Freedom 2.4/5 GHz Ground Coupled Antenna
FXP831070100C ETC2-FXP831070100C Datasheet
768Kb / 16P
   FXP.831 Freedom 2.4/5 GHz Ground Coupled Antenna
logo
Taoglas antenna solutio...
FXP831070100C TAOGLAS-FXP831070100C Datasheet
1Mb / 19P
   FXP.831 Freedom 2.4/4.9-6GHz Ground Coupled Antenna
logo
List of Unclassifed Man...
FXP831090100C ETC2-FXP831090100C Datasheet
775Kb / 16P
   FXP.831 Freedom 2.4/5 GHz Ground Coupled Antenna
FXP70070053A ETC2-FXP70070053A Datasheet
347Kb / 8P
   FXP70 Freedom 2.4GHz Multi Standard Antenna
logo
Taoglas antenna solutio...
FXP70070053A TAOGLAS-FXP70070053A Datasheet
765Kb / 11P
   FXP70 Freedom 2.4GHz Multi Standard Antenna
logo
Molex Electronics Ltd.
0479480001 MOLEX11-0479480001 Datasheet
202Kb / 3P
   2.4GHZ SMD ON GROUND ANTENNA CARRIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com