Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FXP72070053A Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FXP72070053A
Description  FXP72 Freedom 2.4GHz Series Ground Coupled Antenna
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FXP72070053A Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FXP72070053A Datasheet HTML 1Page - List of Unclassifed Manufacturers FXP72070053A Datasheet HTML 2Page - List of Unclassifed Manufacturers FXP72070053A Datasheet HTML 3Page - List of Unclassifed Manufacturers FXP72070053A Datasheet HTML 4Page - List of Unclassifed Manufacturers FXP72070053A Datasheet HTML 5Page - List of Unclassifed Manufacturers FXP72070053A Datasheet HTML 6Page - List of Unclassifed Manufacturers FXP72070053A Datasheet HTML 7Page - List of Unclassifed Manufacturers FXP72070053A Datasheet HTML 8Page - List of Unclassifed Manufacturers FXP72070053A Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
SPE-12-8-012/A/ZL
Page 1 of 12
SPECIFICATION
Part No.
:
FXP72.07.0053A
Product Name
:
FXP72 Freedom 2.4GHz Series
Ground Coupled Antenna
Feature
:
4dBi Gain
IPEX MHFI Connector (U.FL compatible)
53 mm Cable
31 x 31 x 0.1 mm
RoHS Compliant


Similar Part No. - FXP72070053A

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
FXP72070053A TAOGLAS-FXP72070053A Datasheet
450Kb / 13P
   FXP72 Freedom 2.4GHz Series
More results

Similar Description - FXP72070053A

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
FXP72070053A TAOGLAS-FXP72070053A Datasheet
450Kb / 13P
   FXP72 Freedom 2.4GHz Series
FXP831090100C TAOGLAS-FXP831090100C Datasheet
1Mb / 18P
   FXP.831 Freedom 2.4GHz and 4.9-6GHz bands Ground Coupled Antenna
logo
List of Unclassifed Man...
FXP831.09.0100C ETC2-FXP831.09.0100C Datasheet
775Kb / 16P
   FXP.831 Freedom 2.4/5 GHz Ground Coupled Antenna
FXP831.07.0100C ETC2-FXP831.07.0100C Datasheet
768Kb / 16P
   FXP.831 Freedom 2.4/5 GHz Ground Coupled Antenna
FXP831070100C ETC2-FXP831070100C Datasheet
768Kb / 16P
   FXP.831 Freedom 2.4/5 GHz Ground Coupled Antenna
logo
Taoglas antenna solutio...
FXP831070100C TAOGLAS-FXP831070100C Datasheet
1Mb / 19P
   FXP.831 Freedom 2.4/4.9-6GHz Ground Coupled Antenna
logo
List of Unclassifed Man...
FXP831090100C ETC2-FXP831090100C Datasheet
775Kb / 16P
   FXP.831 Freedom 2.4/5 GHz Ground Coupled Antenna
FXP70070053A ETC2-FXP70070053A Datasheet
347Kb / 8P
   FXP70 Freedom 2.4GHz Multi Standard Antenna
logo
Taoglas antenna solutio...
FXP70070053A TAOGLAS-FXP70070053A Datasheet
765Kb / 11P
   FXP70 Freedom 2.4GHz Multi Standard Antenna
logo
Molex Electronics Ltd.
0479480001 MOLEX11-0479480001 Datasheet
202Kb / 3P
   2.4GHZ SMD ON GROUND ANTENNA CARRIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com