Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SR217C104GAT Datasheet(PDF) 71 Page - AVX Corporation

Part No. SR217C104GAT
Description  Multilayer CeramicLeaded Capacitors
Download  72 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AVX [AVX Corporation]
Homepage  http://www.avx.com
Logo 

SR217C104GAT Datasheet(HTML) 71 Page - AVX Corporation

 
Zoom Inzoom in Zoom Outzoom out
 71 / 72 page
background image
69
SkyCap – CECC
SR15 = D2
SR20 = D6
SR21 = D7
SR30 = D11
SR40 = D15
SR50 = D14
SR65 = D16
European Detail Specifications
CECC 30-601 & 30-701
SkyCap, SpinGuards and Ceralam capacitors are available
to European CECC specifications covering three standard
dielectric materials: 1B/C0G, 2C1/X7R and 2F4/Y5V.
To order use AVX part number with the Failure Rate code of
“T” for CECC.
SpinGuard – CECC
1B/A
2C1/C
2F4/E
BSCECC 30 601 010 Issue 1
BSCECC 30 701 014 Issue 1
BSCECC 30 701 015 Issue 1
50V
100V
200V
50V
100V
200V
50V
100V
A/SA10
1R0-102
1R0-102
1R0-681
221-393
221-273
221-682
102-224
102-154
B/SA20
1R0-222
1R0-222
1R0-152
271-823
271-563
271-153
472-474
472-334
C/SA30
3R3-562
3R3-472
3R3-392
561-184
561-154
561-333
103-105
103-824
Molded Radial – CECC
1B/A
2C1/C
2F4/E
CECC 30 601 009 Issue 1
CECC 30 701 007 Issue 1
CECC 30 701 008 Issue 1
50V
100V
200V
50V
100V
200V
50V
100V
B/MR05
1R0-682
1R0-472
1R0-332
221-224
221-154
221-393
103-125
103-224
C/MR06
1R0-223
1R0-153
1R0-123
122-105
122-474
122-124
223-335
223-684
1B/A
2C1/C
2F4/E
CECC 30 601 801 Issue 2
CECC 30 701 801 Issue 2
CECC 30 701 802 Issue 1
50V
100V
200V
500V
50V
100V
200V
500V
50V
100V
SR15
1R0-122
1R0-681
1R0-471
221-333
221-273 221-562
103-154
103-393
SR20
1R0-682
1R0-392
1R0-392
1R0-152
102-184
102-124 102-333
102-103
103-824
103-224
SR21
1R0-682
1R0-392
1R0-392
1R0-152
102-184
102-124 102-333
102-153
103-824
103-224
SR30
102-273
102-223
102-223
101-472
333-105
333-334 333-124
103-473
104-225
104-684
SR40
103-563
103-393
103-393
334-155
334-105 124-274
105-156
105-335
SR50
103-104
103-823
103-563
104-155
104-185 104-564
225-276
225-685
SR65
102-273
102-223
102-103
101-472
333-105
333-334 333-124
103-473
104-225
104-684


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn