Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SR217C104GAT Datasheet(PDF) 70 Page - AVX Corporation

Part No. SR217C104GAT
Description  Multilayer CeramicLeaded Capacitors
Download  72 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AVX [AVX Corporation]
Homepage  http://www.avx.com
Logo 

SR217C104GAT Datasheet(HTML) 70 Page - AVX Corporation

 
Zoom Inzoom in Zoom Outzoom out
 70 / 72 page
background image
68
MIL-C-123
M123A
02BPC
271FC
JAN
271 F
100 V
9910AA
12345
Cap. Value
Cap. Tolerance and Voltage
Date and 2 Digit Lot Code
FSCM
Part Number
CKS06, -/02
M123A
01BPC
4R7CC
JAN
9910AA
12345
Date and 2 Digit Lot Code
FSCM
Part Number
CKS05, -/01
Radials
123A
270F
9910
BUJAP
Spec. Number and Modification Code
Cap. Value and Tolerance
Date Code
Manufacturer’s Trademark and TC Code
Lot Code and “J”
CKS11, -/04
Axials
Mfg. ID
Cap. Value and Tol.
Top
CKS22, -/16; CKS23 -/17; & CKS24 -/18
2 Pin DIP
A123271K
Date and Lot Code
Bottom
JP9910BU
J123A
05BPC
111CW
9910BU
12345
Part Number
Date and Lot Code
FSCM
“J”
CKS12, -/05
M123A06
BPC241FW
241 F
100 V
J 9910BU
12345
Part Number
Cap. Tolerance
Voltage
Date and Lot Code
FSCM
“J”
CKS14, -/06
Cap. Value
M123A07
BPC241FW
241 F
100 V
J 9910BU
12345
Part Number
Cap. Tolerance
Voltage
Date and Lot Code
FSCM
“J”
CKS15, -/07
Cap. Value
M123A08
BPC241FW
241 F
100 V
J 9910BU
12345
Part Number
Cap. Tolerance
Voltage
Date and Lot Code
FSCM
“J”
CKS16, -/08
Cap. Value
MARKING
MIL-C-123
MIL-C-39014
MIL-C-20
MIL-C-55681
AVX CATALOG
CKS #
M123/ -
CKR #
M39014/ -
CCR #
M20/ -
CDR #
M55681/ -
CKS05
/1
CKR05
/01
CCR05
/35
N/A
N/A
MR05
CKS06
/2
CKR06
/02
CCR06
/36
N/A
N/A
MR06
CKS11
/4
CKR11
/05
CCR75
/27
N/A
N/A
MA10
CKS12
/5
CKR12
/05
CCR76
/28
N/A
N/A
MA20
CKS14
/6
CKR14
/05
CCR77
/29
N/A
N/A
MA40
CKS15
/7
CKR15
/05
CCR78
/30
N/A
N/A
MA50
CKS16
/8
CKR16
/05
CCR79
/31
N/A
N/A
MA60
CKS51
/10
N/A
N/A
N/A
N/A
CDR01
/1
0805
CKS52
/11
N/A
N/A
N/A
N/A
N/A
N/A
1210
CKS53
/12
N/A
N/A
N/A
N/A
CDR03
/1
1808
CKS54
/13
N/A
N/A
N/A
N/A
CDR06
/3
2225
CKS22
/16
CKR22
/22
N/A
N/A
N/A
N/A
MD01
CKS23
/17
CKR23
/22
N/A
N/A
N/A
N/A
MD02
CKS24
/18
CKR24
/22
N/A
N/A
N/A
N/A
MD03
MILITARY PART NUMBER CROSS REFERENCE MIL-C-123/


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn