Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SR217C104GAT Datasheet(PDF) 59 Page - AVX Corporation

Part No. SR217C104GAT
Description  Multilayer CeramicLeaded Capacitors
Download  72 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AVX [AVX Corporation]
Homepage  http://www.avx.com
Logo 

SR217C104GAT Datasheet(HTML) 59 Page - AVX Corporation

Zoom Inzoom in Zoom Outzoom out
 59 / 72 page
background image
57
HOW TO ORDER
Military Type Designation:
Established Reliability = CCR05, CCR06, CCR07, CCR08, CCR09
Non-Established Reliability = CC05, CC06, CC07, CC08, CC09
MIL-C-20/Radial Leads
MIL Part No. Codes
Style: CC = Identifies temperature compensating,
ceramic dielectric, fixed capacitors.
R = Identifies Established Reliability parts.
06 = Numbers identify shape and dimension.
Temperature Characteristic:
1/ Not practically measurable.
2/ The ppm/°C values for -55°C were calculated by dividing ppm by
negative 80°C.
Capacitance Code:
First two digits are the significant figures of capacitance.
Third digit indicates the additional number of zeros. For
example, order 18,000 pF as 183. (For values below 10
pF, use “R” in place of decimal point, e.g., 1R4 = 1.4pF).
Capacitance Tolerance:
C = ±0.25 pF, D = ±0.5 pF, F = ±1%, G = ±2%,
J = ±5%, K = ±10%
Military Failure Rate:
M = 1% per 1000 hours, P = 0.1% per 1000 hours,
R = 0.01% per 1000 hours, S = 0.001% per 1000 hours.
PACKAGING REQUIREMENTS
Packaging: CCR0X: 100 pcs/bag; CC0X: 1000 pcs/bag
Permissible capacitance change from capacitance at +25°C in ppm/°C
Temp.
Characteristic
CX
CK
CJ
CH
CG
+125°C
1/
±250 ppm/°C ±120 ppm/°C
±60 ppm/°C
±30 ppm/°C
-55°C 2/
1/
+246.25
+116.25
+55.00
+27.50
-326.25
-166.25
-91.25
-53.75
SIZE SPECIFICATIONS
Dimensions: Millimeters (Inches)
Per MIL
Spec
Case Size
Lead
Lead
MIL-C-20
Length
Width
Thickness
Spacing
Diameter
(L)
(W)
(T)
(L.S.)
(L.D.)
CCR05/CC05
4.83±.25
4.83±.25
2.29±.25
5.08±.38
.64±.05
Figures 1, 4
(.190±.010) (.190±.010)
(.090±.010) (.200±.015) (.025±.002)
CCR06/CC06
7.37±.25
7.37±.25
2.29±.25
5.08±.38
.64±.05
Figures 2, 3
(.290±.010) (.290±.010)
(.090±.010) (.200±.015) (.025±.002)
CCR07/CC07
12.19±.51
12.19±.51
3.56±.25
10.16±.51
.64±.05
Figure 2
(.480±.020) (.480±.020)
(.140±.010) (.400±.020) (.025±.002)
CCR08/CC08
12.19±.51
12.19±.51
6.1±.25
10.16±.51
.64±.05
Figure 2
(.480±.020) (.480±.020)
(.240±.010) (.400±.020) (.025±.002)
CCR09/CC09
4.83±.25
4.83±.25
2.29±.25
2.54±.38
.64±.05
Figure 2
(.190±.010) (.190±.010)
(.090±.010) (.100±.015) (.025±.002)
L.D.
L.D.
L.D.
L.D.
L.S.
L.S.
L.S.
L.S.
W
W
W
W
T
T
T
L
L
L
L
1.250 Min.
1.250 Min.
Figure 1
Figure 2
Figure 4
Figure 3
Military Type
Capacitance
Capacitance
Designation
(pF)
Tolerance
WVDC
CC05-CCR05, CC09-CCR09
CCR05CX1R0_
1.0
C
200
CCR05CX1R1_
1.1
C
200
CCR05CX1R2_
1.2
C
200
CCR05CX1R3_
1.3
C
200
CCR05CX1R5_
1.5
C
200
CCR05CX1R6_
1.6
C
200
CCR05CX1R8_
1.8
C
200
CCR05CX2R0_
2.0
C
200
CCR05CK2R2_
2.2
C
200
CCR05CK2R4_
2.4
C
200
CCR05CK2R7_
2.7
C, D
200
CCR05CK3R0_
3.0
C, D
200
CCR05CK3R3_
3.3
C, D
200
CCR05CK3R6_
3.6
C, D
200
CCR05CK3R9_
3.9
C, D
200
Military Type
Capacitance
Capacitance
Designation
(pF)
Tolerance
WVDC
CC05-CCR05, CC09-CCR09
CCR05CJ4R3_
4.3
C, D
200
CCR05CJ4R7_
4.7
C, D
200
CCR05CJ5R1_
5.1
C, D
200
CCR05CJ5R6_
5.6
C, D
200
CCR05CJ6R2_
6.2
C, D
200
CCR05CJ6R8_
6.8
C, D
200
CCR05CJ7R5_
7.5
C, D
200
CCR05CH8R2_
8.2
C, D
200
CCR05CH9R1_
9.1
C, D
200
CCR05CH100_
10
G, J
200
CCR05CH110_
11
G, J
200
CCR05CH120_
12
G, J
200
CCR05CH130_
13
G, J
200
CCR05CH150_
15
G, J
200
CCR05CH160_
16
G, J
200
Add appropriate failure rate level (M, P, R, or S), add V for Stand-off
Add appropriate cap. tolerance letter
Add appropriate failure rate level (M, P, R, or S), add V for Stand-off
Add appropriate cap. tolerance letter
Part Number Example
CCR06
CG
183
J
R
(V)
Style
Temperature Characteristic
Capacitance Code
Capacitance Tolerance
Military Failure Rate
Stand-off Option
To order stand-off option, place “V” at the end of the part number.
For example: CCR05CG332FSV.
MILITARY PART NUMBER IDENTIFICATION


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn