Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SR217C104GAT Datasheet(PDF) 58 Page - AVX Corporation

Part No. SR217C104GAT
Description  Multilayer CeramicLeaded Capacitors
Download  72 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AVX [AVX Corporation]
Homepage  http://www.avx.com
Logo 

SR217C104GAT Datasheet(HTML) 58 Page - AVX Corporation

Zoom Inzoom in Zoom Outzoom out
 58 / 72 page
background image
56
MIL-C-11015/Axial Leads
Military Part Number Identification CK12 thru CK16
Military Type
Capacitance
Capacitance
Designation
(pF)
Tolerance
WVDC
CK12 (BX)
CK12BX100_
10
K, M
100
CK12BX120K
12
K
100
CK12BX150_
15
K, M
100
CK12BX180K
18
K
100
CK12BX220_
22
K, M
100
CK12BX270K
27
K
100
CK12BX330_
33
K, M
100
CK12BX390K
39
K
100
CK12BX470_
47
K, M
100
CK12BX560K
56
K
100
CK12BX680_
68
K, M
100
CK12BX820K
82
K
100
CK12BX101_
100
K, M
100
CK12BX121K
120
K
100
CK12BX151_
150
K, M
100
CK12BX181K
180
K
100
CK12BX221_
220
K, M
100
CK12BX271K
270
K
100
CK12BX331_
330
K, M
100
CK12BX391K
390
K
100
CK12BX471_
470
K, M
100
CK12BX561K
560
K
100
CK12BX681_
680
K, M
100
CK12BX821K
820
K
100
CK12BX102_
1,000
K, M
100
CK12BX122K
1,200
K
100
CK12BX152_
1,500
K, M
100
CK12BX182K
1,800
K
100
CK12BX222_
2,200
K, M
100
CK12BX272K
2,700
K
100
CK12BX332_
3,300
K, M
100
CK12BX392K
3,900
K
100
CK12BX472_
4,700
K, M
100
CK12BX562K
5,600
K
50
CK12BX682_
6,800
K, M
50
CK12BX822K
8,200
K
50
CK12BX103_
10,000
K, M
50
CK13 (BX)
CK13BX562K
5,600
K
100
CK13BX682_
6,800
K, M
100
CK13BX822K
8,200
K
100
CK13BX103_
10,000
K, M
100
CK13BX123K
12,000
K
50
CK13BX153_
15,000
K, M
50
CK13BX183K
18,000
K
50
CK13BX223_
22,000
K, M
50
CK13 (BR)
CK13BR273K
27,000
K
50
CK13BR333_
33,000
K, M
50
CK13BR393K
39,000
K
50
CK13BR473_
47,000
K, M
50
Military Type
Capacitance
Capacitance
Designation
(pF)
Tolerance
WVDC
CK14 (BX)
CK14BX123K
12,000
K
100
CK14BX153_
15,000
K, M
100
CK14BX183K
18,000
K
100
CK14BX223_
22,000
K, M
100
CK14BX273K
27,000
K
100
CK14BX333_
33,000
K, M
100
CK14BX393K
39,000
K
100
CK14BX473_
47,000
K, M
100
CK14 (BR)
CK14BR563K
56,000
K
100
CK14BR683_
68,000
K, M
100
CK14BR823K
82,000
K
100
CK14BR104_
100,000
K, M
100
CK14BR124K
120,000
K
50
CK14BR154_
150,000
K, M
50
CK14BR184K
180,000
K
50
CK14BR224_
220,000
K, M
50
CK14BR274K
270,000
K
50
CK15 (BX)
CK15BX104K
100,000
K, M
100
CK15 (BR)
CK15BR124K
120,000
K
100
CK15BR154_
150,000
K, M
100
CK15BR184K
180,000
K
100
CK15BR224_
220,000
K, M
100
CK15BR274K
270,000
K
100
CK15BR334_
330,000
K, M
100
CK15BR474K
470,000
K, M
50
CK15BR105_
1,000,000
K, M
50
CK16 (BR)
CK16BR474K
470,000
K, M
100
CK16BR105_
1,000,000
K, M
100
CK16BR225_
2,200,000
K, M
50
CK16BR335_
3,300,000
K, M
50
Add Capacitance Tolerance Letter K = ±10% or M = ±20%
Add Capacitance Tolerance Letter K = ±10% or M = ±20%
MARKING
Style
Temperature Characteristic
Capacitance Value
(3 digit code) and Cap. Tolerance
Date Code
Mfg. I.D. Code
CK12
BX
103K
9910
AVX
CK14BR
104K
9910
AVX
Style and Temp. Characteristic
Capacitance Value and Cap. Tolerance
Date Code
Mfg. I.D. Code
CK12/CK13
CK14, CK15, CK16


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn