Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SR217C104GAT Datasheet(PDF) 57 Page - AVX Corporation

Part No. SR217C104GAT
Description  Multilayer CeramicLeaded Capacitors
Download  72 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AVX [AVX Corporation]
Homepage  http://www.avx.com
Logo 

SR217C104GAT Datasheet(HTML) 57 Page - AVX Corporation

Zoom Inzoom in Zoom Outzoom out
 57 / 72 page
background image
55
HOW TO ORDER
Military Type Designation: Styles CK12, CK13, CK14, CK15, CK16
Part Number Example
CK12
BX
103
K
Style
Voltage-Temperature Limits
Capacitance Code
Capacitance Tolerance
MIL-C-11015/Axial Leads
MIL Part No. Codes
Style: CK = general purpose, ceramic dielectric, fixed
capacitors.
12 = Remaining two numbers identify shape and
dimension.
Voltage-Temperature Limits:
First letter identifies temperature range.
B = -55°C to +125°C
Second letter identifies voltage-temperature coefficient.
Sig. Fig. Capacitance and Multiplier:
First two digits are the significant figures of capacitance.
Third digit indicates the additional number of zeros. For
example, order 10,000 pF as 103.
Capacitance Tolerances: K = ±10%, M = ±20%
PACKAGING REQUIREMENTS
Packaging: Bulk
CK12, 13 & 14 100 pcs per bag
CK15 & 16
50 pcs per bag
Tape & Reel
CK12, 13
5000 pcs per reel
CK14
3000 pcs per reel
CK15
950 pcs per reel
CK16
650 pcs per reel
Capacitance Change with Reference to 25°C
Second Letter
No Voltage
Rated Voltage
R
+15, -15%
+15, -40%
X
+15, -15%
+15, -25%
SIZE SPECIFICATIONS
Dimensions: Millimeters (Inches)
L
1.25
MIN.
L.D.
D
Case
Size
Per MIL Spec
MIL-C-11015
CK12
CK13
CK14
CK15
CK16
Length (L)
4.07±.25
6.35±.25
9.91±.25
12.7±.51
17.53±.51
(.160±.010) (.250±.010) (.390±.010) (.500±.020) (.690±.020)
Diameter (D)
2.29±.25
2.29±.25
3.56±.25
6.35±.38
8.89±.51
(.090±.010) (.090±.010) (.140±.010) (.250±.015) (.350±.020)
Lead
.48±.05
.48±.05
.63±.05
.63±.05
.63±.05
Diameter (L.D.)
(.019±.002) (.019±.002) (.025±.002) (.025±.002) (.025±.002)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn