Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SR217C104GAT Datasheet(PDF) 48 Page - AVX Corporation

Part No. SR217C104GAT
Description  Multilayer CeramicLeaded Capacitors
Download  72 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AVX [AVX Corporation]
Homepage  http://www.avx.com
Logo 

SR217C104GAT Datasheet(HTML) 48 Page - AVX Corporation

Zoom Inzoom in Zoom Outzoom out
 48 / 72 page
background image
46
MIL-C-39014/Axial Leads
MILITARY DASH NUMBER IDENTIFICATION CKR15/16 to MIL-C-39014/05
(Dash Number From Table)
Military
Failure Rate Level (%/1,000 Hours)
Capacitance
Type
Capacitance
Tolerance
Designation
1.0 (M)
0.1 (P)
0.01 (R)
0.001 (S)
(pF)
±Percent
WVDC
CKR15 (BR)
CKR15BR124K_
2712
2912
2112
2312
120,000
10
100
CKR15BR154K_
2713
2913
2113
2313
150,000
10
100
CKR15BR154M_
2714
2914
2114
2314
150,000
20
100
CKR15BR184K_
2715
2915
2115
2315
180,000
10
100
CKR15BR224K_
2716
2916
2116
2316
220,000
10
100
CKR15BR224M_
2717
2917
2117
2317
220,000
20
100
CKR15BR274K_
2718
2918
2118
2318
270,000
10
100
CKR15BR334K_
2719
2919
2119
2319
330,000
10
100
CKR15BR334M_
2720
2920
2120
2320
330,000
20
100
CKR15BR474K_
2721
2921
2121
2321
470,000
10
50
CKR15BR474M_
2722
2922
2122
2322
470,000
20
50
CKR15BR684K_
2723
2923
2123
2323
680,000
10
50
CKR15BR684M_
2724
2924
2124
2324
680,000
20
50
CKR15BR105K_
2725
2925
2125
2325
1,000,000
10
50
CKR15BR105M_
2726
2926
2126
2326
1,000,000
20
50
CKR16 (BR)
CKR16BR474K_
2727
2927
2127
2327
470,000
10
100
CKR16BR474M_
2728
2928
2128
2328
470,000
20
100
CKR16BR684K_
2729
2929
2129
2329
680,000
10
100
CKR16BR684M_
2730
2930
2130
2330
680,000
20
100
CKR16BR105K_
2731
2931
2131
2331
1,000,000
10
100
CKR16BR105M_
2732
2932
2132
2332
1,000,000
20
100
CKR16BR225K_
2733
2933
2133
2333
2,200,000
10
50
CKR16BR225M_
2734
2934
2134
2334
2,200,000
20
50
CKR16BR335K_
2735
2935
2135
2335
3,300,000
10
50
CKR16BR335M_
2736
2936
2136
2336
3,300,000
20
50
Add appropriate failure rate level letter (M, P, R or S)
MARKING
J for JAN, A for AVX
Capacitance Value (3 digit code)
K for Cap. Tol. code (K
±10%, M±20%
S for failure rate, 2 digit year
2 digit week, 2 digit Lot Code
J A
100
KS99
10AA
CKR11
CKR12
2257J
9910AA
04222
Style
Military Slash/Dash Number "J" or "JA"
4 digit Date Code, 2 digit Lot Code
AVX FSCM
CKR12
M39014
5-2291
AVX
9910AA
J50V
104K
Abb. Military Part Number
Military Slash/Dash Number
Mfg. I.D. Symbol
4 digit Date Code, 2 digit Lot Code
"J" Brand Symbol, Voltage
Capacitance Value (3 digit code)
and Cap. Tolerance
CKR14, 15, 16
CROSS REFERENCE CHART - AVX MILITARY FOR MOLDED AXIAL LEAD
Per Mil-Spec
Case Size
AVX
Lead
Style
MIL-C-11015
MIL-C-39014
MIL-C-20
Length (L)
Diameter (D)
Diameter (L.D.)
MA10
CK12
CKR11
CCR75/CC75
4.07 ±.25
2.29±.25
.48±.05
(.160±.010)
(.090±.010)
(.019±.002)
MA20
CK13
CKR12
CCR76/CC76
6.35 ±.25
2.29±.25
.48±.05
(.250 ±.010)
(.090±.010)
(.019±.002)
MA30
6.10 ±.25
3.30±.25
.48±.05
(.240±.010)
(.130±.010)
(.019±.002)
MA40
CK14
CKR14
CCR77/CC77
9.91±.25
3.56±.25)
.63±.05
(.390±.010)
(.140±.010)
(.025±.002)
MA50
CK15
CKR15
CCR78/CC78
12.7±.51
6.35±.38
.63±.05
(.500±.020)
(.250±.015)
(.025±.002)
MA60
CK16
CKR16
CCR79/CC79
17.53±.51
8.89±.51
.63±.05
(.690±.020)
(.350±.015)
(.025±.002)
Dimensions: Millimeters (Inches)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn