Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SR217C104GAT Datasheet(PDF) 41 Page - AVX Corporation

Part No. SR217C104GAT
Description  Multilayer CeramicLeaded Capacitors
Download  72 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AVX [AVX Corporation]
Homepage  http://www.avx.com
Logo 

SR217C104GAT Datasheet(HTML) 41 Page - AVX Corporation

Zoom Inzoom in Zoom Outzoom out
 41 / 72 page
background image
39
MIL-C-39014/Radial Leads
L.D.
L.D.
L.S.
L.S.
W
W
T
L
L
Figure 1
Figure 2
L.D.
L.D.
L.S.
L.S.
W
W
T
T
L
L
1.250 Min.
1.250 Min.
Figure 4
Figure 3
HOW TO ORDER
Military Type Designation: Styles CKR04, CKR05, CKR06, CKR08
Dash Number Option: MIL-C-39014/01 (Appropriate Dash Number)
Part Number Example
CKR05
BX
104
K
S
(V)
Style
Voltage-Temperature Limits
Capacitance Code
Capacitance Tolerance
Military Failure Rate
Standoff Option
MIL Part No. Codes
Style: CK = General purpose, ceramic dielectric, fixed
capacitors.
R = Established Reliability parts.
05 = Remaining two numbers identify shape and
dimension.
Voltage-Temperature Limits: First letter identifies temperature
range. B = -55°C to +125°C
Second letter identifies voltage-temperature coefficient.
Sig. Fig. Capacitance and Multiplier:
First two digits are the significant figures of capacitance.
Third digit indicates the additional number of zeros. For
example, order 100,000 pF as 104. (For values below 10 pF,
use “R” in place of decimal point, e.g., 1R4 = 1.4 pF).
Capacitance Tolerances: K = ±10%, M = ±20%
Military Failure Rate: M = 1% per 1000 hours; P = 0.1% per
1000 hours; R = 0.01% per 1000 hours; S = 0.001% per
1000 hours
Note: AVX reserves the right to substitute a lower failure rate
part per MIL-C-39014. Substitutability for failure rate levels
shall be as follows:
Capacitance Change with Reference to 25°C
Second Letter
No Voltage
Rated Voltage
X
+15, -15%
+15, -25%
Failure Rate Level
Will Replace Failure Rate Level
S (STD) (X-ray)
R, P, M, L
R (STD) (No X-ray)
P, M, L
P
M,L
ML
To order standoff option, place “V” at the end of the part
number. For example: CKRO5BXIO4KSV.
PACKAGING REQUIREMENTS
Packaging: 100 Pcs/bag; Radial Tape and Reel Packaging
available upon request (2500 pcs./reel).
SIZE SPECIFICATIONS
Dimensions: Millimeters (Inches)
Per Mil Spec
Case Size
Length
Width
Thickness
Lead
Lead
MIL-C-39014
(L)
(W)
(T)
Spacing
Diameter
(L.S.)
(L.D.)
CKR04
4.83±.25
4.83±.25
2.29±.25
2.54±.38
.64±.05
(Fig. 2)
(.190±.010)
(.190±.010) (.090±.010)
(.100±.015)
(.025±.002)
CKR05
4.83±.25
4.83±.25
2.29±.25
5.08±.38
.64±.05
(Fig. 1, 4)
(.190±.010)
(.190±.010) (.090±.010)
(.200±.015)
(.025±.002)
CKR06
7.37±.25
7.37±.25
2.29±.25
5.08±.38
.64±.05
(Fig. 2, 3)
(.290±.010)
(.290±.010) (.090±.010)
(.200±.015)
(.025±.002)
CKR08
7.37±.25
7.37±.25
3.68±.38
5.08±.38
.64±.05
(Fig. 2)
(.290±.010)
(.290±.010) (.145±.015)
(.200±.015)
(.025±.002)
MARKING Radial Lead
Front
M390
14/01
1595
J AVX
9910
A
M39014
2-1350
AVX
9910A
J 50V
105K
Abb. Military Part Number
Military Slash/Dash Number
Mfg. I.D. Symbol
Mfg. I.D. Symbol
Date Code
Lot Code
Abb. Military Part Number
Military Slash Number
Military Dash Number
Date Code
Lot Code
J for JAN
Voltage Rating
Capacitance Value
(3 digit Code)
& Cap. Tol.
J for JAN
Back
CKR04/CKR05
CKR06/CKR08


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn