Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SR217C104GAT Datasheet(PDF) 28 Page - AVX Corporation

Part No. SR217C104GAT
Description  Multilayer CeramicLeaded Capacitors
Download  72 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AVX [AVX Corporation]
Homepage  http://www.avx.com
Logo 

SR217C104GAT Datasheet(HTML) 28 Page - AVX Corporation

Zoom Inzoom in Zoom Outzoom out
 28 / 72 page
background image
26
Two Pin DIP/DIPGuard®
L
SEE
NOTE 1
SEE
NOTE 2
.012
±.004
.325
±.035
.400 max.
T
MAX.
MAX.
H
MAX.
H
.015
.148
±.028
MIN.
.019
± .004
.0575
± .0125
1
2
Note 1 = Leads centered within
±.010"
Note 2 = Angle shall be 95
°, +10°, -5°
.019
±.004
.010 MAX.
60
° TYP.
±20°
±.005
.025
±.002
.123 DIA. THRU 2 HOLES
L
W
T
H
O
H
C
HI
W
C
W
I
W
O
See Table
MARKING
Part Number Example
MD015 E 104MAB
Top of Unit:
A
5
E
104
M
Voltage
Y, 1, or 5
3 Digit Code
For Capacitance
Dielectric
A = C0G (NP0)
C = X7R
E = Z5U
G = Y5V
PACKAGING REQUIREMENTS
Standard Packaging: 200 pieces per slide pack.
Slide Package Dimensions
MD01
MD02
MD03
(HO) Overall Height
.400 ref.
.430 ref.
.545 ref.
(HC) Channel Height
.141 ± .006
.171 ± .006
.295 ± .010
(HI) Inside Height
.350
.380
.495
(WO) Overall Width
.540 ref.
.540 ref.
.600 ref.
(WI) Inside Width
.490
.490
.550
(WC) Channel Width
.210
.210
.170
(WT) Top Width
.350
.310
.300
(L) Length
20.073 ± .06 20.073 ± .06
20.073 ± .06
HOW TO ORDER
AVX Styles: MD01, CKR22*, CKS22**, MD02, CKR23*,
CKS23**, MD03, CKR24*, CKS24**
Part Number Example
MD01
5
E
10
4
M
A
B
AVX Style
Voltage
Temperature Coefficient
Sig. Figures of Capacitance
Multiplier (Additional no. of zeros)
Capacitance Tolerance
Failure Rate Not Applicable
Assembly Method
GENERAL INFORMATION
AVX MD Series
Temperature Coefficients: C0G (NP0), X7R, Z5U, Y5V
50, 100 Volts
For established reliability DIPGuards see MIL-C-39014 section
on pages 47 to 52.
Part Number Codes
Voltages: 16V = Y, 50V = 5, 100V = 1
Temp. Coefficient: C0G (NP0) = A, X7R = C,
Z5U = E, Y5V = G
Sig. Figures Capacitance and Multiplier:
First two digits are the significant figures of capacitance.
Third digit indicates the additional number of zeros. For
example, order 100,000 pF as 104.
Capacitance Tolerances:
C0G (NP0): F = ±1%, J = ±5%, K= ±10%
X7R: J = ±5%, K = ±10%, M = ±20%
Z5U: M = ±20%, Z = +80%, -20%
Y5V: M = ±20%, Z = +80%, -20%
Failure Rate: A = Not Applicable
Assembly Method: A = Hand Assembled,
B = Automated Assembly
* Reference pages 47 to 52.
** Reference page 67.
Tolerance
Code
AVX


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn